![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0351841000 Active 2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Natural, 10 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-35053-001 (PDF) Product Specification PS-35184-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Product Name Crimp Housings 35184 N/A Physical Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating No 10 Natural 94V-0 Male No None Yes Nylon 1 Bag No 0.098 In 2.50 mm -40C to +105C Search Parts in this Series 35184Series Mates With 35155 Wire-to-Board Housing, 35572 Wireto-Wire and Wire-to-Board Housing Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-35053-001, PS-35184-001 SD-35184-**0* Use With 35053 Wire-to-Wire Terminal This document was generated on 04/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0351841000
![]() |