Part Number Hot Search : 
LL101C NLAS324 PM6675S M100S 210R0G MSKW2022 1014A A1095
Product Description
Full Text Search
 

To Download 0310731071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0310731071 Active
hdac_64_single_row 2.54mm (.100") H-DAC 64TM, 6 Way Male Housing Assembly, Single-Row, Polarization B, with Xmas Tree Attachment
Documents: Application Specification (PDF) Drawing (PDF)
Product Specification PS-31067-0001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 31073 Polarization Option B, Gray hdac_64_single_row H-DAC 64TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Overview Product Name
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating 6 6 Gray Male No None Yes Modified Polystyrene, Polyester 1 Bag No 0.100 In 2.54 mm 0.100 In 2.54 mm Yes 1 No -40C to +100C
Search Parts in this Series 31073Series Mates With H-DAC 64TM, 6 Way Receptacle Assembly 310731011 Use With See Product Spec
Electrical
Current - Maximum per Contact 11A, 9A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-31067-100 PK-30907-737, PK-31301-076 PS-31067-0001 SD-31110-003
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0310731071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X