Part Number Hot Search : 
RLPBF RLPBF TEA1713T NTE583 1N3913A D1545 TOP210P C2500
Product Description
Full Text Search
 

To Download 0304902002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0304902002 Active
minifit_jr Mini-Fit(R) Crimp Grounding Terminal, Series 30490, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 18-24 AWG, Reel
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 30490 Grounding Pin Yes minifit_jr Mini-Fit(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 100 2.5 Crimp or Compression 1.30-3.10mm (.051-.122") 18, 20, 22, 24 N/A
Electrical
Current - Maximum per Contact 9A
Material Info Reference - Drawing Numbers
Sales Drawing SD-30490-***2
Search Parts in this Series 30490Series Mates With 5556 Series Use With 5559s , 30068 , 5559d Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639015600 Applicator for Mini-Fit Jr.TM, Mini-Fit HCSTM Crimp Terminals, 18-24 AWG and smaller insulation T2 Terminator Die 0639102600
FineAdjustTM Applicator FineAdjustTM Applicator, Small Insulation T2 Terminator Tooling Die Extraction Tool Hand Crimp Tool for Mini-FitTM Jr. Male and Female Crimp Terminals, 16-24 AWG
0639002600 0639002900
0639102900 0011030044 0638190900
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0304902002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X