Part Number Hot Search : 
0805H 106X00 PI3B3245 EA09925 BFY56A D2NC6 APA2718 N431K
Product Description
Full Text Search
 

To Download 0190230011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190230011 Active
InsulKrimpTM Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab 4.75mm (.187") x 0.51mm (.020")
Documents: Drawing (PDF) Product Specification PS-19902-008 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Comments Crimp Quality Equipment Product Name Type Quick Disconnects 19023 Funnel Entry Yes InsulKrimpTM Quick Disconnect EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Barrel Type Color - Resin Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Resin Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural Male No PVC None Copper PVC Straight Adhesive Tape on Reel No 0.51mm (.020") 4.75mm (.187") -50C to +105C 4.40mm (.175") max. 14, 16 1.30 - 2.00
Search Parts in this Series 19023Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880248 MTA-100 Tape Applicator used in 3BF Press, MTA-105 Tape Applicator used in TM-2000TM Press, and ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals
Electrical
Voltage - Maximum 600V
Material Info
Old Part Number MCT-27XT
Reference - Drawing Numbers
Product Specification Sales Drawing PS-19902-008 SD-19023-004
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190230011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X