|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0026112093 Active kk 3.96mm (.156") Pitch KK(R) PC Board Connector, Top Entry, Nylon Connector, 1.0m (40") Tin (Sn), 9 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 3215 Board-to-Board kk KK(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name Physical Circuits (Loaded) Color - Resin Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 9 Natural No Yes Yes Phosphor Bronze Tin Tin Nylon 1 Vertical 0.120 In 3.05 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 40.00 1.000 40.00 1.00 No 0C to +75C Through Hole Search Parts in this Series 3215Series Electrical Current - Maximum per Contact Voltage - Maximum 5A 250V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 3215HR09AC Reference - Drawing Numbers Product Specification Sales Drawing PS-99020-0087 SDAE-3215-**N**-** This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0026112093 |