|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0015922468 Active ebbi_50d 1.27mm (.050") Pitch EBBITM 50D Plug, Vertical, without Latch, 68 Circuits, 2.79mm (.110") PC Tail Length Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name PCB Headers 71661 Board-to-Board, Wire-to-Board ebbi_50d EBBITM Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 68 68 Black 2,000 No 94V-0 No No None None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 75 1.91 Yes Yes Search Parts in this Series 71661Series Mates With EBBITM 50D Receptacle 71660 , 87552 Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Fully No No -40C to +105C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 1A 30V Solder Process Data Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260 Material Info Old Part Number A716611368 Reference - Drawing Numbers Packaging Specification Sales Drawing PK-71660 SDA-71661-1*** This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0015922468 |