![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF) 0015388088 Active cgrid__sl_products 2.54mm (.100") C-Grid SLTM Single Row, Female, Version A Receptacle, 8 Circuits Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF) Series LR19880 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Overview Product Name FFC/FPC Connectors 70430 cgrid__sl_products SLTM Physical Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 8 Black N/A 25 Vertical 94V-0 Phosphor Bronze Tin Tin Polyester Alloy 1 Vertical 0.130 In 3.30 mm None 0.062 In, 0.093 In 1.60 mm, 2.40 mm Tube 0.100 In 2.54 mm 150 3.75 75 1.875 No Yes -40C to +105C IDT or Pierce FFC/FPC Search Parts in this Series 70430Series Mates With 2.54mm (.100") pitch, single or dual row,breakaway headers Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Ribbon 0638170100 Cable Cutter Hand Tool Tool Kit for Standard 0622007400 Manual Press FFC Standard Manual 0622007800 Press for FFC TM-42TM FFC and 0622018700 SLTM Termination Kit Electrical Current - Maximum per Contact Voltage - Maximum 1A, 2A 250V Material Info Old Part Number 70430-0007 Reference - Drawing Numbers Product Specification Sales Drawing PS-70430 SDA-70430-0001-0024 TM-42TM FFC and SLTM Press and Termination Kit for 110v applications 0622020800 This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0015388088
![]() |