Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download WCA200RNPRSP-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wireless Global Limit Switch (EN 50041)
LimitlessTM Switch
DESCRIPTION The new LimitlessTM product line combines the best of MICRO SWITCHTM global limit switches with the latest commercial offthe-shelf wireless technology. Wireless-enabled limit switches can now be used for position sensing and presence/absence detection for an endless number of applications. The LimitlessTM Series is especially beneficial for remote monitoring applications where wiring or wire maintenance is not physically possible or economically feasible. Combining this greater flexibility with proven harsh duty packaging can result in increased efficiencies and improved safety for machines, equipment, OEMs, and operators.
FEATURES Wireless design * Radio (license-free and global): WPAN 802.15.4, 2.4 GHz, point-to-point * FCC 15, IC, ACMA & ETSI * EMI Immunity * Up to 304 m [1000 ft] communication range when used with a LimitlessTM wireless monitor or receiver module (sold separately) * Reliable, flexible, and secure wireless transmission * Standard replaceable battery with ultra-low power consumption * Direct or remote mount antenna options Mechanical design * EN50041 metal enclosure * IP67; NEMA 1,4,12,13 * Full complement of operating heads and levers * Modular construction of components * Design for ease of installation
BENEFITS Enables presence/absence detection in remote parts of application / machinery, where wiring is an issue or not feasible * Ability to reconfigure and network multiple switches, or point-to-point with personalized addresses, which allows for adding, subtracting or relocating LimitlessTM switches easily * Reduced installation/maintenance costs with no wires, conduit, strain relief, clips, connectors, connection boxes, etc. * Eliminates issues with wire connection integrity on moving equipment * Consumes ultra-low power to prolong battery life * POTENTIAL APPLICATIONS * Construction/Ag machines * Valve position * Conveyors * Crane * Remote or temporary equipment boom/jib/skew * Movable machinery position * Grain diverters or flaps * Lifts * Door position * Material * Hose attachment verification handling * Specialty machines * Presses
LimitlessTM Series
Description Series name Product type Availability Operating Characteristics Actuator Lever type Housing material Housing type Radio Antenna type Signal range Parameter WGLA Series LimitlessTM Global Limit Switches Global, license-free bands Reference wireless global limit switch specifications (WGLA Series) Side rotary, top plunger, top roller, top roller lever Rotary lever included w/side rotary- other lever options available Powder coated zinc die-cast EN 50041 WPAN 802.15.4; 2.4GHz Direct or remote mount antenna options; Omni directional Nominal 304 m* for International use (Europe and Australia due to signal restrictions); Nominal 1000 ft* for use in US and Canada *clear line of sight between LimitlessTM switch and monitor/receiver when using 2.1 dBi integral antenna 3.6 Vdc Lithium Thionyl Chloride; 2/3 AA size (Est. life >1yr) Manufactured by Uniwell, part number DEV-10-0009 IP67; NEMA 1, 4, 12, 13 Latest applicable standards: EN 300 328, V1.7.1; EN 61326-1 (2006); EN 301 489-1, V1.8.1; EN 301 489-17, V2.1.1 IEC 60068-2-27; half sine, 10 g, 6 mS, 3 axis IEC 60068-2-6; 10-500Hz w/ 0,35 mm peak-to-peak, 58-500 Hz- 5g -40 C to 85 C [-40 F to 185 F] (side rotary) -25 C to 85 C [-13 F to 185 F] (all other housing styles) FCC 15.247 Industry Canada RSS 210 ETSI, CE mark ACMA, C-Tick mark 20142601 20142601 Industrial
Battery Sealing EMC Shock Vibration Operating temperature
Agency approvals and standards UNSPSC code UNSPSC commodity Sealed
* Actual range will vary depending upon antennas, cables, and site topography.
2
www.honeywell.com/sensing
Wireless Limit Switches
NOMENCLATURE TREE (Not all configurations are immediately available.)
Monitor Nomenclature
Honeywell Sensing and Control
3
LimitlessTM Series
DIMENSIONS
Side Rotary Head with GLZ51 Series Lever Side Rotary Head with GLZ52 Series Lever
4
www.honeywell.com/sensing
Wireless Limit Switches
DIMENSIONS Side Rotary Head with GLZ54 Series Lever Top Pin Plunger Head
Honeywell Sensing and Control
5
LimitlessTM Series
STANDARD WGLA LISTINGS Part Number WGLA1A01AA1A WGLA1A01AA1B WGLA1A01AA4J WGLA1A01AB WGLA1A01AC WGLA1A01AD WGLA1A02AA1A WGLA1A02AA1B WGLA1A02AA4J WGLA1A02AB WGLA1A02AC WGLA1A02AD WGLA1A04AA1A WGLA1A04AA1B WGLA1A04AA4J WGLA1A04AB WGLA1A04AC WGLA1A04AD Description LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] nylon roller LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] steel roller LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, side rotary - momentary, 200 mm aluminum adjustable rod actuator LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, top pin plunger LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, top roller plunger LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni straight antenna, use in US/Canada, top roller lever LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] nylon roller LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] steel roller LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, side rotary - momentary, 200 mm aluminum adjustable rod actuator LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, top pin plunger LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, top roller plunger LimitlessTM Series WGLA Global Limit Switch, 2.1 dBi omni tilt & swivel antenna, use in US/Canada, top roller lever LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] nylon roller LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, side rotary - momentary, standard lever with 19 mm x 6,35 mm [0.75 in x 0.25 in] steel roller LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, side rotary - momentary, 200 mm aluminum adjustable rod actuator LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, top pin plunger LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, top roller plunger LimitlessTM Series WGLA Global Limit Switch, 5.5 dBi omni remote magnetic mount/tilt & swivel antenna with 5ft of cable, use in US/Canada, top roller lever
6
www.honeywell.com/sensing
Wireless Limit Switches
ACCESSORIES NOMENCLATURE Antenna Nomenclature
LimitlessTM Antennas WAN01RSP WAN02RSP Straight Design Tilt and Swivel Direct Mount Design, Direct Mount Connector Antenna
WAN05RSP with WAMM100RSP-005 Tilt and Swivel Design, Magnetic Mount Antenna
WAN03RSP Flat Design, Adhesive Mount Antenna
WAN06RNJ Straight Design, Bracket Mount Antenna
Honeywell Sensing and Control
7
LimitlessTM Series
Cable Assembly Nomenclature
LimitlessTM Cable Accessories WCA200RNPRSP-002/010 Cable Assembly
Antenna Mounting Nomenclature
LimitlessTM Panel Mount Accessories WAMM100RSP-005/010 Magnetic Antenna Mount
8
www.honeywell.com/sensing
Wireless Limit Switches
STANDARD ACCESSORIES Part Number WAN03RSP WAN06RNJ WAN01RSP WAN02RSP WAN04RSP WAN05RSP WCA200RNPRSP-002 WCA200RNPRSP-010 WAMM100RSP-005 WAMM100RSP-010 Description Flat wireless antenna with 3 dBi gain, reverse polarity SMA plug, adhesive mount with 10 ft of cable Straight wireless antenna with 8 dBi gain, reverse polarity N jack, bracket mount with 1 ft of cable Straight wireless antenna with 2.1 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA) Tilt/swivel wireless antenna with 2.1 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA) Tilt/swivel wireless antenna with 5.5 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA) Tilt/swivel wireless antenna with 9 dBi gain, reverse polarity SMA plug, connector mount (RP-SMA) 200 Series coax cable assembly, reverse polarity N plug, reverse polarity SMA plug, 2 ft of cable 200 Series coax cable assembly, reverse polarity N plug, reverse polarity SMA plug, 10 ft of cable Magnetic antenna mounting, 100 Series coax cable, reverse polarity SMA plug with 5 ft of cable Magnetic antenna mounting, 100 Series coax cable, reverse polarity SMA plug with 10 ft of cable
Honeywell Sensing and Control
9
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury.
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Honeywell's standard product warranty applies unless agreed to otherwise by Honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace, at its option, without charge those items it finds defective. The foregoing is buyer's sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. In no event shall Honeywell be liable for consequential, special, or indirect damages. While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use.
WARNING
MISUSE OF DOCUMENTATION
* The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. * Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury.
SALES AND SERVICE
WARNING
Honeywell does not recommend using devices for critical control applications where there is, or may be, a single point of failure or where single points of failure may result in an unsafe condition. It is up to the end-user to weigh the risks and benefits to determine if the products are appropriate for the application based on security, safety and performance. Additionally, it is up to the end-user to ensure that the control strategy results in a safe operating condition if any crucial segment of the control solution fails. Failure to comply with these instructions could result in death or serious injury.
Honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact your local sales office or: E-mail: info.sc@honeywell.com Internet: www.honeywell.com/sensing Phone and Fax: Asia Pacific +65 6355-2828 +65 6445-3033 Fax Europe +44 (0) 1698 481481 +44 (0) 1698 481676 Fax Latin America +1-305-805-8188 +1-305-883-8257 Fax USA/Canada +1-800-537-6945 +1-815-235-6847 +1-815-235-6545 Fax
Sensing and Control Honeywell 1985 Douglas Drive North Golden Valley, MN 55422 www.honeywell.com
002317-1-EN IL50 GLO Printed in USA May 2010 Copyright (c) 2010 Honeywell International Inc. All rights reserved.


▲Up To Search▲   

 
Price & Availability of WCA200RNPRSP-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X