|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Series USB-A Universal Serial Bus, Type A - 90 Receptacle (SMT) Specifications Insulation Resistance: Current Rating: Voltage Rating: Withstanding Voltage: Contact Resistance: Operating Temperature Range: 1000M min. 1A 30V AC (rms) 500V AC 30m max. -55C to +85C I/O Connectors Part Numbers USB-A-003 *USB-A-003-30 * see Materials and Finish Materials and Finish Housing: Shell: Contacts: Contact Plating: PA-6T, glass filled (UL94V-0) Tin over Ni Copper Alloy Solder Terminal - Sn over Ni Mating Area - USB-A-003 = Au Flash over Ni - USB-A-003-30 = 30" Au over Ni SMT Type Recommended PCB Layout 1 2 3 4 Top View Trading Division SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Connectors E-3 USB (Universal Serial Bus and IEEE1394 |
Price & Availability of USB-A-003-30 |