Part Number Hot Search : 
MOC8050M TSM104N 1N5730B P4038YGK 07000 SBR12050 SFT79G KTC319
Product Description
Full Text Search
 

To Download TLP2166A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP2166A
TOSHIBA PHOTOCOUPLER GaAAs Ired & PHOTO-IC
TLP2166A
Plasma Display Panels (PDPs) High-Speed Interfaces 3.3-V Voltage Source
The Toshiba TLP2166A consists of a GaAAs light emitting diode and a integrated high-gain, high-speed photodetector. The TLP2166A is housed in the 8-pin SO package. Since the TLP2166A contains two photocouplers, it saves board space. the TLP2166A operates with a 3.3-V supply voltage. Inverting logic output (totem-pole output) SO8 package Guaranteed performance over -40 to 100C Power supply voltage: 3.0 to 3.6 V Input threshold current: IFHL = 3 mA (max) Switching time (tpHL / tpLH): 75 ns (max) Switching speed: 15 MBd (typ.)(NRZ) Common-mode transient immunity: 15 kV/s Isolation voltage: 2500 Vrms JEDEC JEITA TOSHIBA 11-5K1 Weight: 0.21 g (typ.)
0.38 1.27 0.15 8 7 6 5
Unit: mm
1
2
3
4 6.0 0.2 0.1 0.1 2.5 0.2
5.1 0.2
3.95 0.25 0.305 min
11-5K1
Truth Table
Input H L LED1(2) ON OFF Tr1(3) OFF ON Tr2(4) ON OFF Output 1(2) L H
Pin Configuration (Top View)
1
VCC
Schematic
IF1 1 VF1 2 Tr2 Tr1
ICC
8 VCC
2 3 4
SHIELD GND
IO1
7 VO1
8 1: ANODE 1 2: CATHODE 1 3: CATHODE 2 7 4: ANODE 2 5: GND 6 6: VO2 (Output2) 7: VO1 (Output1) 5 8: VCC
SHIELD
3 VF2 4 IF2 SHIELD
Tr3 IO2 Tr4
6 VO2 5 GND
A bypass capacitor of 0.1F must be connected between pins 8 and 5.
1
2008-11-27
TLP2166A
Absolute Maximum Ratings (Ta=25C)
CHARACTERISTIC Forward Current LED Forward current derating (Ta 95) Peak Transient Forward Current Reverse Voltage DETECTOR Output Current Output Voltage Supply Voltage Output Power Dissipation (Note 1) (Note 1) (Note 1,2) (Note 1) (Note 1) (Note 1) SYMBOL IF IF/Ta IFP VR IO VO VCC PO Topr Tstg (10 s) (Note 3) Tsol BVs RATING 15 -0.5 1 5 10 6 6 40 -40 to 100 -55 to 125 260 2500 UNIT mA mA/ A V mA V V mW C C C Vrms
Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Isolation Voltage (AC,1 min, R.H. 60%,Ta=25C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Each Channel. Note 2: Pulse width 1 s, 300 pps. Note 3: This device is regarded as a two terminal device : pins 1, 2, 3 and 4 are shorted together, as are pins 5, 6, 7 and 8.
Recommended Operating Conditions
CHARACTERISTIC Input Current , ON Input Voltage , OFF Supply Voltage* Operating Temperature (Note 1) (Note 1) (Note 4) SYMBOL IF(ON) VF(OFF) VCC Topr MIN 5 0 3.0 -40 TYP. MAX 10 0.8 3.6 100 UNIT mA V V C

3.3
* This item denotes operating range, not meaning of recommended operating conditions. Note 4: The detector of this product requires a power supply voltage (VCC) of 3.0 V or higher for stable operation. If the VCC is lower than this value, an ICCH may increase, or an output may be unstable. Be sure to use the product after checking the supply current, and the operation of a power-on/-off Note 5: A ceramic capacitor (0.1 F) should be connected from pin 8 (VCC) to pin 5 (GND) to stabilize the operation of the high gain linear amplifier. Failure to provide the bypass may impair the switching property. The total lead length between capacitor and coupler should not exceed 1 cm.
2
2008-11-27
TLP2166A
Electrical Characteristics (Unless otherwise specified, Ta=-40 to 100C, VCC=3.0 to 3.6 V)
CHARACTERISTIC Input Forward Voltage Temperature Coefficient of Forward Voltage Input Reverse Current Input Capacitance Logic Low Output Voltage Logic High Output Voltage Logic Low Supply Current Logic High Supply Current Operating Supply Voltage Input Current Logic Low Output Input Voltage Logic High Output (Note 1) (Note 1) (Note 1) SYMBOL VF TEST CIRCUIT CONDITION IF=10 mA , Ta=25C IF=10 mA VR=5 V , Ta=25C V=0 , f=1 MHz , Ta=25C IOL=1.6 mA , IF=10 mA, VCC=3.3 V IOH=-0.02 mA, VF=1.05 V VCC=3.3 V IF=10 mA VF=0 V (Note 4) MIN 1.3 TYP. 1.65 -2.0 MAX 1.75 UNIT V mV/C A pF V V mA mA V mA V

1 2 3 4
(Note 1) VF/Ta (Note 1) (Note 1) (Note 1) (Note 1) IR CT VOL VOH ICCL ICCH VCC IFHL VFLH

2.0
10
45 0.3 2.6 7.0 4.0
0.6
10.0 10.0 3.6 3

3.0

IO=1.6 mA, VO<0.6 V IO=-0.02 mA, VO>2.0 V

0.8
*All typical values are at Ta=25C.
Isolation Characteristics (Ta = 25)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0,f = 1 MHz R.H. 60%,VS = 500 V AC,1 minute Isolation voltage BVS AC,1 second,in oil DC,1 minute,in oil (Note 3) Min
12
Typ. 0.8 10
14
Max
Unit pF Vrms Vdc
(Note 3) 1x10
2500
5000 5000
3
2008-11-27
TLP2166A
Switching Characteristics (Unless otherwise specified, Ta=-40 to 100VCC=3.0 to 3.6 V)(Each Channel)
CHARACTERISTIC Propagation Delay Time to Logic Low output Propagation Delay Time to Logic High output Switching Time Dispersion between ON and OFF Fall Time (90 - 10 %) Rise Time (10 - 90 %) Common Mode transient Immunity at High Level Output Common Mode transient Immunity at Low Level Output TEST SYMBOL CIRCUIT tpHL tpLH |tpHLtpLH| tf tr CMH 6 CML IF=07.5 mA IF=7.50 mA 5 CONDITION IF=07.5 mA IF=7.50 mA RIN=100 CL=15 pF (Note 6) MIN TYP. MAX 75 75 UNIT ns ns

15000 -15000

5 5
IF=7.5 mA,RIN=100,CL=15 pF (Note 6) RIN=100 CL=15 pF (Note 6)
45
ns ns ns V/s V/s

VCM=1000 Vp-p, IF=0 mA, VO(min)=2 V, Ta=25C VCM=1000 Vp-p, IF=7.5 mA, VO(max)=0.8 V, Ta=25C

*All typical values are at Ta=25C, VCC=3.3 V.
Note 6: CL is approximately 15 pF which includes probe and jig/stray wiring capacitance.
TEST CIRCUIT 1: VOL Test Circuit 1 8
IF
2 3 4
VCC
TEST CIRCUIT 2: VOH Test Circuit 8 1 V
F
7 6
IO 0.1 F V VOL VCC
2 3 4
VCC
7 6
IO V
VO VCC
GND SHIELD
5
GND SHIELD
5
0.1 F
TEST CIRCUIT 3: ICCL Test Circuit ICCL 1 8 I
F1 VCC A
TEST CIRCUIT 4: ICCH Test Circuit ICCH 1 8 2
VCC A
2 3 4
IF2 GND SHIELD
7 6 5
0.1 F VCC
7 6
0.1 F VCC
3 4
GND SHIELD
5
4
2008-11-27
TLP2166A
TEST CIRCUIT 5: Switching Time Test Circuit
IF=7.5 mA(P.G) IF monitor
(f=5 MHz , duty=50%)
1 2 3 4
VCC
8 7 6
0.1 F VCC CL
1.5 V
IF VO tpHL VOH tpLH
50%
90%
GND SHIELD
5
CL=15 pF
RIN=100 CL includes probe and stray capacitance. P.G.: Pulse generator
VOL
10% tf tr
TEST CIRCUIT 6: Common-Mode Transient Immunity Test Circuit
SW A B
IF
1 2 3 4
SHIELD
VCC
8 7 6
0.1 F VO VCC VCM
90%
1000 V
10%
tr
SW B: IF=0 mA
tf CMH 2V 0.6 V CML
GND
5
VO
SW A: IF=7.5 mA
VCM
CM H =
800(V ) 800(V ) CM L = tf ( s ) tr ( s )
5
2008-11-27
TLP2166A
Specification for Embossed-Tape Packing (TP) for SO8 Coupler
1. Applicable Package
Package SO8 Product Type Photocoupler
2. Product Naming System
Type of package used for shipment is denoted by a symbol suffix after a product number. The method of classification is as below. (Example)
TLP2166A (TP) Tape type Device name
3. Tape Dimensions
3.1 Orientation of Device in Relation to Direction of Tape Movement
Device orientation in the recesses is as shown in Figure 1.
Figure 1 Device Orientation 3.2 Tape Packing Quantity:2500 devices per reel 3.3 Empty Device Recesses Are as Shown in Table 1. Table 1 Empty Device Recesses
Standard Occurrences of 2 or more successive empty device recesses Single empty device recesses Remarks Within any given 40-mm section of tape, not including leader and trailer Not including leader and trailer
0
6 devices (max) per reel
3.4 Start and End of Tape
The start of the tape has 50 or more empty holes. The end of tape has 50 or more empty holes and two empty turns only for a cover tape.
6
2008-11-27
TLP2166A
3.5 Tape Specification
(1) Tape material: Plastic (protection against electrostatics) (2) Dimensions: The tape dimensions are as shown in Figure 2 and table 2.
+0.1 0.3 0.05 1.5 -0 F E D K0 1.6 0.1 A 3.3 0.1 Unit: mm Unless otherwise specified: 0.1 Symbol A B D E F G K0 Dimension 6.5 5.6 5.5 1.75 8.0 4.0 3.1 Remark Center line of indented square hole and sprocket hole Distance between tape edge and hole center +0.1 Cumulative error -0.3 (max) per 10 feed holes Cumulative error +0.1 (max) per 10 feed holes -0.3 Internal space 12.0 0.3 B G
Figure 2 Tape Forms Table 2 Tape Dimensions
7
2008-11-27
TLP2166A
3.6 Reel
(1) Material: Plastic (2) Dimensions: The reel dimensions are as shown in Figure 3 and Table 3.
C
U
B
W2
Figure 3 Reel Form Table 3 Reel Dimensions
Unit: mm Symbol A B C E U W1 W2 Dimension 330 2 80 1 13 0.5 2.0 0.5 4.0 0.5 13.5 0.5 17.5 1.0
4. Packing
Either one reel or five reels of photocoupler are packed in a shipping carton.
5. Label Indication
The carton bears a label indicating the product number, the symbol representing classification of standard, the quantity, the lot number and the Toshiba company name.
6. Ordering Method
When placing an order, please specify the product number, the CTR rank, the tape type and the quantity as shown in the following example. (Example)
TLP2166A (TP) 2500 pcs Quantity (must be a multiple of 2500) Tape type
1 Device name
A
8
2008-11-27
TLP2166A
Precautions Of Surface Mounting Type Photocoupler Soldering & General Storage (1) Precautions for Soldering
1) When Using Soldering Reflow
An example of a temperature profile when Sn-Pb eutectic solder is used:
An example of a temperature profile when lead(Pb)-free solder is used:
Reflow soldering must be performed once or twice. The mounting should be completed with the interval from the first to the last mountings being 2 weeks. 2) When using soldering Flow (Applicable to both eutectic solder and Lead(Pb)-Free solder) Apply preheating of 150 deg.C for 60 to 120 seconds. Mounting condition of 260 deg.C or less within 10 seconds is recommended. Flow soldering must be performed once 3) When using soldering Iron (Applicable to both eutectic solder and Lead(Pb)-Free solder) Complete soldering within 10 seconds for lead temperature not exceeding 260 deg.C or within 3 seconds not exceeding 350 deg.C. Heating by soldering iron must be only once per 1 lead
9
2008-11-27
TLP2166A
(2) Precautions for General Storage
1) Do not store devices at any place where they will be exposed to moisture or direct sunlight. 2) When transportation or storage of devices, follow the cautions indicated on the carton box. 3) The storage area temperature should be kept within a temperature range of 5 degree C to 35 degree C, and relative humidity should be maintained at between 45% and 75%. 4) Do not store devices in the presence of harmful (especially corrosive)gases, or in dusty conditions. 5) Use storage areas where there is minimal temperature fluctuation. Because rapid temperature changes can cause condensation to occur on stored devices, resulting in lead oxidation or corrosion, as a result, the solderability of the leads will be degraded. 6) When repacking devices, use anti-static containers. 7) Do not apply any external force or load directly to devices while they are in storage. 8) If devices have been stored for more than two years, even though the above conditions have been followed, it is recommended that solderability of them should be tested before they are used.
10
2008-11-27
TLP2166A
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * GaAs (Gallium Arsenide) is used in Product. GaAs is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. Handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose GaAs in Product. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
11
2008-11-27


▲Up To Search▲   

 
Price & Availability of TLP2166A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X