Part Number Hot Search : 
LOT67K IW3036 BAT46C HC193 2SK1625 KGF1323C 27J50KE 7704U
Product Description
Full Text Search
 

To Download SP-100-135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100W Single Output with PFC Function
Features :
Universal AC input / full range
SP-100
series
Built-in active PFC function, PF>0.93 Protections: Short circuit / Overload / Over voltage Built-in constant current limiting circuit Remote ON-OFF control(Optional) LED indicator for power on 100% full load burn-in test Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
..
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE FUNCTION SP-100-3.3 3.3V 20A 0 ~ 20A 66W SP-100-5 5V 20A 0 ~ 20A 100W 100mVp-p 2.0% 0.5% 1.0% SP-100-7.5 7.5V 13.5A 0 ~ 13.5A 101.25W 100mVp-p 2.0% 0.5% 1.0% SP-100-12 12V 8.5A 0 ~ 8.5A 102W 100mVp-p 2.0% 0.5% 0.5% SP-100-13.5 SP-100-15 13.5V 7.5A 0 ~ 7.5A 101.25W 100mVp-p 2.0% 0.5% 0.5% 15V 6.7A 0 ~ 6.7A 100.5W 100mVp-p 2.0% 0.5% 0.5% SP-100-24 24V 4.2A 0 ~ 4.2A 100.8W 150mVp-p 1.0% 0.5% 0.5% SP-100-27 27V 3.8A 0 ~ 3.8A 102.6W 150mVp-p 1.0% 0.5% 0.5% SP-100-48 48V 2.1A 0 ~ 2.1A 100.8W 250mVp-p 1.0% 0.5% 0.5%
RIPPLE & NOISE (max.) Note.2 100mVp-p VOLTAGE TOLERANCE Note.3 2.0% 0.5% 1.0%
3.14 ~ 3.63V 4.75 ~ 5.5V
7.13 ~ 8.25V 11.4 ~ 13.2V 12.8 ~ 14.9V 14.3 ~ 16.5V 22.8 ~ 26.4V 25.7 ~ 29.7V 45.6 ~ 52.8V
600ms, 30ms at full load 20ms at full load 85 ~ 264VAC 47 ~ 63Hz PF>0.93/230VAC 70% 76% PF>0.98/115VAC at full load 78% 80% 80% 82% 84% 83% 82% 120 ~ 370VDC
1.7A/115VAC 0.8A/230VAC COLD START 30A/230VAC <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 3.63 ~ 4.46V 5.5 ~ 6.75V 8.25 ~ 10.13V 13.2 ~ 16.2V 14.85 ~ 18.23V 16.5 ~ 20.25V 26.4 ~ 32.4V 29.7 ~ 36.45V 52.8 ~ 64.8V Protection type : Shut down o/p voltage, re-power on to recover
REMOTE CONTROL(OPTION) CN1:4 ~ 10VDC POWER ON, <0 ~ 0.8VDC POWER OFF -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.05%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC
(Note 4)
ISOLATION RESISTANCE I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT EMS IMMUNITY MTBF Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 211.3K hrs min. MIL-HDBK-217F (25 179*99*45mm (L*W*H) 0.66Kg; 20pcs/14.3Kg/1.17CUFT )
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:SP-100-SPEC 2007-10-25
100W Single Output with PFC Function
Mechanical Specification
179 20 25 60 25 117 65 123
SP-100
Case No. 915A
series
Unit:mm
CN1 R.C. +V ADJ.
1 2
LED
9.5
6 5 4 3 2 1 5-M3 L=3mm 2-M4 L=5mm
51
7
49.5
8
38
16
10
119
79
99
15 142 25
Terminal Pin No. Assignment
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. 4,5 6,7 Assignment DC OUTPUT -V DC OUTPUT +V
12 max.
25 25 45
Remote ON/OFF(CN1): JST S2B-XH or equivalent(optional)
12.5
Pin No. 1 2
Assignment RC+ RC-
Mating Housing JST XHP or equivalent
Terminal JST SXH-001T-P0.6 or equivalent
6-M4 L=6mm
Block Diagram
I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING RECTIFIERS & FILTER CONSTANT CURRENT & DETECTION CIRCUIT O.V.P. REMOTE CONTROL
PFC fosc : 67KHz PWM fosc : 134KHz
+V -V
FG ACTIVE START CIRCUIT
PWM & PFC CONTROL
CN1
Derating Curve
Output Derating VS Input Voltage
Ta=25
100
SP-100-12~48 SP-100-3.3~7.5 (With 18CFM FAN)
100 90 80
80
60
LOAD (%)
SP-100-3.3 SP-100-5 SP-100-7.5
70
LOAD (%)
0 0 10 10 20 20 40 45 50 55 55 60 60 (HORIZONTAL) 70 (VERTICAL)
40
60 50 40
20
-10 -10
85
100
115
135
155
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:SP-100-SPEC 2007-10-25


▲Up To Search▲   

 
Price & Availability of SP-100-135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X