Part Number Hot Search : 
RS2201 00130 K8VM800 16080 MC344 ISOPAC02 D9893F SMAJ5306
Product Description
Full Text Search
 

To Download SP-100-135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 0 0 W S i n g l e O100WSingleOutputwithPFCFunction u t put with PFC Function
sp S P --110000 ss eirei e s er s

SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE FUNCTION SP-100-3.3 3.3V 20A 0~20A 66W SP-100-5 5V 20A 0~20A 100W 100mVp-p 2.0% 0.5% 1.0% SP-100-7.5 7.5V 13.5A 0~13.5A 101.25W 100mVp-p 2.0% 0.5% 1.0% SP-100-12 12V 8.5A 0~8.5A 102W 100mVp-p 2.0% 0.5% 0.5% SP-100-13.5 SP-100-15 13.5V 7.5A 0~7.5A 101.25W 100mVp-p 2.0% 0.5% 0.5% 15V 6.7A 0~6.7A 100.5W 100mVp-p 2.0% 0.5% 0.5% SP-100-24 24V 4.2A 0~4.2A 100.8W 150mVp-p 1.0% 0.5% 0.5% SP-100-27 27V 3.8A 0~3.8A 102.6W 150mVp-p 1.0% 0.5% 0.5% SP-100-48 48V 2.1A 0~2.1A 100.8W 250mVp-p 1.0% 0.5% 0.5%
RIPPLE&NOISE(max.) Note.2 100mVp-p 2.0% 0.5% 1.0%
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
600ms,30msatfullload 20msatfullload 85~264VAC120~370VDC 47~63Hz PF>0.93/230VACPF>0.98/115VACatfullload 70% 76% 78% 80% 80% 82% 84% 83% 82% 1.7A/115VAC0.8A/230VAC COLDSTART 30A/230VAC <2mA /240VAC 105~150% ratedoutputpower Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved 3.63~4.46V 5.5~6.75V 8.25~10.13V 13.2~16.2V 14.85~18.23V 16.5~20.25V 26.4~32.4V 29.7~36.45V 52.8~64.8V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover REMOTECONTROL(OPTION) CN1:4~10VDCPOWERON,<0~0.8VDCPOWEROFF -10~+60 (Refertooutputloadderatingcurve) WORKINGTEMP. 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.05%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC SAFETY & ISOLATIONRESISTANCE EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)ClassB EMC
(Note4)
HARMONICCURRENT EMSIMMUNITY MTBF
Complianceto EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A 211.3Khrsmin.MIL-HDBK-217F(25 179*99*45mm(L*W*H) 0.66Kg;20pcs/14.3Kg/1.17CUFT )
OTHERS
DIMENSION PACKING
NOTE

WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
FileName:SP-100-SPEC2005-09-13
1 0 0 W S i n g l e O100WSingleOutputwithPFCFunction u t put with PFC Function
MechanicalSpecification
179 20 25 60 25 117 65 123
sp S P --110000 ss eirei e s er s
CaseNo.915A Unit:mm
R.C. +V ADJ.
CN1 1 2 LED 7 6 5 4 3 2 1 5-M3L=3mm 2-M4L=5mm
9.5
51
49.5
8
38
15 142 25
16
25
25
4-M4L=6mm
Terminalpinnumberassignment:
PinNo. 1 2 3 Assignment AC/L AC/N FG PinNo. 4,5 6,7 Assignment DCOUTPUT -V DCOUTPUT +V
RemoteON/OFF(CN1):JST S2B-XH orequivalent(optional)
PinNo. 1 2 Assignment RC+ RCMatingHousing JST XHP orequivalent Terminal JST SXH-001T-P0.6 orequivalent
DeratingCurve
OutputDeratingVSInputVoltage
Ta=25
100
SP-100-12~48 SP-100-3.3~7.5 (With18CFMFAN)
100 90 80
80
60
LOAD(%)
SP-100-3.3 SP-100-5 SP-100-7.5
70
LOAD(%)
40
60 50 40
20
-10 -10
0 0
10 10
20 20
40 45
50 55
55 60
60 (HORIZONTAL) 70 (VERTICAL)
85
100
115
135
12.5
45
10
155
119
230
79
99
264
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
FileName:SP-100-SPEC2005-09-13


▲Up To Search▲   

 
Price & Availability of SP-100-135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X