Part Number Hot Search : 
0ACPZ 70F30 128MP GI1404 ICE3B R5F3650K CL766 SDA9388X
Product Description
Full Text Search
 

To Download SC120SKEVB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC120
Low Voltage Synchronous Boost Regulator
POWER MANAGEMENT Features
Input voltage -- 0.7V to 4.5V Minimum input startup voltage -- 0.865V Output voltage -- fixed at 3.3V; adjustable from 1.8V to 5.0V Peak input current limit -- 1.2A Output current at 3.3 VOUT -- 80mA with VIN = 1.0V, 190mA with VIN = 1.5V Efficiency up to 94% Internal synchronous rectifier Switching frequency -- 1.2MHz Automatic power save Anti-ringing circuit Operating supply current (measured at OUT) -- 50A Shutdown current -- 0.1A (typ) No forward conduction path during shutdown Available in ultra-thin 1.5 x 2.0 x 0.6 (mm) MLPD-UT-6 and SOT23-6 packages Lead-free and halogen-free WEEE and RoHS compliant
Description
The SC120 is a high efficiency, low noise, synchronous step-up DC-DC converter that provides boosted voltage levels in low-voltage handheld applications. The wide input voltage range allows use in systems with single NiMH or alkaline battery cells as well as in systems with higher voltage battery supplies. It features an internal 1.2A switch and synchronous rectifier to achieve up to 94% efficiency and to eliminate the need for an external Schottky diode. The output voltage can be set to 3.3V with internal feedback, or to any voltage within the specified range using a standard resistor divider. The SC120 operates in Pulse Width Modulation (PWM) mode for moderate to high loads and Power Save Mode (PSAVE) for improved efficiency under light load conditions. It features anti-ringing circuitry for reduced EMI in noise sensitive applications. Output disconnect capability is included to reduce leakage current, improve efficiency, and eliminate external components sometimes needed to disconnect the load from the supply during shutdown. Low quiescent current is obtained despite a high 1.2MHz operating frequency. Small external components and the space saving MLPD-UT-6, 1.5x2.0x0.6 (mm) package, or low cost SOT23-6 package, make this device an excellent choice for small handheld applications that require the longest possible battery life.
Applications
MP3 players Smart Phones and cellular phones Palmtop computers and handheld Instruments PCMCIA cards Memory cards Digital cordless phones Personal medical products Wireless VoIP phones Small motors
Typical Application Circuit
L1
IN Single Cell (1.2V) CIN EN GND
LX OUT FB COUT 3.3V
SC120
April 30, 2010
(c) 2010 Semtech Corporation
1
SC120
Pin Configuration -- SOT23
EN 6 FB 5 OUT 4
Ordering Information
Device
SC120ULTRT(1)(2) SC120SKTRT (1)(2) SC120EVB SC120SKEVB
Package
MLPD-UT-6 1.5x2 SOT23-6 Evaluation Board, MLPD-UT-6 version Evaluation Board, SOT23-6 version
Top View
Notes: (1) Available in tape and reel only. A reel contains 3,000 devices. (2) Lead-free packaging, only. Device is WEEE and RoHS compliant, and halogen-free.
1 IN 2 GND 3 LX
Pin Configuration -- MLPD-UT
SOT23; 6 LEAD JA = 130C/W
LX
1 TOP VIEW 6
OUT FB EN
Marking Information -- SOT23
GND
Top View
2 5
IN
3
T
4
CP00
Bottom View
MLPD-UT; 1.5x2, 6 LEAD JA = 84C/W
Marking Information -- MLPD-UT
yyww
120 yw
MLPD-UT; 1.5x2, 6 LEAD yw = date code
2
SOT23, 6 LEAD yyww = date code
SC120
Absolute Maximum Ratings
IN, OUT, LX, FB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0 EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3) ESD Protection Level (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
(1)
Recommended Operating Conditions
Ambient Temperature Range (C) . . . . . . . . . . . . -40 to +85 VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7 to 4.5 VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8 to 5.0
Thermal Information
Thermal Res. MLPD, Junction-Ambient(2) (C/W) . . . . . . . 84 Thermal Res., SOT23, Junction -Ambient(2) (C/W) . . . 130 Maximum Junction Temperature (C) . . . . . . . . . . . . . . . 150 Storage Temperature Range (C) . . . . . . . . . . . -65 to +150 Peak IR Reflow Temperature (10s to 30s) (C) . . . . . . +260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not recommended. NOTES: (1) Tested according to JEDEC standard JESD22-A114. (2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless otherwise noted VIN = 2.5V, CIN = COUT = 22F, L1 = 4.7H, TA = -40 to +85C. Typical values are at TA = 25C.
Parameter
Input Voltage Range Minimum Startup Voltage Shutdown Current Operating Supply Current(1) Internal Oscillator Frequency Maximum Duty Cycle Minimum Duty Cycle Output Voltage Adjustable Output Voltage Range Regulation Feedback Reference Voltage Accuracy (Internal or External Programming) FB Pin Input Current Startup Time
Symbol
VIN VIN-SU ISHDN IQ fOSC DMAX DMIN VOUT VOUT_RNG VReg-Ref IFB tSU
Conditions
Min
0.7
Typ
Max
4.5
Units
V V
IOUT < 1mA, TA = 0C to 85C TA = 25C, VEN = 0V In PSAVE mode, non-switching, measured at OUT
0.865 0.1 50 1.2 90 15 1
A A MHz % % V
VFB = 0V For VIN such that DMIN < D < DMAX 1.8
3.3 5.0
V
-1.5
1.5
%
VFB = 1.2V 1
0.1
A ms
3
SC120
Electrical Characteristics (continued)
Parameter
P-Channel ON Resistance N-Channel ON Resistance N-Channel Current Limit P-Channel Startup Current Limit LX Leakage Current PMOS LX Leakage Current NMOS Logic Input High Logic Input Low Logic Input Current High Logic Input Current Low
Symbol
RDSP RDSN ILIM(N) ILIM(P)-SU ILXP ILXN VIH VIL IIH IIL
Conditions
VOUT = 3.3V VOUT = 3.3V VIN = 3.0V VIN > VOUT, VEN > VIH TA = 25C, VLX = 0V TA = 25C, VLX = 3.3V VIN = 3.0V VIN = 3.0V VEN = VIN = 3.0V VEN = 0V
Min
Typ
0.6 0.5
Max
Units
A mA
0.9
1.2 150 1 1
A A V
0.85 0.2 1 -0.2
V A A
NOTES: (1) Quiescent operating current is drawn from OUT while in regulation. The quiescent operating current projected to IN is approximately IQ x (VOUT/VIN).
4
SC120
Typical Characteristics -- VOUT = 1.8V
OUT OUT R1 = 499k, R2 = 1M, L = 4.7H, TA = 25 C
100 90 80 70
Efficiency vs. I
(V
= 1.8V)
100
OUT OUT R1 = 499k, R2 = 1M, L = 4.7H, VIN = 1.2V
90 80 70
Efficiency vs. I
(V
= 1.8V)
VIN = 1.6V
TA = -40C
Efficiency (%)
Efficiency (%)
60 50 40 30 20 10 0 0.1 0.2 0.5
VIN = 0.8V
VIN = 1.2V
60 50 40 30 20 10
TA = 85C
TA = 25C
1
2
5
10
20
50
100
200
0
0.1
0.2
0.5
1
2
5
10
20
50
100
200
IOUT (mA)
IOUT (mA)
OUT R1 = 499k, R2 = 1M, L = 4.7H, TA = 25 C
1.84
Load Regulation (V
= 1.8V)
1.84
OUT R1 = 499k, R2 = 1M, L = 4.7H, VIN = 1.2V
Load Regulation (V
= 1.8V)
1.82
1.82
TA = 85C
VOUT (V) VOUT (V)
1.8
1.8
VIN = 1.6V
1.78
1.78
TA = -40C
VIN = 0.8V
1.76 0 50 100 150
VIN = 1.2V
1.76 0
TA = -40C TA = 25C TA = 85C
200
250
50
100
150
200
250
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H, IOUT = 5mA 1.84 1.84
Line Regulation -- PWM Mode (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H, IOUT = 35mA
TA = 85C
1.82
1.82
TA = -40C
VOUT (V)
TA = 25C
1.8
VOUT (V)
1.8
TA = -40C
1.78 1.78
TA = 85C TA = 25C
1.76 0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.76 0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
VIN (V)
VIN (V)
5
SC120
Typical Characteristics -- VOUT = 1.8V (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H, IOUT = 5mA 1.84 1.84
Temperature Regulation -- PWM Mode (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H, IOUT = 35mA
VIN = 1.6V
1.82
1.82
VIN = 0.8V
VOUT (V)
VIN = 1.2V VIN = 1.2V
VOUT (V)
1.8
1.8
VIN = 1.6V
1.78
1.78
VIN = 0.8V
1.76 -50 1.76 -50
-25
0
25
50
o
75
100
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
Startup Maximum Load Current vs. VIN (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H 50
Startup Minimum Load Resistance vs. VIN (VOUT = 1.8V)
R1 = 499k, R2 = 1M, L = 4.7H 160 140
40 120
TA = 25C TA = -40C
TA = 85C
IOUT (mA)
30
Equivalent R () LOAD
100 80 60 40 20 0
20
TA = -40C
10
TA = 85C
TA = 25C
0 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
VIN (V)
VIN (V)
Maximum IOUT vs. VIN (VOUT = 1.8V)
350 300 R1 = 499k, R2 = 1M, L = 4.7H
TA = -40C
250
IOUT (mA)
TA = 25C
200
TA = 85C
150 100 50 0
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
VIN (V)
6
SC120
Typical Characteristics -- VOUT = 3.3V
Efficiency vs. IOUT (VOUT = 3.3V)
100 90 80 70 FB grounded, L = 4.7H, TA = 25 C
Efficiency vs. IOUT (VOUT = 3.3V)
100 90 80 FB grounded, L = 4.7H, VIN = 2V
VIN = 3.0V
TA = -40C
TA = 85C
Efficiency (%)
Efficiency (%)
VIN = 1.0V VIN = 2.0V
70 60 50 40 30 20 10
60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10 20 50 100 200
TA = 25C
0
0.1
0.2
0.5
1
2
5
10
20
50
100
200
IOUT (mA)
IOUT (mA)
Load Regulation (VOUT = 3.3V)
3.4 FB grounded, L = 4.7H, TA = 25 C
Load Regulation (VOUT = 3.3V)
3.4 FB grounded, L = 4.7H, VIN = 2V
3.36
3.36
TA = 85C
VOUT (V)
VIN = 3.0V
3.28
VOUT (V)
3.32
3.32
TA = -40C
3.28
3.24
VIN = 2.0V VIN = 1.0V
TA = -40C
3.24
TA = 85C TA = 25C
3.2 0
50
100
150
200
250
300
350
400
3.2 0
50
100
150
200
250
300
350
400
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 3.3V)
3.4 FB grounded, L = 4.7H, IOUT = 5mA 3.4
Line Regulation -- PWM Mode (VOUT = 3.3V)
FB grounded, L = 4.7H, IOUT = 75mA
3.36
3.36
TA = 85C
3.32
TA = -40C
VOUT (V)
VOUT (V)
3.32
TA = -40C
3.28
3.28
TA = 25C
TA = 85C
3.24 3.24
TA = 25C
3.2 0.6 3.2 0.6
1
1.4
1.8
2.2
2.6
3
3.4
1
1.4
1.8
2.2
2.6
3
3.4
VIN (V)
VIN (V)
7
SC120
Typical Characteristics -- VOUT = 3.3V (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 3.3V)
3.4 FB grounded, L = 4.7H, IOUT = 5mA
Temperature Regulation -- PWM Mode (VOUT = 3.3V)
3.4 FB grounded, L = 4.7H, IOUT = 75mA
VIN = 2.0V VIN = 3.0V
3.36 3.36
VOUT (V)
3.28
VOUT (V)
3.32
VIN = 1.0V
3.32
VIN = 3.0V
3.28
VIN = 2.0V
3.24 3.24
VIN = 1.0V
3.2 -50
-25
0
25
50
o
75
100
3.2 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
Startup Maximum Load Current vs. VIN (VOUT = 3.3V)
90 80 70 60 FB grounded, L = 4.7H
Startup Minimum Load Resistance vs. VIN (VOUT = 3.3V)
160 140 FB grounded, L = 4.7H
TA = 25C
Equivalent R () LOAD
TA = 85C
120 100 80
IOUT (mA)
50 40
TA = -40C
30 20 10
TA = -40C
60 40
TA = 85C
20
TA = 25C
0 0.6 1 1.4 1.8 2.2 2.6 3 3.4 0 0.6 1 1.4 1.8 2.2 2.6 3 3.4
VIN (V)
VIN (V)
Maximum IOUT vs. VIN (VOUT = 3.3V)
500 450 400 350 FB grounded, L = 4.7H
TA = -40C
IOUT (mA)
300 250 200 150 100 50 0 0.6 1 1.4 1.8 2.2 2.6 3 3.4
TA = 25C TA = 85C
VIN (V)
8
SC120
Typical Characteristics -- VOUT = 4.0V
100 90 80 70
OUT OUT R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, TA = 25 C
Efficiency vs. I
VIN = 3.2V
(V
= 4.0V)
100 90 80
OUT OUT R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, VIN = 2.4V
Efficiency vs. I
(V
= 4.0V)
TA = -40C
TA = 85C
Efficiency (%) Efficiency (%)
VIN = 1.2V VIN = 2.4V
70 60 50 40 30 20 10
60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10 20 50 100 200
TA = 25C
0
0.1
0.2
0.5
1
2
5
10
20
50
100
200
IOUT (mA)
IOUT (mA)
4.1
OUT R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, TA = 25 C
Load Regulation (V
= 4.0V)
4.1
OUT R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, VIN = 2.4V
Load Regulation (V
= 4.0V)
TA = 85C
4.05 4.05
TA = 25C
VOUT (V)
VIN = 3.2V
3.95
VOUT (V)
4
4
TA = -40C
3.95
TA = 85C TA = 25C
VIN = 1.2V
3.9
VIN = 2.4V
3.9
TA = -40C
3.85 0 50 100 150 200 250 300 350 400 3.85 0 50 100 150 200 250 300 350 400
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 4.0V)
4.1 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, IOUT = 5mA 4.1
Line Regulation -- PWM Mode (VOUT = 4.0V)
R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, IOUT = 75mA
TA = 85C
4.05 4.05
TA = -40C
VOUT (V) VOUT (V)
4 4
TA = 25C
TA = 25C
3.95
3.95
TA = 85C TA = -40C
3.9
3.9
3.85 0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
3.85 0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
VIN (V)
VIN (V)
9
SC120
Typical Characteristics -- VOUT = 4.0V (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 4.0V)
4.1 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, IOUT = 5mA
Temperature Regulation -- PWM Mode (VOUT = 4.0V)
4.1 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF, IOUT = 75mA
VIN = 3.2V
4.05 4.05
VIN = 1.2V
4
VIN = 2.4V
VOUT (V)
4
VIN = 3.2V
VOUT (V)
VIN = 2.4V
3.95
3.95
VIN = 1.2V
3.9 3.9
3.85 -50
-25
0
25
50
o
75
100
3.85 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
Startup Maximum Load Current vs. VIN (VOUT = 4.0V)
100 90 80 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF
Startup Minimum Load Resistance vs. VIN (VOUT = 4.0V)
160 140 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF
TA = 25C TA = 85C
Equivalent R () LOAD
120 100 80
70
IOUT (mA)
60 50 40 30 20 10 0 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8
TA = -40C TA = 25C
TA = -40C
60 40
TA = 85C
20 0
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
VIN (V)
VIN (V)
Maximum IOUT vs. VIN (VOUT = 4.0V)
500 450 400 350 R1 = 931k, R2 = 402k, L = 4.7H, CFB = 2.2pF
TA = 25C
IOUT (mA)
300 250 200 150 100 50 0 0.6 1
TA = -40C
TA = 85C
1.4
1.8
2.2
2.6
3
3.4
3.8
VIN (V)
10
SC120
Typical Characteristics -- VOUT = 5.0V, Low VIN Range
Efficiency vs. IOUT (VOUT = 5.0V)
100 90 80 70 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, TA = 25 C 100
Efficiency vs. IOUT (VOUT = 5.0V)
R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, VIN = 1.2V
VIN = 1.6V
90 80
TA = 25C
TA = -40C
Efficiency (%)
60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10 20 50 100
Efficiency (%)
VIN = 1.2V VIN = 0.8V
70 60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10 20 50 100
TA = 85C TA = -40C
IOUT (mA)
IOUT (mA)
Load Regulation (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, TA = 25 C
Load Regulation (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, VIN = 1.2V
TA = 85C
5.05
5.05
VOUT (V)
VOUT (V)
5
5
VIN = 1.6V VIN = 0.8V VIN = 1.2V
4.9 0 20 40 60 80 100 120
TA = -40C
4.95
4.95
TA = -40C
TA = 85C TA = 25C
4.9
0
20
40
60
80
100
120
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, IOUT = 1mA 5.1
Line Regulation -- PWM Mode (VOUT = 5.0V)
R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, IOUT = 35mA
TA = -40C
5.05 5.05
TA = 25C
TA = 85C
VOUT (V)
5
VOUT (V)
5
TA = 85C TA = -40C
4.95
4.95
TA = 25C
4.9
0.6
0.8
1
1.2
1.4
1.6
1.8
4.9
0.6
0.8
1
1.2
1.4
1.6
1.8
VIN (V)
VIN (V)
11
SC120
Typical Characteristics -- VOUT = 5.0V, Low VIN Range (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, IOUT = 1mA
Temperature Regulation -- PWM Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 3.3H, CFB = 10pF, IOUT = 35mA
VIN = 1.6V VIN = 0.8V
5.05
VIN = 1.2V
5.05
VOUT (V)
VOUT (V)
VIN = 1.6V
5
5
VIN = 1.2V
4.95
4.95
VIN = 0.8V
4.9 -50
-25
0
25
50
o
75
100
4.9 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
See page 16 for all VOUT = 5.0V operation and startup load data.
12
SC120
Typical Characteristics -- VOUT = 5.0V, Mid VIN Range
Efficiency vs. IOUT (VOUT = 5.0V)
100 90 80 70 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, TA = 25 C
100 90 80
OUT OUT R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, VIN = 2.4V
Efficiency vs. I
(V
= 5.0V)
VIN = 3.2V
TA = -40C
VIN = 1.6V
Efficiency (%)
70 60 50 40 30 20 10
TA = 85C
TA = 25C
Efficiency (%)
60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10 20 50 100 200
VIN = 2.4V
0
0.1
0.2
0.5
1
2
5
10
20
50
100
200
IOUT (mA)
IOUT (mA)
5.1
OUT R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, TA = 25 C
Load Regulation (V
= 5.0V)
5.1
OUT R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, VIN = 2.4V
Load Regulation (V
TA = 85C
= 5.0V)
5.05
5.05
VOUT (V)
5
VOUT (V)
5
TA = -40C
4.95
4.95
TA = -40C TA = 85C TA = 25C
VIN = 1.6V
4.9 0 50 100 150
VIN = 2.4V
200 250
VIN = 3.2V
300 350 4.9 0 50 100 150 200 250 300 350
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, IOUT = 5mA
Line Regulation -- PWM Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, IOUT = 75mA
TA = 85C
5.05
TA = -40C
5.05
VOUT (V)
TA = 25C
5
VOUT (V)
TA = -40C
5
TA = 85C
4.95 4.95
TA = 25C
4.9
1.2
1.6
2
2.4
2.8
3.2
4.9
1.2
1.6
2
2.4
2.8
3.2
VIN (V)
VIN (V)
13
SC120
Typical Characteristics -- VOUT = 5.0V, Mid VIN Range (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, IOUT = 5mA
Temperature Regulation -- PWM Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF, IOUT = 75mA
VIN = 1.6V
5.05 5.05
VIN = 3.2V
VOUT (V)
VIN = 3.2V VIN = 2.4V
VOUT (V)
5
5
VIN = 2.4V VIN = 1.6V
4.95
4.95
4.9 -50
-25
0
25
50
o
75
100
4.9 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
See page 16 for all VOUT = 5.0V operation and startup load data.
14
SC120
Typical Characteristics -- VOUT = 5.0V, High VIN Range
100 90 80 70
OUT OUT R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, TA = 25 C
Efficiency vs. I
(V
= 5.0V)
VIN = 4.2V
100 90 80
OUT OUT R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, VIN = 3.6V
Efficiency vs. I
(V
= 5.0V)
TA = -40C TA = 85C TA = 25C
VIN = 3.0V
Efficiency (%)
70
Efficiency (%)
60 50 40 30 20 10 0 0.1 0.2 0.5 1 2 5 10
VIN = 3.6V
60 50 40 30 20 10
20
50
100
200
500
0
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
IOUT (mA)
IOUT (mA)
5.1
OUT R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, TA = 25 C
Load Regulation (V
= 5.0V)
5.1
OUT R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, VIN = 3.6V
Load Regulation (V
= 5.0V)
TA = 85C
5.05 5.05
VIN = 4.2V
VOUT (V) VOUT (V)
5 5
TA = -40C
4.95
4.95
TA = -40C
4.9
VIN = 3.0V
4.9
VIN = 3.6V
4.85 0
TA = 85C
450 500 50 100 150 200 250 300 350
TA = 25C
400 450 500
4.85 0
50
100
150
200
250
300
350
400
IOUT (mA)
IOUT (mA)
Line Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, IOUT = 5mA 5.1
Line Regulation -- PWM Mode (VOUT = 5.0V)
R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, IOUT = 75mA
TA = 85C
5.05 5.05
TA = -40C
VOUT (V) VOUT (V)
5 5
TA = -40C TA = 25C
TA = 85C
4.95
4.95
TA = 25C
4.9 4.9
4.85 0.5
1
1.5
2
2.5
3
3.5
4
4.5
4.85 0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN (V)
VIN (V)
15
SC120
Typical Characteristics -- VOUT = 5.0V, High VIN Range (continued)
Temperature Regulation -- PSAVE Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, IOUT = 5mA
Temperature Regulation -- PWM Mode (VOUT = 5.0V)
5.1 R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF, IOUT = 75mA
VIN = 4.2V
5.05
VIN = 3.0V
5.05
VIN = 4.2V
VOUT (V)
VOUT (V)
5
VIN = 3.6V
5
VIN = 3.0V VIN = 3.6V
4.95
4.95
4.9
4.9
4.85 -50
-25
0
25
50
o
75
100
4.85 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
Junction Temperature ( C)
Startup Max. Load Current vs. VIN (VOUT=5.0V, all VIN's)
140 120 R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF
Startup Min. Load Res. vs. VIN (VOUT=5.0V, all VIN Ranges)
160 140 R1 = 931k, R2 = 294k, L = 6.8H, CFB = 2.2pF
TA = -40C TA = 25C TA = 85C
IOUT (mA)
80 60
TA = -40C
120
Equivalent R () LOAD
100
100
TA = 25C
80 60 40
TA = 85C
40
TA = 25C
20
TA = 85C
20 0
TA = -40C
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN (V)
VIN (V)
Maximum IOUT vs. VIN (VOUT = 5.0V, all VIN Ranges)
500 450 400 350 R1 = 931k, R2 = 294k, L = 4.7H, CFB = 2.2pF
TA = -40C TA = 25C
IOUT (mA)
300 250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
TA = 85C
VIN (V)
16
SC120
Typical Characteristics (continued)
Load Transient (PSAVE to PWM)
VOUT = 3.3V, VIN = 1.2V, TA = 25C
Load Transient (PWM to PWM)
VOUT = 3.3V, VIN = 1.5V, TA =25C
IOUT = 5mA to 100mA (50mA/div)
IOUT = 40mA to 140mA (50mA/div)
VOUT (100mV/div) AC Coupled VOUT (100mV/div) AC Coupled
Time = (100s/div)
Time = (100s/div)
PSAVE Operation
VOUT = 3.3V, VIN = 1.5V, IOUT = 20mA VOUT ripple (50mV/div) VOUT ripple (10mV/div)
PWM Operation
VOUT = 3.3V, VIN = 1.5V, IOUT = 50mA
IL (100mA/div)
IL (100mA/div)
VLX (5V/div) Time = (10s/div)
VLX (5V/div) Time = (400ns/div)
Minimum Startup VIN vs. Temperature (Any VOUT)
0.95 0.925
Minimum Startup VIN (V)
0.9 0.875
0.85 0.825
0.8 -50
-25
0
25
50
o
75
100
Junction Temperature ( C)
17
SC120
Pin Descriptions
MLPD Pin #
1 2 3 4 5
SOT23 Pin #
3 2 1 6 5
Pin Name
LX GND IN EN FB
Pin Function
Switching node -- connect an inductor from the input supply to this pin. Signal and power ground. Battery or supply input -- requires an external 10F bypass capacitor (capacitance evaluated while under VIN bias) for normal operation. Enable digital control input -- active high. Feedback input -- connect to GND for preset 3.3V output. A voltage divider is connected from OUT to GND to adjust output from 1.8V to 5.0V. Output voltage pin -- requires an external 10F bypass capacitor (capacitance evaluated while under VOUT bias) for normal operation. Thermal Pad (MLPD package only) is for heat sinking purposes -- connect to ground plane using multiple vias -- not connected internally.
6
4
OUT Thermal Pad
T
NA
18
SC120
Block Diagram
IN
VOUT Comp.
+ + 1.7 V +
OUT
EN
Start-up Oscillator
PLIM Amp.
Oscillator and Slope Generator
Slope Comp.
Gate Drive and Logic Control
Bulk Bias
LX
PWM Comp. + -
PWM Control + NLIM Amplifier + Current Amplifier
FB
Output Voltage Selection Logic
+
Error Amp.
+ VREF - 1.2 V
GND
19
SC120
Applications Information
Detailed Description
The SC120 is a synchronous step-up Pulse Width Modulated (PWM) DC-DC converter utilizing a 1.2MHz fixed frequency current mode architecture. It is designed to provide output voltages in the range 1.8V to 5.0V from an input voltage as low as 0.7V, with a (output unloaded) start up input voltage of 0.85V. The device operates in two modes: PWM and automatic PSAVE mode. In PWM operation, the devices uses pulse width modulation control to regulate the output under moderate to heavy load conditions. It switches to PSAVE mode when lightly loaded. Quiescent current consumption is as little as 50A, into the OUT pin, when in PSAVE mode. The regulator control circuitry is shown in the Block Diagram. It is comprised of a programmable feedback controller, an internal 1.2MHz oscillator, an nchannel Field Effect Transistor (FET) between the LX and GND pins, and a p-channel FET between the LX and OUT pins. The current flowing through both FETs is monitored and limited as required for startup, PWM operation, and PSAVE operation. An external inductor must be connected between the IN pin and the LX pin. When the n-channel FET is turned on, the LX pin is internally grounded, connecting the inductor between IN and GND. This is called the on-state. During the on-state, inductor current flows to ground and is increasing. When the n-channel FET is turned off and the p-channel FET is turned on (known as the off-state), the inductor is then connected between IN and OUT. The (now decreasing) inductor current flows from the input to the output, boosting the output voltage above the input voltage.
Output Voltage Selection
The SC120 output voltage can be programmed to an internally preset value or it can be programmed with external resistors. The output is internally programmed to 3.3V when the FB pin is connected to GND. Any output voltage in the range 1.8V to 5.0V can be programmed with a resistor voltage divider between OUT and the FB pin as shown in Figure 1. The values of the resistors in the voltage divider network are chosen to satisfy the equation
R1 R2
VOUT
1.2
1
V
.
A large value of R2, ideally 590k or larger, is preferred for stability for VIN within approximately 400mV of VOUT. For lower VIN, lower resistor values can be used. The values of R1 and R2 can be as large as desired to achieve low quiescent current.
L1
IN EN CIN GND
LX OUT R1 FB COUT CFB VOUT
SC120
R2
Figure 1 -- Output Voltage Feedback Circuit
20
SC120
Applications Information (continued)
PWM Operation
The PWM cycle runs at a fixed frequency (fosc = 1.2MHz), with a variable duty cycle (D). PWM operation continually draws current from the input supply (except for discontinuous mode, described subsequently). During the onstate of the PWM cycle, the n-channel FET is turned on, grounding the inductor at the LX pin. This causes the current flowing from the input supply through the inductor to ground to ramp up. During the off-state, the nchannel FET is turned off and the p-channel FET (synchronous rectifier) is turned on. This causes the inductor current to flow from the input supply through the inductor into the output capacitor and load, boosting the output voltage above the input voltage. The cycle then repeats to re-energize the inductor. Ideally, the steady state (constant load) duty cycle is determined by D = 1 - (VIN/VOUT ), but must be greater in practice to overcome dissipative losses. The SC120 PWM controller constrains the value of D such that 0.15 < D < 0.90 (approximately). The average inductor current during the off-state multiplied by (1-D) is equal to the average load current. The inductor current is alternately ramping up (on-state) and down (off-state) at a rate and amplitude determined by the inductance value, the input voltage, and the on-time (TON = DxT, T = 1/fOSC). Therefore, the instantaneous inductor current will be alternately larger and smaller than the average. If the average output current is sufficiently small, the minimum inductor current can reach zero during the off-state. If the energy stored in the inductor is depleted (the inductor current decreases to zero) during the offstate, both FETs turn off for the remainder of the off-state. If this discontinuous mode (DM) operation persists, the SC120 transitions to PSAVE operation. output of the PLIM amplifier falls to 0V during the off-state due to low load current. PSAVE mode requires fewer circuit resources than PWM mode. All unused circuitry is disabled to reduce quiescent power dissipation. In PSAVE mode, the OUT pin voltage monitoring circuit remains active and the output voltage error amplifier operates as a comparator. PSAVE regulation is shown in Figure 2. When VOUT < 1.008xVREG, where VREG is the programmed output voltage, a burst of fixed-period switching occurs to boost the output voltage. The n-channel FET turns on (on-state) until the inductor current rises to approximately 240mA. The n-channel FET then turns off and the p-channel FET turns on to transfer the inductor energy to the output capacitor and load for the duration of the off-state. This cycle repeats until VOUT > 1.018xVREG, at which point both FETs are turned off. The output capacitor then discharges into the load until VOUT < 1.008xVREG, and the burst cycle repeats. When the output current increases above a predetermined level, either of two PSAVE exit conditions will force the resumption of PWM operation. The first PSAVE exit criterion is shown in Figure 2. If the PSAVE burst cycle cannot provide sufficient current to the output, the output voltage will decrease during the burst. If VOUT < 0.98 x VREG, PWM operation will resume. The second PSAVE exit criterion, illustrated in Figure 3, depends on the rate of discharge of the output capacitor between PSAVE bursts. If the time between bursts is less than 5s, then PWM operation resumes. The output capacitance value will affect the second criterion, but not the first. Reducing the output capacitor will reduce the output load at which PSAVE mode exits to PWM mode. Within each on/off cycle of a PSAVE burst, the rate of decrease of the inductor current during the off-state is proportional to (VOUT - VIN). If VIN is sufficiently close to VOUT, the decrease in current during the off-state may not overcome the increase in current during the minimum on-time of the on-state, approximately 100ns. This can result in the peak inductor current rising above the PSAVE mode n-channel FET current limit. (Normally, when the n-channel FET current limit is reached, the on-state ends immediately and the off-state begins. This sets the duty cycle on a cycle-by-cycle basis.) This inductor current rise
21
PSAVE Operation
At light loads, the SC120 will operate in PSAVE mode. At low output load, PSAVE mode will operate more efficiently than PWM mode. PSAVE mode also ensures regulation while the output load is too small to keep the PWM mode duty cycle above its minimum value, especially when VIN is close to VOUT. PSAVE operation is triggered by 256 consecutive cycles of DM operation in PWM mode, when the
SC120
Applications Information (continued)
PSAVE Mode at Moderate Load
BURST OFF BURST
Higher Load Applied
OFF BURST
PSAVE exit due to output decay
PWM Mode at High Load
PWM Mode
+1.8%
+0.8%
VOUT
Prog'd Voltage
-2%
Inductor Current
240mA
0A Time
Figure 2 -- PSAVE Operation With Exit to PWM Due To Output Voltage Decay
PSAVE Mode at Moderate Load
BURST OFF (> 5s)
Higher Load Applied
BURST
PSAVE exit due to off-time reduction
OFF (< 5s)
PWM Mode at High Load
PWM Mode
+1.8%
+0.8%
VOUT
Prog'd Voltage
-2%
Inductor Current
240mA
0A Time
Figure 3 -- PSAVE Operation With Exit to PWM Due To Off-time < 5s
22
SC120
Applications Information (continued)
accumulates with each successive cycle in the burst. The result is that the output load current that can be supported in PSAVE under this high VIN condition will be greater than occurs if the 240mA current limit can be enforced. Therefore the PSAVE exit load due to the first exit criterion (Figure 2) can increase significantly. This phenomenon is advantageous. Reverting to PWM operation with high VIN can result in VOUT rising above VREG, due to the PWM minimum duty cycle. PSAVE operation avoids this voltage rise because of its hysteretic voltage-threshold on/off control. If the load remains low enough to remain in PSAVE, VIN can approach and even slightly exceed VOUT. To initally enter PSAVE mode, the initial startup load must be small enough to cause discontinuous mode PWM operation. This PSAVE mode startup load upper limit can be increased if needed by reducing the inductance. (Refer to the Inductor Selection section.) Sufficiently large output capacitance will prevent PSAVE exit due to the second exit criterion (Figure 3). PSAVE VOUT ripple may increase due to parasitic capacitance on the external FB pin network. If using external feedback programming, it is prudent to add a small capacitor between OUT and FB to the circuit board layout. When operating the SC120 in the final configuration in PSAVE, observe the amplitude of PSAVE ripple. If the ripple exceeds 50mV for the expected range of input voltage, a small-value capacitor should be tried. Capacitance on the order of a few picofarads is often sufficient to bring the ripple amplitude to approximately 50mV. In the case of low VIN and high VOUT, larger values of CFB may be needed, perhaps 4.7pF or higher. If using the SOT23-6 package (SC120SKTRT) with low VIN and high VOUT, at least 10pF to 12pF is recommended.
Regulator Startup, Short Circuit Protection, and Current Limits
The SC120 permits power up at input voltages from 0.85V to 4.5V. Startup current limiting of the internal switching n-channel and p-channel FET power devices protects them from damage in the event of a short between OUT and GND. As the output voltage rises, progressively lessrestrictive current limits are applied. This protection unavoidably prevents startup into an excessive load. To begin, the p-channel FET between the LX and OUT pins turns on with its current limited to approximately 150mA, the short-circuit output current. When VOUT approaches VIN (but is still below 1.7V), the n-channel current limit is set to 350mA (the p-channel limit is disabled), the internal oscillator turns on (approximately 200kHz), and a fixed 75% duty cycle PWM operation begins. (See the section PWM Operation.) When the output voltage exceeds 1.7V, fixed frequency PWM operation begins, with the duty cycle determined by an n-channel FET peak current limit of 350mA. When this n-channel FET startup current limit is exceeded, the on-state ends immediately and the offstate begins. This determines the duty cycle on a cycleby-cycle basis. When VOUT is within 2% of the programmed regulation voltage, the n-channel FET current limit is raised to 1.2A, and normal voltage regulation PWM control begins. Once normal voltage regulation PWM control is initiated, the output becomes independent of VIN and output regulation can be maintained for VIN as low as 0.7V, subject to the maximum duty cycle and peak current limits. The duty cycle must remain between 15% and 90% for the device to operate within specification. Note that startup with a regulated active load is not the same as startup with a resistive load. The resistive load output current increases proportionately as the output voltage rises until it reaches programmed VOUT/RLOAD, while a regulated active load presents a constant load as the output voltage rises from 0V to programmed VOUT. Note also that if the load applied to the output exceeds an applicable VOUT dependent startup current limit or duty cycle limit, the criterion to advance to the next startup stage may not be achieved. In this situation startup may
The Enable Pin
The EN pin is a high impedance logical input that can be used to enable or disable the SC120 under processor control. VEN < 0.2V will disable regulation, set the LX pin in a high-impedance state (turn off both FET switches), and turn on an active discharge device to discharge the output capacitor via the OUT pin. VEN > 0.85V will enable the output. The startup sequence from the EN pin is identical to the startup sequence from the application of input power.
23
SC120
Applications Information (continued)
pause at a reduced output voltage until the load is reduced further. viding a moderate resistance path across the inductor to dampen the oscillations at the LX pin. This effectively reduces EMI that can develop from the resonant circuit formed by the inductor and the drain capacitance at LX. The anti-ringing circuitry is disabled between PSAVE bursts.
Output Overload and Recovery
When in PSAVE operation, an increasing load will eventually satisfy one of the PSAVE exit criteria and regulation will revert to PWM operation. As previously noted, the PWM steady state duty cycle is determined by D = 1 - (VIN/VOUT ), but must be somewhat greater in practice to overcome dissipative losses. As the output load increases, the dissipative losses also increase. The PWM controller must increase the duty cycle to compensate. Eventually, one of two overload conditions will occur, determined by VIN, VOUT, and the overall dissipative losses due to the output load current. Either the maximum duty cycle of 90% will be reached or the n-channel FET 1.2A (nominal) peak current limit will be reached, which effectively limits the duty cycle to a lower value. Above that load, the output voltage will decrease rapidly and in reverse order the startup current limits will be invoked as the output voltage falls through its various voltage thresholds. How far the output voltage drops depends on the load voltage vs. current characteristic. A reduction in input voltage, such as a discharging battery, will lower the load current at which overload occurs. Lower input voltage increases the duty cycle required to produce a given output voltage. And lower input voltage also increases the input current to maintain the input power, which increases dissipative losses and further increases the required duty cycle. Therefore an increase in load current or a decrease in input voltage can result in output overload. Once an overload has occurred, the load must be decreased to permit recovery. The conditions required for overload recovery are identical to those required for successful initial startup.
Component Selection
The SC120 provides optimum performance when a 4.7H inductor is used with a 10F output capacitor. Different component values can be used to modify PSAVE exit or entry loads, modify output voltage ripple in PWM mode, improve transient response, or to reduce component size or cost. Inductor Selection The inductance value primarily affects the amplitude of inductor current ripple (I L). Reducing inductance increases I L. This raises the inductor peak current, IL-max = IL-avg + IL/2, where IL-avg is the inductor current averaged over a full on/off cycle. I L-max is subject to the n-channel FET current limit ILIM(N), therefore reducing the inductance may lower the output overload current threshold. Increasing IL also lowers the inductor minimum current, IL-min = IL-avg - IL/2, thus raising the PSAVE entry load current threshold. This is the output load below which IL-min = 0, the boundary between continuous mode and discontinuous mode PWM regulation, which signals the SC120 controller to switch to PSAVE operation. In the extreme case of VIN approaching VOUT, smaller inductance can also reduce the PSAVE inductor burst-envelope current ripple and voltage ripple. Equate input power to output power, note that input current equals inductor current, and average over a full PWM switching cycle to obtain
IL 1 VOUT IOUT VIN
Anti-ringing Circuitry
In PWM operation, the n-channel and p-channel FETs are simultaneously turned off when the inductor current reaches zero. They remain off for the zero-inductorcurrent portion of the off-state. Note that discontinuous mode is a marginal-load condition, which if persistent will trigger a transition to PSAVE operation. When both FET switches are simultaneously turned off, an internal switch between the IN and LX pins is closed, proavg
where is efficiency. IL is the inductor (and thus the input) peak-to-peak current. Neglecting the n-channel FET RDS-ON and the inductor DCR, for duty cycle D, and with T = 1/fosc,
24
SC120
Applications Information (continued)
IL
on
1 L
DT 0
VIN dt
VIN D T L
This is the change in IL during the on-state. During the off-state, again neglecting the p-channel FET RDS-ON and the inductor DCR,
IL 1 L
T DT
smallest and largest expected values of VIN. If the input range includes VIN = 2/3 VOUT, also determine IPSAVE-entry-max. Note that at high VIN (VIN close to VOUT ) PSAVE exit may require an unusually high output load current. In this case, PSAVE re-entry may be of little concern. So if the largest VIN exceeds approximately 90% of VOUT, instead evaluate PSAVE entry at VIN = 0.9VOUT. To ensure that IPSAVE-entry-max will be less than the PSAVE exit current, evaluate the PSAVE-PWM mode transistions while applying increasing and decreasing loads with VIN at and above 2/3 VOUT. This should be done at the application's lowest specified ambient temperature as well as at room temperature. If the PSAVE exit current is not sufficiently greater than the PSAVE entry current, the separation can be enhanced by increasing the output capacitance to raise IPSAVE-exit due to the 5s off-time criterion (see Figure 3), or by increasing the inductor value to reduce IPSAVE-entry. The inductor selection should also consider the n-channel FET current limit for the expected range of input voltage and output load current. The largest IL-avg will occur at the expected smallest VIN and largest IOUT. Determine the largest allowable IL, based on the largest expected IL-avg, the minimum n-channel FET current limit, and the inductor tolerance. Ensure that in the worst case, IL-avg + IL/2 < ILIM(N). These calculations include the parameter , efficiency. Efficiency varies with VIN, IOUT, and temperature. Estimate using the plots provided in this datasheet, or from experimental data, at the operating condition of interest when computing the effect of a new inductor value on PSAVE entry and I-limit margin. Any chosen inductor should have low DCR, compared to the RDS-ON of the FET switches, to maintain efficiency, though for DCR << RDS-ON, further reduction in DCR will provide diminishing benefit. The inductor ISAT value should exceed the expected IL-max. The inductor self-resonant frequency should exceed 5xfosc. Any inductor with these properties should provide satisfactory performance. L = 4.7H should perform well for most applications. For high VOUT, (4.0V to 5.0V), and relatively high VIN (3.3V and above), L = 6.8H, along with a larger output capacitance or larger-package output capacitor (for better V-bias per25
off
VIN VOUT dt
VIN VOUT L
T
1D
Note that this is a negative quantity, since VOUT > VIN and 0 < D < 1. For a constant load in steady-state, the inductor current must satisfy IL-on + IL-off = 0. Substituting the two expressions and solving for D, obtain D = 1 - VIN/VOUT. Using this expression, and the positive valued expression IL = IL-on for current ripple amplitude, obtain expanded expression for IL-max and IL-min.
IL VOUT IOUT VIN VIN 2 L VOUT T VOUT VIN
max,min
If the value of IOUT decreases until IL-min = 0, which is the boundary of continuous and discontinuous PWM operation, the SC120 will transition from PWM operation to PSAVE operation. Define this value of IOUT as IPSAVE-entry. Setting the expression for IL-min to 0 and solving,
IPSAVE
entry
T VIN 2 L VOUT
2
VOUT VIN
The programmed value of VOUT is constant. IPSAVE-entry is a polynomial function of VIN. Equating dIPSAVE-entry/dVIN = 0 and solving for VIN reveals that there is one non-zero extremum of this function, a maximum, at V IN = 2/ 3 V OUT.* Applying this value of VIN,
IPSAVE T
entry max
L
2 VOUT 27
The value of the inductor determines the PSAVE entry output load current for a given VIN. Evaluate IPSAVE-entry at the
* For simplicity, efficiency () is represented as a constant. But efficiency, itself a function of VIN, decreases with decreasing VIN (and decreases with increasing temperature). Therefore at a given temperature, the input voltage that produces the maximum PSAVE entry load current will be slightly greater than 2/3 of VOUT.
SC120
Applications Information (continued)
formance), will ensure correct mode-switching behavior. For very low VIN (0.7V to 0.8V) such as is obtained with a nearly-depleted single-cell alkaline battery), a smaller value of inductance will help to ensure that PWM mode will switch to PSAVE mode as the load decreases. This consideration may be of little importance in most applications, as there is little energy remaining in such a deeply discharged battery. The following table lists the manufacturers of recommended inductor options. The specification values shown are simplified approximations or averages of many device parameters under various test conditions. See manufacturers' documentation for full performance data.
Manufacturer/ Part # Murata LQM31PN4R7M00 Coilcraft XFL2006-472 Value (H) 4.7 4.7 DCR () 0.3 0.7 Rated Current (mA) 700 500 Tolerance (%) 20 20 Dimensions LxWxH (mm) 3.2 x 1.6 x 0.95 2 x 2 x 0.6
at the switching frequency of the SC120. Ceramic capacitors of type Y5V are not recommended as their temperature coefficients and large capacitance tolerance make them unsuitable for this application. The following table lists recommended capacitors. For smaller values and smaller packages, it may be necessary to use multiple devices in parallel, especially for COUT.
Manufacturer/ Part Number Murata GRM21BR60J226ME39B Murata GRM31CR71A226KE15L Murata GRM185R60G475ME15 TDK C2012X5R1A226M Taiyo Yuden JMK212BJ226MG-T Value (F) 22 22 4.7 22 22 Rated Voltage (VDC) 6.3 10 4 10 20 Type Case Size 0805 1206 0603 0805 0805 Case Height (mm) 1.25 1.6 0.5 0.85 1.25
X5R X7R X5R X5R X5R
PCB Layout Considerations
Poor layout can degrade the performance of the DC-DC converter and can contribute to EMI problems, ground bounce, and resistive voltage losses. Poor regulation and instability can result. The following simple design rules can be implemented to ensure good layout:
Capacitor Selection Input and output capacitors must be chosen carefully to ensure that they are of the correct value and rating. The output capacitor requires a minimum capacitance value of 10F at the programmed output voltage to ensure stability over the full operating range, and to ensure positive mode-switching hysteresis. The DC bias must be included in capacitor derating to ensure the required effective capacitance is provided, especially when considering small package-size capacitors. For example, a 10F 0805 capacitor may provide sufficient capacitance at low output voltages but may be too low at higher output voltages. Therefore, a higher capacitance value may be required to provide the minimum of 10F at these higher output voltages. Additional output capacitance may be required for VIN close to VOUT to reduce ripple in PSAVE mode, to increase the PSAVE exit threshold for high VIN, and to ensure stability in PWM mode, especially at higher output load currents. Low ESR capacitors such as X5R or X7R type ceramic capacitors are recommended for input bypassing and output filtering. Low-ESR tantalum capacitors are not recommended due to possible reduction in capacitance seen
* * *
*
Place the inductor and filter capacitors as close to the device as possible and use short wide traces between the power components. Route the output voltage feedback path away from the inductor and LX node to minimize noise and magnetic interference. Maximize ground metal on the component side to improve the return connection and thermal dissipation. Separation between the LX node and GND should be maintained to avoid coupling capacitance between the LX node and the ground plane. Use a ground plane with several vias connecting to the component side ground to further reduce noise interference on sensitive circuit nodes.
A layout drawing for the MLP package is shown in Figure 4 and a layout drawing for the SOT23 package is shown in Figure 5.
26
SC120
Applications Information (continued)
7.0mm
COUT
VOUT
LX GND
OUT
CFB
R1
SC120
FB EN
LX
5.2mm
(2nd layer)
IN
R2
VIN
CIN
GND
Figure 4 -- Layout Drawing for MLP package
8mm VIN GND
CIN
IN EN R2
(2nd layer)
LX
GND LX
SC120
FB CFB OUT R1
5.5mm
COUT
VOUT
Figure 5 -- Layout Drawing for SOT23-6 package
27
SC120
Outline Drawing -- MLPD-UT-6 1.5x2
A
D
B DIM A A1 A2 b D D1 E E1 e L N aaa bbb MIN .020 .000 .007 .055 .035 .075 .026
DIMENSIONS INCHES NOM (.006) .010 .059 MAX .024 .002 .012 .063 .055 .083 .035 MILLIMETERS MIN 0.50 0.00 0.18 1.40 0.90 1.90 0.65 NOM (.152) 0.25 1.50 MAX 0.60 0.05 0.30 1.60 1.40 2.10 0.90
E PIN 1 INDICATOR (LASER MARK)
A2 A aaa C C A1 D1 1 LxN 2 SEATING PLANE
.079 .031 .020 BSC .012 .014 .016 6 .003 .004
2.00 0.80 0.50 BSC 0.30 0.35 0.40 6 0.08 0.10
E1
N e NOTES: 1.
bxN bbb CAB
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS.
28
SC120
Land Pattern -- MLPD-UT-6 1.5x2
H R DIMENSIONS DIM C Z (C) K G G H K P R Y X Y P X Z INCHES (.077) .047 .051 .031 .020 .006 .012 .030 .106 MILLIMETERS (1.95) 1.20 1.30 0.80 0.50 0.15 0.30 0.75 2.70
NOTES: 1. 2. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET. 3. THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD SHALL BE CONNECTED TO A SYSTEM GROUND PLANE. FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR FUNCTIONAL PERFORMANCE OF THE DEVICE.
29
SC120
Outline Drawing -- SOT23-6
DIMENSIONS
A e1
N
DIM
D
A A1 A2
b c D E1 E e e1 L L1 N 01 aaa bbb ccc
2X E/2 E1
1 2
E
ccc C 2X N/2 TIPS e B
MILLIMETERS MIN NOM MAX 1.45 0.90 0.00 0.15 0.90 1.15 1.30 0.25 0.50 0.08 0.22 2.80 2.90 3.10 1.50 1.60 1.75 2.80 BSC 0.95 BSC 1.90 BSC 0.30 0.45 0.60 (0.60)
6
0
D
aaa C
0.10 0.20 0.20
10
A2 A
SEATING PLANE C H
A1 bxN
GAUGE PLANE 0.25 01 L SEE DETAIL
c
bbb
C A-B D
A
DETAIL A
(L1)
SIDE VIEW
NOTES: 1.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
30
SC120
Land Pattern -- SOT23-6
X
C G P X Y Z
DIMENSIONS
DIM MILLIMETERS (2.50) 1.40 0.95 0.60 1.10 3.60
(C) Y P
G
Z
NOTES:
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
31
SC120
(c) Semtech 2010 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. Semtech assumes no responsibility or liability whatsoever for any failure or unexpected operation resulting from misuse, neglect improper installation, repair or improper handling or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified range. SEMTECH PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN LIFESUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF SEMTECH PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE UNDERTAKEN SOLELY AT THE CUSTOMER'S OWN RISK. Should a customer purchase or use Semtech products for any such unauthorized application, the customer shall indemnify and hold Semtech and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs damages and attorney fees which could arise. Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805) 498-2111 Fax: (805) 498-3804 www.semtech.com
32


▲Up To Search▲   

 
Price & Availability of SC120SKEVB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X