Part Number Hot Search : 
KD55F AA4040 LTC3408 SID1050M 70280 C3306 101M35 DAC2800D
Product Description
Full Text Search
 

To Download S2000AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
S2000AF
DESCRIPTION *With TO-3P(H)IS package *High voltage *Fast switching APPLICATIONS *Horizontal deflection for color TV PINNING
PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
ABSOLUTE MAXIMUM RATINGS (TC=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 700 10 8 15 50 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case VALUE 2.5 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=100mA ;IB=0 IE=10mA ;IC=0 IC=4.5A ;IB=2.0A IC=4.5A ;IB=2.0A VCE=1500V; VBE=0 TC=125 VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.1A ; VCE=5V;f=5MHz 8 7 MIN 700 10
S2000AF
SYMBOL VCEO(SUS) V(BR)EBO VCE(sat) VBE(sat) ICES IEBO hFE fT
TYP.
MAX
UNIT V V
1.0 1.3 1 2 1
V V mA mA
MHz
Switching times inductive load ts tf Storage time Fall time 7 0.55 s s
IC=4.5A ; hFE=2.5; VCC=140V LC=0.9mH; LB=3H
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
S2000AF
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of S2000AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X