Part Number Hot Search : 
74F86SC NP0080 40C12 2SC3854 8440D NTXV1 SD2001 BR3510
Product Description
Full Text Search
 

To Download RCUCTE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RC
resistors
test point chip
EU
features * * * * * Surface-mountable chip type test terminal Automatic machine insertable Suitable for reflow and wave soldering Available in three standard sizes: 0603, 0805 or 1206 Products with lead-free terminations meet EU RoHS and China RoHS requirements
dimensions and construction
L L W b a Stainless Solder Plating RCU Steel t b a RCS Stainless Steel L L W b a RCT Stainless Solder Steel Plating t a RCW Stainless Steel Solder Plating b W t Solder Plating W t Type
(Inch Size Code)
L .063 (1.6) .079 (2.0) .126 (3.2)
Dimensions inches (mm) W t a .031 (0.8) .049 (1.25) .063 (1.6) .045 (1.15) .057 (1.45) .049 (1.25) .079 (2.0) .009 (0.23) .009 (0.23) .009 (0.23) .009 (0.23)
b .009 (0.23) .018 (0.45) .009 (0.23) .018 (0.45)
RCU (0603) RCT (0805) RCS (1206) RCW (1206)
Note: Top surfaces of RCT and RCW are not solderable.
ordering information
New Part # RCU Type RCU RCT RCS RCW C Termination Material C: SnCu TE Packaging TE: 7" embossed plastic (2,000 pieces/reel) TED: 10" embossed plastic (5,000 pieces/reel) RCW not available in TED
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
136
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
RC
test point chip applications and ratings
Part Designation RCU RCT RCS RCW 2 Amps 50m or less +70C -55C to +125C Rated Current Standard Resistance Rated Ambient Temperature Operating Temperature Range
resistors
environmental applications Performance Characteristics
Parameter Resistance Resistance to Solder Heat Rapid Change of Temperature High Temperature Exposure 50m Max. after the test 50m Max. after the test 10m Max. after the test Requirement R Limit Typical 25C 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 100 cycles +125C, 100 hours
Test Method
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
137


▲Up To Search▲   

 
Price & Availability of RCUCTE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X