Part Number Hot Search : 
SKI03063 MSP1T2 ISP1521 MVCO1540 PE9554 B4168 2A222 1102E
Product Description
Full Text Search
 

To Download PID-250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 250W Isolated Dual Output with PFC Function
Features :
Universal AC input / Full range Isolated output & GND for CH1,CH2 Built-in active PFC function, PF>0.92
PID-250
Protections:Short circuit / Overload / Over voltage / Over temperature Remote control for CH1 Peak load 170% for CH1 within 10 sec. Cooling by free air convection 100% full load burn-in test 3 years warranty
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE PID-250A CH1 12V 0 ~ 15A 205W 50mVp-p 4.75 ~ 5.25V 2.0% 0.5% 2.0% CH2 5V 0 ~ 5A PID-250B CH1 24V 0 ~ 9.4A (Peak 16.7A) 250.6W 150mVp-p 21.6 ~ 26.4V 2.0% 0.5% 1.0% 1200ms, 60ms/230VAC 50mVp-p 4.75 ~ 5.25V 2.0% 0.5% 2.0% CH2 5V 0 ~ 5A PID-250C CH1 36V 0 ~ 6.3A (Peak 11.1A) 251.8W 200mVp-p 32.4 ~ 39.6V 2.0% 0.5% 1.0% 50mVp-p 4.75 ~ 5.25V 2.0% 0.5% 2.0% CH2 5V 0 ~ 5A PID-250D CH1 48V 0 ~ 4.7A (Peak 8.4A) 250.6W 200mVp-p 43.2 ~ 52.8V 2.0% 0.5% 1.0% 50mVp-p 4.75 ~ 5.25V 2.0% 0.5% 2.0% CH2 5V 0 ~ 5A
15A(Peak 20A) 5A
Note.6 (Peak 20A)
9.4A(Peak 16.7A) 5A
6.3A(Peak 11.1A) 5A
4.7A(Peak 8.4A) 5A
RIPPLE & NOISE (max.) Note.2 120mVp-p 10.8 ~ 13.2V VOLTAGE TOLERANCE Note.3 3.0% LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY(Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT 0.5% 1.0% 30ms at full load Note.5 90 ~ 264VAC 47 ~ 63Hz
2500ms, 60ms/115VAC
127 ~ 370VDC PF 0.97/115VAC at full load 86% 1.5A/230VAC 86% 86%
PF 0.92/230VAC 83% 3A/115VAC
COLD START 58A/230VAC <3.5mA / 240VAC CH1: 105 ~ 170% rated output power Normally work within 10 sec and then shut down, re-power on to recover
OVERLOAD PROTECTION OVER VOLTAGE
Over 180% rated power or short circuit, constant current limiting within 10 sec and then shut down, re-power on to recover CH2: 101 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 40 ~ 48V 5.5~ 6.75V 54 ~ 64.8V 5.5 ~ 6.75V 13.8 ~ 16.2V 5.5 ~ 6.75V 27.6 ~ 32.4V 5.5 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover for CH1 ; Hiccup mode, recovers automatically afer fault condition is removed for CH2(by zener diode clamp) 105 5 detect on heatsink of power transistors
OVER TEMPERATURE FUNCTION REMOTE CONTROL WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
Protection type : Shut down o/p voltage(CH1), recovers automatically after temperature goes down CN52 : Open=CH1 & CH2 power on ; Short = CH1 power off, CH2 power on; when CH2 is malfunction, CH1 will be shut down -20 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.05%/ (0 ~ 50 10 ~ 500Hz, 2G 10min./1cycle, period for 60min each along X, Y, Z axes
UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC SAFETY & I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC 25 70%RH ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B (Note 4) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF OTHERS
NOTE
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN61000-6-2, heavy industry level, criteria A 150.4Khrs min. MIL-HDBK-217F (25 ) 222*95*40mm open frame type (L*W*H), 250*105.4*53mm enclosed type (L*W*H) 0.74Kg; 18pcs/14.3Kg/0.88CUFT
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltage. Please check the derating curve for more details. 6. Peak current should reduce to 150% of rated value if the input voltage <110VAC.
File Name:PID-250-SPEC 2008-03-25
250W Isolated Dual Output with PFC Function(Open Frame Type)
Mechanical Specification
PID-250
Unit:mm
5
222 212
AC Input Connector (CN1) : JST B5P-VH or equivalent
Pin No. 1 2,4 3 5 Assignment FG No Pin AC/N AC/L Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
5
CN1
18CFM min. FAN 15cm
3.5 4-
1 2 3 4 5
CN51
SVR1
1 2 3 4 5 6 7 8 9 10 2 1
85
95
FS1
DC Output Connector (CN51) : JST B10P-VH or equivalent
Pin No. 1,2,3 4,5,6 7,8 9,10 Assignment COM1 V1 COM2 V2 Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
6 5
130
SVR2 CN52
Remote ON/OFF Connector(CN52):JST B2B-XH or equivalent
Pin No. PIN1,2 (Short)
40
Status V1: OFF V2: ON V1: ON V2: ON For CH1 For CH2
Mating Housing JST XHP or equivalent
Terminal JST SXH-001T-P0.6 or equivalent
PIN1,2 (Open) SVR1 SVR2
3max.
Block Diagram
I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING RECTIFIERS & FILTER PWM & PFC CONTROL
PFC fosc : 100KHz PWM fosc : 100KHz
CH1 GND1 COSTANT CURRENT LIMITING & DETECTION CIRCUIT O.V.P. R.C. (CN52) POWER SWITCHING RECTIFIERS & FILTER DETECTION CIRCUIT CH2 GND2
FG
O.L.P.
Derating Curve
Output Derating VS Input Voltage
Ta=25 With 18CFM FAN
100
100 90
80
80
60
Convection
70
LOAD (%)
40
LOAD (%)
10 20 30 40 50 60 70 (HORIZONTAL)
50
60 50 40
20
-20 -10 0
90
100
110
115
135
155
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PID-250-SPEC 2008-03-25
250W Isolated Dual Output with PFC Function(Enclosed Type)
Mechanical Specification
PID-250
Case No.965A Unit:mm
7.5
235
25.5
AC Input Connector (CN1) : JST B5P-VH or equivalent
2-M4
R2
15
.25
4.5
Pin No. 1 2,4 3 5
Assignment FG No Pin AC/N AC/L
Mating Housing JST VHR or equivalent
Terminal JST SVH-21T-P1.1 or equivalent
53
250 7.5 235
DC Output Connector (CN51) : JST B10P-VH or equivalent
Pin No. 1,2,3 4,5,6 7,8 9,10 Assignment COM1 V1 COM2 V2 Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
23
10
105.4
18CFM min. FAN
1 2 3 4 5 SVR1
52
CN51
1 2 3 4 5 6 7 8 9 10 SVR2 2 1
CN1
Remote ON/OFF Connector(CN52):JST B2B-XH or equivalent
Pin No. PIN1,2 (Short) PIN1,2 (Open) SVR1 SVR2 Status V1: OFF V2: ON V1: ON V2: ON For CH1 For CH2 Mating Housing JST XHP or equivalent Terminal JST SXH-001T-P0.6 or equivalent
45
5cm
R2 .25
10
4-M4
2-
4.5
CN52
Block Diagram
I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING RECTIFIERS & FILTER PWM & PFC CONTROL
PFC fosc : 100KHz
CH1 GND1 COSTANT CURRENT LIMITING & DETECTION CIRCUIT O.V.P. R.C. (CN52)
FG
O.L.P.
POWER SWITCHING
RECTIFIERS & FILTER DETECTION CIRCUIT
CH2 GND2
Derating Curve
Output Derating VS Input Voltage
Ta=25
100
100
With 18CFM FAN
80
90 80 70
60
LOAD (%)
40 30 20
Convection
LOAD (%)
50 60 65 70 (HORIZONTAL)
60 50 40
-20 -10 0
10
20 25 30
40
90
100
110
115
135
155
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PID-250-SPEC 2008-03-25


▲Up To Search▲   

 
Price & Availability of PID-250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X