Part Number Hot Search : 
AN181 7F185ML LTC24 2SJ345 164245 MC1384 AN181 N0468
Product Description
Full Text Search
 

To Download NC7SVL04FHX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
September 2009
NC7SVL04 TinyLogic(R) Low-ICCT Inverter
Features
0.9V to 3.6V VCC Supply Operation 3.6V Over-Voltage Tolerant I/Os at VCC from 0.9V to 3.6V Power-Off High Impedance Inputs and Outputs Proprietary Quiet SeriesTM Noise / EMI Reduction Circuitry Ultra-Small MicroPakTM Package Ultra-Low Dynamic Power
Description
The NC7SVL04 is a single inverter with a low-ICCT input design from Fairchild's Ultra-Low Power (ULP-A) series (R) of TinyLogic . The NC7SVL04 features very low quiescent current, even when the input voltage is lower than the VCC supply. This feature services mobile handset applications very well, allowing for direct interface with baseband processor general-purpose I/Os. Since mobile devices rely on a battery supply, the NC7SVL04 facilitates lower power consumption in mixed-voltage rail environments. This product is designed on an advanced CMOS technology for a wide low-voltage operating range (0.9V to 3.6V VCC), high drive needs (up to 24mA), and speed (maximum propagation delay of 3.5ns, VCC=3.3V). It achieves this performance while maintaining low CMOS power dissipation.
Ordering Information
Part Number
NC7SVL04P5X NC7SVL04L6X NC7SVL04FHX
Top Mark
L04 CD CD
Eco Status
RoHS RoHS Green
Package
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 6-Lead MicroPakTM, 1.00mm Wide 6-Lead, MicroPak2, 1x1mm Body, .35mm Pitch
Packing Method
3000 Units on Tape & Reel 5000 Units on Tape & Reel 5000 Units on Tape & Reel
For Fairchild's definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
Connection Diagram
IEEE/IEC
Figure 1. Logic Symbol
Pin Configurations
Figure 2. SC70 (Top View)
Figure 3. MicroPakTM (Top Through View)
Pin Definitions
Pin # SC70
1 2 3 4 5
Pin # MicroPak
1 2 3 4 6 5
Name
NC A GND Y VCC NC Input
Description
No Connect Ground Output Supply Voltage No Connect
Function Table Y=/A
Inputs A
L H H = HIGH Logic Level L = LOW Logic Level
Output Y
H L
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com 2
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VIN VOUT IIK IOK IOH / IOL TSTG TJ TL PD Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current
Parameter
Min.
-0.5 -0.5
Max.
4.6 4.6 VCC + 0.5 4.6 -50 -50 +50 50 50
Unit
V V V mA mA mA mA C C C mW
HIGH or LOW State VCC = 0V VIN < 0V VOUT < 0V VOUT > VCC
(1)
-0.5 -0.5
DC Output Source/Sink Current Storage Temperature Range Junction Temperature Under Bias Junction Lead Temperature, Soldering 10 Seconds SC70-5 Power Dissipation at +85C MicroPak-6 MicroPak2-6 -65
ICC or IGND DC VCC or Ground Current per Supply Pin
+150 +150 +260 150 130 120 4000 2000
ESD
Human Body Model, JEDEC:JESD22-A114 Charge Device Model, JEDEC:JESD22-C101
V
Note: 1. IO absolute maximum ratings must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VCC VIN VOUT
Parameter
Supply Voltage Input Voltage Output Voltage VCC = 0V
Conditions
Min.
0.9 0 0 0
Max.
3.6 3.6 3.6 VCC 24.0 18.0 6.0 4.0 2.0 0.1
Unit
V V V
HIGH or LOW State VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 1.95V VCC = 1.4V to 1.6V VCC = 1.1V to 1.3V VCC = 0.9V
IOH/IOL
Output Current in IOH/IOL
mA
TA t/V JA
Operating Temperature, Free Air Minimum Input Edge Rate Thermal Resistance VIN = 0.8V to 2.0V, VCC = 3.0V SC70-5 MicroPak-6 MicroPak2-6
-40
+85 10 425 500 560
C ns/V C/W
Note: 2. Unused inputs must be held HIGH or LOW. They may not float.
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3 www.fairchildsemi.com 3
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
DC Electrical Characteristics
Symbol Parameter VCC
0.90 1.10 VCC 1.30 VIH HIGH Level Input Voltage 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 2.70 VCC 3.60 0.90 1.10 VCC 1.30 VIL LOW Level Input Voltage 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 2.70 VCC 3.60 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 2.70 VCC 3.60 1.10 VCC 1.30 IOH=-2mA VOH HIGH Level Output Voltage 1.40 VCC 1.60 IOH=-4mA 1.65 VCC 1.95 2.30 VCC 2.70 2.30 VCC 2.70 2.70 VCC 3.60 2.30 VCC 2.70 2.70 VCC 3.60 IOH=-6mA IOH=-100A VCC-0.10 VCC-0.10 VCC-0.20 VCC-0.20 VCC-0.20 VCC-0.20 .75 x VCC .75 x VCC 1.25 2.00 1.80 2.20 1.70 2.40 2.20
Conditions
TA=25C Min.
.65 x VCC .65 x VCC .65 x VCC 0.90 1.50 1.50 .25 x VCC .25 x VCC .25 x VCC .25 x VCC 0.70 0.80
TA=-40 to +85C Min.
.65 x VCC .65 x VCC .65 x VCC .0.90 1.50 1.50 .25 x VCC .25 x VCC .25 x VCC .25 x VCC 0.70 0.80 VCC-0.10 VCC-0.10 VCC-0.20 VCC-0.20 VCC-0.20 VCC-0.20 .75 x VCC .75 x VCC 1.25 2.00 1.80 2.20 1.70 2.40 2.20
Max.
Max.
Units
V
V
V
IOH=-12mA
IOH=-18mA
2.70 VCC 3.60 IOH=-24mA
Continued on the following page...
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com 4
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
DC Electrical Characteristics (Continued)
Symbol Parameter VCC
0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 2.70 VCC 3.60 VOL LOW Level Output Voltage 1.10 VCC 1.30 IOL=2mA 1.40 VCC 1.60 IOL=4mA 1.65 VCC 1.95 IOL=6mA 2.30 VCC 2.70 2.70 VCC 3.60 2.30 VCC 2.70 2.70 VCC 3.60 IOL=12mA IOL=100A
Conditions
TA=25C Min. Max.
0.10 0.10 0.20 0.20 0.20 0.20 0.25 x VCC 0.25 x VCC 0.30 0.40 0.40 0.60 0.40 0.55 0.1
TA=-40 to 85C Min. Max.
0.10 0.10 0.20 0.20 0.20 0.20 0.25 x VCC 0.25 x VCC 0.30 0.40 0.40 0.60 0.40 0.55 0.5
Units
V
IOL=18mA
2.70 VCC 3.60 IOL=24mA IIN IOFF Input Leakage Current Power Off Leakage Current Quiescent Supply Current Increase in ICC per Input 0.90 to 3.60 0 VIN 3.60V 0 (VIN, VO) 3.60V VIN=VCC or GND VCC VIN 3.60V VIN=0.9V VIN=1.5V
A
0
0.5 0.9
0.5 0.9 0.9
A
ICC ICCT
0.90 to 3.60 1.95 3.60
A
6 6
8 8
A
AC Electrical Characteristics
Symbol Parameter VCC
0.90 1.10 VCC 1.30 tPHL, tPLH Propagation Delay 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 2.70 VCC 3.60 CIN CPD Input Capacitance Power Dissipation Capacitance 0 VIN=0V or VCC, f=10MHz CL=30pF, RL=500
Conditions
CL=15pF, RL=1M CL=15pF, RL=2k
TA=25C Min.
3.5 1.5 1.1 0.6 0.5
TA=-40 to 85C Max.
16.5 7.0 5.8 4.0 3.5
Typ.
34.0 8.1 3.7 2.8 2.0 1.5 3
Min.
3.0 1.5 1.0 0.6 0.5
Max.
27.8 7.5 6.3 4.5 4.0
Units Figure
ns
Figure 4 Figure 5
pF
0.90 to 3.60
5
pF
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com 5
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
AC Loadings and Waveforms
Figure 4. AC Test Circuit
Figure 5. AC Waveforms
Symbol 3.3V 0.3V
Vmi Vmo 1.5V 1.5V
VCC 2.5V 0.2V
VCC/2 VCC/2
1.8V 0.15V
VCC/2 VCC/2
1.5V 0.1V
VCC/2 VCC/2
1.2V 0.1V
VCC/2 VCC/2
0.9V
VCC/2 VCC/2
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com 6
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
Physical Dimensions
Figure 6. 5-Lead, SC70, EIAJ SC-88a, 1.25mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor's online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/analog/pdf/sc70-5_tr.pdf.
Package Designator
P5X
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Cavity Number
125 (Typical) 3000 75 (Typical)
Cavity Status
Empty Filled Empty
Cover Type Status
Sealed Sealed Sealed
www.fairchildsemi.com
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
7
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
Physical Dimensions
2X 0.05 C 1.45 B 2X 0.05 C (1)
1.00
(0.49) 5X (0.75) (0.52) 1X (0.30) 6X RECOMMENED LAND PATTERN 0.05 C 0.45 0.35
TOP VIEW 0.55MAX
A
PIN 1 0.05 C 0.05 0.00 C 0.25 0.15 6X 0.10 0.05 0.35 5X 0.25 0.40 5X 0.30 (0.05) 6X 0.5 BOTTOM VIEW (0.13) 4X CBA C
0.10 0.00 6X
DETAIL A
1.0
0.40 0.30
0.075 X 45 CHAMFER
DETAIL A PIN 1 TERMINAL
Notes: 1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD 2. DIMENSIONS ARE IN MILLIMETERS 3. DRAWING CONFORMS TO ASME Y14.5M-1994
MAC06AREVC
Figure 7. 6-Lead, MicroPakTM, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor's online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
L6X
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Cavity Number
125 (Typical) 5000 75 (Typical)
8
Cavity Status
Empty Filled Empty
Cover Type Status
Sealed Sealed Sealed
www.fairchildsemi.com
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
Physical Dimensions
DETAIL A
5X
Figure 8. 6-Lead, MicroPak2, 1x1mm Body, .35mm Pitch
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor's online packaging area for the most recent tape and reel specifications: http://www.fairchildsemi.com/packaging/MicroPAK2_6L_tr.pdf.
Package Designator
FHX
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Cavity Number
125 (Typical) 5000 75 (Typical)
Cavity Status
Empty Filled Empty
Cover Type Status
Sealed Sealed Sealed
www.fairchildsemi.com
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
9
NC7SVL04 -- TinyLogic(R) Low-ICCT Inverter
(c) 2008 Fairchild Semiconductor Corporation NC7SVL04 * Rev. 1.0.3
www.fairchildsemi.com 10


▲Up To Search▲   

 
Price & Availability of NC7SVL04FHX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X