Part Number Hot Search : 
AX886 2SD428 2X006 TCXNL LTD180SS 2SD428 TEW6018 IRAE900
Product Description
Full Text Search
 

To Download MC4507-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC4507
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
Features
* * * * LO & RF: 4.0 TO 20.0 GHz IF: DC TO 4.0 GHz LO DRIVE: +7 dBm (NOMINAL) MICROSTRIP INTERFACE Rev. V2
Product Image
Description
The MC4507 is a double balanced mixer, designed for use in military, commercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric and ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. The use of high temperature solder and welded assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
MC4507 MC4507-2
Package
Open Carrier Open Carrier
Electrical Specifications: Z0 = 50 Lo = +7 dBm (Downconverter application only)
Parameter
SSB Conversion Loss (max) & SSB Noise Figure (max)
Test Conditions
Units
Typical
Guaranteed +25C -54 to +85C
8.0 8.5 9.5 23 16 10 23 16 10
fR =6 to 18 GHz , fL = 6 to 18 GHz , fI = 0 to 2 GHz fR =6 to 18 GHz , fL = 6 to 18 GHz , fI = 0 to 4 GHz fR =4 to 20 GHz , fL = 4 to 20 GHz , fI = 0 to 4 GHz fL = 8 to 16 GHz fL = 6 to 18 GHz fL = 4 to 20 GHz fL = 8 to 16 GHz fL = 6 to 18 GHz fL = 4 to 20 GHz fL = 4 to 20 GHz fL = +7 dBm fR1 = 8.4 GHz at -5 dBm, fR2 = 8.42 GHz at -5 dBm, fL = 8.6 GHz at +7 dBm fR1 = 14.4 GHz at -5 dBm, fR2 = 14.42 GHz at -5 dBm, fL = 15.4 GHz at +7 dBm
dB dB dB dB dB dB dB dB dB dB dBm
6.0 6.5 7.5 35 30 20 35 30 23 35 +0
7.5 8.0 9.0 25 18 12 25 18 12
Isolation, L to R (min)
Isolation, L to I (min) Isolation, R to I (min) 1 dB Conversion Comp.
dBm dBm
+10 +11
Input IP3
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MC4507
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
Typical Performance Curves
Rev. V2
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MC4507
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
Absolute Maximum Ratings
Parameter
Operating Temperature Storage Temperature Peak Input Power Peak Input Current
Rev. V2
Outline Drawing: Open Carrier* MC4507
Absolute Maximum
-40C to +85C -65C to +100C +20 dBm max @ +25C +17 dBm max @ +85C 50 mA DC
Weight: 0.2 grams (0.007 oz.) max
*For the base model, only the IF1 port is connected. For the "-2" model, only the IF2 port is connected.
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MC4507-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X