Part Number Hot Search : 
2N526 218050 C18F67 AV3906 BTA44 TM3016 6268C LSC2609
Product Description
Full Text Search
 

To Download LSD2325-64-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325/64-XX
DATA SHEET
DOC. NO REV. DATE
: :
QW0905- LSD2325/64-XX A
: 17 - Mar. - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 1/7
Package Dimensions
47.7(1.878")
12.0(0.472")
56.8 (2.24")
69.7 (2.744")
60.0 (2.362")
LSD2325/64-XX LIGITEK
r 5.5(0.217")
0.6 TYP
7.0O 0.5
2.54X4=10.16 (0.4")
PIN NO.1
Note : 1.All dimension are in millimeters and (lnch) tolerance is O 0.25(0.01") unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 2/7
Internal Circuit Diagram
LSD23254-XX 1,5
A B C D E F G
DP
7
6
4
3
2
9
10
8
LSD23264-XX 1,5
A B C D E F G
DP
7
6
4
3
2
9
10
8
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 3/7
Electrical Connection
PIN NO. 1 2 3 4 5 6 7 8 9 10
LSD23254-XX
Common Cathode Anode E Anode D Anode C Common Cathode Anode B Anode A Anode DP Anode F Anode G
PIN NO. 1 2 3 4 5 6 7 8 9 10
LSD23264-XX
Common Anode Cathode E Cathode D Cathode C Common Anode Cathode B Cathode A Cathode DP Cathode F Cathode G
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 4/7
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol E Forward Current Per Chip Peak Forward Current Per Chip (Duty 1/10,0.1ms Pulse Width) Power Dissipation Per Chip Reverse Current Per Any Chip Operating Temperature Storage Temperature IF IFP 30 120 mA UNIT
mA
PD Ir Topr Tstg
100 10 -25 ~ +85 -25 ~ +85
mW
g A J J
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260 J
Part Selection And Application Information(Ratings at 25J )
Electrical
CHIP
PART NO
Material LSD23254-XX
common cathode or anode Emitted
Common Cathode
f P (nm)
f
(nm)
Min.
Vf(v)
Iv(mcd) Typ.
IV-M
Typ. Max. Min.
GaAsP/GaP Orange LSD23264-XX Common Anode
635
45
6.8
8.0
10.4 10.5 18.0
2:1
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 5/7
Test Condition For Each Parameter
Parameter Forward Voltage Per Chip Luminous Intensity Per Chip Peak Wavelength Spectral Line Half-Width Reverse Current Any Chip Luminous Intensity Matching Ratio
Symbol Vf Iv
Unit volt mcd nm nm
Test Condition If=20mA If=10mA If=20mA If=20mA Vr=5V
f P f
Ir IV-M
g A
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page6/7
Typical Electro-Optical Characteristics Curve
E CHIP
Fig.1 Forward current vs. Forward Voltage
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
Forward Current(mA)
100
Relative Intensity Normalize @20mA
1.0
2.5 2.0 1.5 1.0 0.5 0.0
10
1.0 0.1 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Relative Intensity@20mA Normalize @25J
Forward Voltage@20mA Normalize @25J
1.1
2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.0
0.9
0.8 -40 -20 0 20 40 60 80 100
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0.0 550 600 650 700 750
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSD2325/64-XX Page 7/7
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of hogh temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65JO 5J 2.RH=90 %~95 % 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 J O 5J &-40JO (10min) (10min) 2.total 10 cycles
5J
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 JO 5J 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 JO 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LSD2325-64-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X