Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download LHRF4843-TBF-22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
TAPE AND BOX TYPE LED LAMPS
LHRF4843/TBF-22
DATA SHEET
DOC. NO : REV. DATE :
QW0905-LHRF4843/TBF-22 A
: 24 - Nov. - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHRF4843/TBF-22 Page 1/5
Package Dimensions
H
P2
H2 W2 H1 H L W0 W1 W3
P1 D P
F
T Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LHRF4843
3.8
3.0
3.8
1.5MAX
25.0MIN.
0.5TYP
1.0MIN. 2.54TYP. + -
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHRF4843/TBF-22 Page 2/5
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol HRF Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) Operating Temperature Storage Temperature Soldering Temperature IF IFP PD Ir ESD Topr Tstg Tsol 30 90 75 10 2000 -40 ~ +85 -40 ~ +100 Max 260 for 5 sec Max (2mm from body) mA mA mW UNIT
A
V

Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
MATERIAL Emitted
COLOR
Forward Luminous Dominant Spectral Viewing voltage intensity angle wave halfwidth @20mA(V) @20mA(mcd) 2 1/2 length nm Dnm (deg)
Lens Water Clear 630 20
Min. Max. Min. Typ. 1.5 2.4 90 160 142
LHRF4843/TBF-22
AlGaInP
Red
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHRF4843/TBF-22 *Dimension Symbol Information SPECIFICATIONS SYMBOL ITEMS OPTION SYMBOL CODE
-------
Page 3/5
Minimum mm inch
0.15 0.19
-------
Maximum mm
4.2 5.8 2.0 16.5 23.0 36 11
inch
0.17 0.23 0.08 0.65 0.91 1.42 0.43 0.51 0.18 0.3 0.06 0.38 0.61 0.16 0.75
Tape Feed Hole Diameter Component Lead Pitch Front-To-Rear Deflection Height Of Seating Plane Feed Hole To Bottom Of Component Feed Hole To Overall Component Height Lead Length After Component Height Feed Hole Pitch Lead Location Center Of Component Location Overall Taped Package Thickness Feed Hole Location Adhesive Tape Width Adhesive Tape Position Tape Width
D F
H
3.8 4.8
-------
-------------------
H H1 H2 L P P1 P2 T W0 W1 W2 W3
15.5 22.0
-------
0.61 0.87
-------
TBF-22
-------------------
W0 12.4 3.15 5.1
-------
0.49 0.12 0.2
-------
13 4.55 7.7 1.42 9.75 15.5 4.0 19
-------
-------
-------
-------
8.5 14.5 0 17.5
0.33 0.57 0 0.69
-------
-------
-------
REMARK:TBS=Tape And Box Straight Leads
* Dimensions Symbol Information
Specification Description Symbol minimum mm Overall Length Overall Width Overall Thickness L W H 330 265 50 inch 13.0 10.4 1.97 maxmum
* Package Dimensions
W
mm 340 275 60 inch 13.4 10.8 2.4
L
H
Quantity/Box
2500PCS
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHRF4843/TBF-22 Page4/5
Typical Electro-Optical Characteristics Curve
HRF CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.5
Forward Current(mA)
100
Relative Intensity Normalize @20mA
2.0 2.5 3.0
3.0 2.5 2.0 1.5 1.0 0.5 0
10 1.0
0.1 1.0 1.5
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize@25
-40 -20 -0 20 40 60 80 100
2.5 2.0 1.5 1.0 0.5 0 -40 -20 -0 20 40 60 80 100
1.1
1.0
0.9 0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0 -30 30
0.5
-60
60
0 550 600 650 700
100% 75% 50% 25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHRF4843/TBF-22 Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LHRF4843-TBF-22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X