Part Number Hot Search : 
N293D 24S3V T5111 TDA9105 SC1531A UPS120E 1N4462 KE300
Product Description
Full Text Search
 

To Download KQB12P20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
200V P-Channel MOSFET KQB12P20
TO-263
+ .1 1 .2 7 -00.1
Transistors IC
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
-11.5A, -200V, RDS(on) = 0.47 Low gate charge ( typical 31 nC) @VGS = -10 V
100% avalanche tested
+ .2 5 .2 8 -00.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
Improved dv/dt capability
2.54
+0.2 -0.2 +0.1 5.08-0.1
+ .2 2 .5 4 -00.2
+ .2 1 5 .2 5 -00.2
Fast switching
+ .2 8 .7 -00.2
2.54
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to Source Voltage Drain Current Continuous TC=25 Drain Current Continuous TC=100 Drain Current - Pulsed Gate-Source Voltage Single Pulsed Avalanche Energy (Note 2) Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power dissipation @ Ta=25 Power dissipation @ Tc=25 Derate above 25 Operating and Storage Temperature Range Maximum lead temperature for soldering purposes,1/8" from case for 5 seconds Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient * Thermal Resistance Junction to Ambient TJ, TSTG TL R R R
JC JA JA
Symbol VDSS ID (Note 1) IDM VGSS EAS IAR EAR dv/dt
Rating -200 -11.5 -7.27 -46 30 810 -11.5 12 -5.5 3.13
Unit V A A A V mJ A mJ V/ns W W W/
(Note 1) (Note 1) (Note 3)
PD
120 0.96 -55 to 150 300 1.04 40 62.5
/W /W /W
* When mounted on the minimum pad size recommended (PCB Mount)
5 .6 0
Low Crss ( typical 30pF)
1 gate 1 Gate 2 drain 2 Drain 3 source 3 Source
www.kexin.com.cn
1
SMD Type
KQB12P20
Electrical Characteristics Ta = 25
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Note: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 9.2mH, IAS = -11.5A, VDD = -50V, RG = 25 3. ISD -11.5A, di/dt 300A/ s, VDD , Starting TJ = 25 IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr VGS = 0 V, IS = -11.5 A VGS = 0 V, IS = -11.5 A, dIF / dt = 100 A/ s (Note 4) VDS = -160 V, ID = -11.5 A,VGS = -10 V(Note4,5) VDD = -100V, ID = -11.5 A,RG = 25 (Note4,5) VDS = -25 V, VGS = 0 V,f = 1.0 MHz Symbol BVDSS Testconditons VGS = 0 V, ID = -250 ID = -250 A
Transistors IC
Min -200
Typ
Max
Unit V V/
A, Referenced to 25 -1 -10 -100 100 A -3.0 0.36 6.4 920 190 30 20 195 40 60 31 8.1 16 -11.5 -46 -5.0 180 1.44 1200 250 40 50 400 90 130 40 -5.0 0.47
VDS = -200 V, VGS = 0 V VDS = -160V, TC=125 VGS = -30 V, VDS = 0 V VGS = 30V, VDS = 0 V VDS = VGS, ID = -250
A A nA nA V
VGS = -10 V, ID = -5.75A VDS = -40 V, ID = -5.75A
S pF pF pF ns ns ns ns nC nC nC A A V ns c
BVDSS, Starting TJ = 25 2%
4. Pulse Test : Pulse width
300 s, Duty cycle
5. Essentially independent of operating temperature
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KQB12P20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X