Part Number Hot Search : 
BA668A TVR07220 IRF247 P16080 SD103BW SI912 DV003001 IRFI634G
Product Description
Full Text Search
 

To Download ISL3241E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL3241E, ISL3243E
Data Sheet September 17, 2008 FN6768.0
QFN Packaged, 15kV ESD Protected, +2.7V to +3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
The Intersil ISL324xE devices are 2.7V to 3.6V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Additionally, they provide 15kV ESD protection (IEC61000-4-2 Air Gap and Human Body Model) on transmitter outputs and receiver inputs (RS-232 pins). Targeted applications are POS systems, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with manual and automatic power-down functions, reduce the standby supply current to a 0.5A trickle. Tiny 5mmx5mm Quad Flat No-Lead (QFN) packaging and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. ISL324xE are 3 driver, 5 receiver devices that, coupled with the 5x5 QFN package, provide the industry's smallest, lowest power complete serial port. The 5x5 QFN requires 60% less board area than a 28 Ld TSSOP, and is nearly 20% thinner. These devices also include a noninverting always-active receiver for "wake-up" capability. The ISL3243E features an automatic powerdown function that powers down the on-chip power supply and driver circuits. This occurs when an attached peripheral device is shut off or the RS-232 cable is removed, conserving system power automatically without changes to the hardware or operating system. It powers up again when a valid RS-232 voltage is applied to any receiver input. The ISL324xE feature a VL pin that adjusts the logic pin (see "Pin Descriptions" on page 3) output levels and input thresholds to values compatible with the VCC powering the external logic (e.g., a UART). Table 1 summarizes the features of the ISL324xE.
Features
* VL Pin for Compatibility in Mixed Voltage Systems Adjusts Logic Output Levels and Input Thresholds for Compatibility with Lower Supply Voltage Logic * Parameters Specified for 10% Tolerance Supplies and Full Industrial Temp Range * Pb-free Small QFN (5mmx5mm) Package is 60% Smaller than a 28 Lead TSSOP * ESD Protection for RS-232 I/O Pins to 15kV (IEC61000) * Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V * RS-232 Compatible with VCC = 2.7V * On-Chip Voltage Converters Require Only Four External 0.1F Capacitors * Manual and Automatic Power-down Features * Receiver Hysteresis for Improved Noise Immunity * Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps * Low Supply Current in Power-down State . . . . . . . . 0.5A * Pb-Free (RoHS compliant)
Applications
* Any Space Constrained System Requiring RS-232 Ports - Battery Powered, Hand-Held, and Portable Equipment - POS Systems and Scanners - Laptop Computers, Notebooks - GPS Receivers * Mixed Voltage Serial Ports
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices * "Technical Brief TB379 "Thermal Characterization of Packages for ICs" * Technical Brief TB389 "PCB Land Pattern Design and Surface Mount Guidelines for QFN Packages"
TABLE 1. SUMMARY OF FEATURES NO. OF NO. OF PART NUMBER Tx. Rx. ISL3241E ISL3243E 3 3 5 5 LOGIC SUPPLY (VL) PIN? YES YES NO. OF MONITOR Rx. (ROUTB) 2 1 DATA RATE (kbps) 250 250 Rx. ENABLE FUNCTION? YES NO MANUAL POWERDOWN? YES YES AUTOMATIC POWERDOWN FUNCTION? NO YES
Pb-FREE? YES YES
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL3241E, ISL3243E Ordering Information
PART NUMBER ISL3241EIRZ ISL3241EIRZ-T* ISL3243EIRZ ISL3243EIRZ-T* PART MARKING ISL3241 EIRZ ISL3241 EIRZ ISL3243 EIRZ ISL3243 EIRZ TEMP. RANGE (C) -40 to +85 -40 to +85 -40 to +85 -40 to +85 PACKAGE (Pb-Free) 32 Ld 5X5 QFN 32 Ld 5X5 QFN (Tape & Reel) 32 Ld 5X5 QFN 32 Ld 5X5 QFN (Tape & Reel) PKG. DWG. # L32.5x5B L32.5x5B L32.5x5B L32.5x5B
* Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
Pinouts
ISL3241E (32 LEAD QFN) TOP VIEW
VCC C2+ C1+ C2C2NC NC V+ VL VV-
ISL3243E (32 LEAD QFN) TOP VIEW
VCC 26 C2+ C1+ V+ VL 25 24 23 22 21 20 19 18 17 9 NC 10 T3IN 11 T2IN 12 T1IN 13 R5OUT 14 R4OUT 15 R3OUT 16 NC GND C1FORCEON FORCEOFF INVALID R2OUTB R1OUT R2OUT
FN6768.0 September 17, 2008
32 R1IN R2IN R3IN R4IN R5IN T1OUT T2OUT T3OUT 1 2 3 4 5 6 7 8 9 NC
31
30
29
28
27
26
25 24 23 22 21 20 19 18 17 GND C1EN SHDN R1OUTB R2OUTB R1OUT R2OUT R1IN R2IN R3IN R4IN R5IN T1OUT T2OUT T3OUT 1 2 3 4 5 6 7 8
32
31
30
29
28
27
10 T3IN
11 T2IN
12 T1IN
13 R5OUT
14 R4OUT
15 R3OUT
16 NC
2
ISL3241E, ISL3243E Pin Descriptions
PIN VCC VL V+ VGND C1+ C1C2+ C2TIN TOUT RIN ROUT ROUTB INVALID System power supply input (2.7V to 3.6V). Logic power supply. Sets the VOH of all the logic outputs and the switching point of all logic inputs. Keep VL greater than 1.6V (1.8V - 10%) and less than or equal to VCC. Power up VL after VCC Internally generated positive transmitter supply (typically +5.5V). Internally generated negative transmitter supply (typically -5.5V). Ground connection. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. TTL/CMOS compatible transmitter Inputs. The VL voltage sets the input switching point. 15kV ESD Protected, RS-232 level (nominally 5.5V) transmitter outputs. 15kV ESD Protected, RS-232 compatible receiver inputs. TTL/CMOS level receiver outputs. Swings between GND and VL. TTL/CMOS level, noninverting, always enabled receiver outputs. Swings between GND and VL. Active low output that indicates if no valid RS-232 levels are present on any receiver input. Swings between GND and VL. FUNCTION
FORCEOFF Active low to shut down transmitters and on-chip power supply. This overrides any automatic circuitry and FORCEON (see Table 2). The VL voltage sets the input switching point. FORCEON Active high input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high). The VL voltage sets the input switching point. Active low receiver enable control. The VL voltage sets the input switching point. Active low input to shut down transmitters and on-board power supply, to place device in low power mode. The VL voltage sets the input switching point. No Connection
EN SHDN
NC
3
FN6768.0 September 17, 2008
ISL3241E, ISL3243E Typical Operating Circuits
ISL3241E
+3.3V + 0.1F 0.1F 26 VCC 25 VL V+ + +1.8V +3.3V + C1 0.1F C2 0.1F
ISL3243E
0.1F 0.1F 28 + 23 C1+ 26 VCC 25 VL 27 V+ 31 + C3 0.1F + +1.8V
C1 0.1F C2 0.1F T1IN T2IN T3IN R1OUTB R2OUTB TTL/CMOS LOGIC LEVELS R1OUT
28 C1+ + 23 C129 C2+ + 30 C212 11 10 20 19
27
+ C3 0.1F C4 0.1F +
VT1 T2 T3
31 6
C129 C2+ + 30 C212 T1
V-
C4 0.1F +
T1OUT 7 8 T2OUT T3OUT RS-232 LEVELS
T1IN
6 T1OUT 7 T2OUT 8 T3OUT RS-232 LEVELS
T2IN T3IN
11 10
T2
T3
19 R2OUTB 1 R1 5k 2 R2 5k 3 R3 5k 4 R4 5k 5 EN R5 5k R5IN R5OUT 13 22 SHDN GND 24 VCC TO POWER CONTROL LOGIC 21 20 R5 FORCEON 5k R4IN R3IN RS-232 LEVELS 15 R3OUT R3 R4OUT 14 R4 5k 5 R5IN 5k 4 R4IN R2IN R1IN TTL/CMOS LOGIC LEVELS R2OUT 18 R1OUT R1 17 R2 5k 3 R3IN RS-232 LEVELS 5k 2 R2IN 1 R1IN
18
R2OUT
17
15 R3OUT 14 R4OUT 13 22 21
R5OUT
VCC
FORCEOFF INVALID GND 24
4
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
Absolute Maximum Ratings
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V VL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V) V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V Input Voltages TIN, FORCEOFF, FORCEON, EN, SHDN . . . . . . . . . -0.3V to 6V RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Voltages TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2V ROUT, INVALID. . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VL + 0.3V) Short Circuit Duration TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA (C/W) JC (C/W) 32 Ld QFN Package. . . . . . . . . . . . . . . 31 2.5 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . -65C to +150C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379 for details. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3V to 3.6V, VL = 1.8V 10%, C1 to C4 = 0.1F, Unless Otherwise Specified. Typicals are at TA = +25C, VCC = 3.3V, VL = 1.8V, Unless Otherwise Specified TEST CONDITIONS TEMP (C) MIN (Note 3) TYP MAX (Note 3) UNITS
PARAMETER DC CHARACTERISTICS Operating Voltage Range Supply Current, Automatic Powerdown Supply Current, Powerdown
Full All RIN Open, FORCEON = GND, FORCEOFF = VL VL = VCC (ISL3243E Only) All RIN Open, FORCEOFF = SHDN = GND, VL = VCC Full Full 25 Full
2.7 -
0.5 0.5 0.3 0.3
3.6 3 3 1.0 1.5
V A A mA mA
Supply Current, All Outputs Unloaded, Automatic Powerdown Disabled FORCEON = FORCEOFF = SHDN = VL, VCC = VL = 3.0V LOGIC AND TRANSMITTER INPUTS; RECEIVER AND LOGIC OUTPUTS Input Logic Threshold Low TIN, FORCEON, FORCEOFF, EN, SHDN VL = VCC = 3V Input Logic Threshold High TIN, FORCEON, FORCEOFF, EN, SHDN VL = VCC = 3.6V Input Leakage Current Output Leakage Current Output Voltage Low (See Figure 21) Output Voltage High (See Figure 21) TIN, FORCEON, FORCEOFF, EN, SHDN FORCEOFF = GND (ISL3243E) or EN = VL (ISL3241E) IOUT = 250A, ROUT, ROUTB, INVALID IOUT = 1.6mA, VL = VCC, ROUT, ROUTB, INVALID IOUT = -250A, ROUT, ROUTB, INVALID IOUT = -1.0mA, VL = VCC, ROUT, ROUTB, INVALID
Full Full Full Full Full Full Full Full Full Full
1.25 2.0 VL - 0.25 VL - 0.6
0.01 0.05 VL - 0.1 VL - 0.1
0.5 0.8 1.0 10 0.45 0.4 -
V V V V A A V V V V
AUTOMATIC POWERDOWN (ISL3243E Only, FORCEON = GND, FORCEOFF = VL) Receiver Input Thresholds to Enable Transmitters Receiver Input Thresholds to Disable Transmitters Receiver Threshold to Transmitters Enabled Delay (tWU) ISL3243E Powers Up (See Figure 10) ISL3243E Powers Down (See Figure 10) Full Full 25 -2.7 -0.3 20 2.7 0.3 V V s
5
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
Electrical Specifications
Test Conditions: VCC = 3V to 3.6V, VL = 1.8V 10%, C1 to C4 = 0.1F, Unless Otherwise Specified. Typicals are at TA = +25C, VCC = 3.3V, VL = 1.8V, Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP (C) 25 MIN (Note 3) TYP 0.7 MAX (Note 3) UNITS s
PARAMETER Receiver Positive or Negative Threshold to INVALID High Delay (tINVH) Receiver Positive or Negative Threshold to INVALID Low Delay (tINVL) RECEIVER INPUTS Input Voltage Range Input Threshold Low VCC 2.7V VCC 3V Input Threshold High Input Hysteresis Input Resistance TRANSMITTER OUTPUTS Output Voltage Swing (VO)
25
-
20
-
s
Full Full Full Full 25 Full
-25 2.0 3
1.5 0.5 5
25 0.6 0.8 7
V V V V V k
All Transmitter Outputs Loaded with 3k to Ground
Full VCC = 2.7V Full Full Full
5.0 4.0 300 -
5.4 4.7 10M 35 -
60 25
V V mA A
Output Resistance Output Short-Circuit Current Output Leakage Current TIMING CHARACTERISTICS Maximum Data Rate
VCC = VL = V+ = V- = 0V, Transmitter Output = 2V
VOUT = 12V, VCC = VL = 0V or 3V to 3.6V, Automatic Powerdown or FORCEOFF = SHDN = GND
Full
RL = 3k, CL = 1000pF, One Transmitter Switching RL = 3k, CL = 200pF, VCC = 3.15V, One Transmitter Switching
Full Full 25 Full
250 4 4 6 6
400 1.3 0.23 0.26 0.16 0.18 70 80 0.7 0.8 0.7 0.8 20 20 120 200 20 12 11 18 17
0.55 0.6 0.55 0.6 300 350 1.5 1.7 1.5 1.7 500 550 30 30 30 30
kbps Mbps s s s s ns ns s s s s ns ns ns ns s V/s V/s V/s V/s
Receiver Propagation Delay
Receiver Input to Receiver Output, CL = 30pF, RIN = 3V (See Figure 2)
tPHL
tPLH
25 Full
Receiver Skew
|tPHL - tPLH|
25 Full
Transmitter Propagation Delay
Transmitter Input to Transmitter Output, CL = 1000pF, RL = 3k (See Figure 1) (Note 4)
tPHL
25 Full
tPLH
25 Full
Transmitter Skew
|tPHL - tPLH|
25 Full
Receiver Output Enable Time Receiver Output Disable Time
From EN or FORCEOFF, VL = VCC, RL = 1k, CL = 15pF (See Figure 3)
25 25 25 25 Full 25 Full
Transmitter Output Enable Time From SHDN or FORCEOFF, RL = 3k, CL = 1000pF From Powerdown Transition Region Slew Rate VCC = 3V to 3.6V, RL = 3k to 7k, Measured From 3V to -3V or -3V to 3V CL = 150pF to 2500pF CL = 150pF to 1000pF
6
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
Electrical Specifications
Test Conditions: VCC = 3V to 3.6V, VL = 1.8V 10%, C1 to C4 = 0.1F, Unless Otherwise Specified. Typicals are at TA = +25C, VCC = 3.3V, VL = 1.8V, Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP (C) MIN (Note 3) TYP MAX (Note 3) UNITS
PARAMETER ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model
25 25 25 25 25
-
15 8 15 2 200
-
kV kV kV kV V
IEC61000-4-2 Contact Discharge IEC61000-4-2 Air Gap Discharge All Pins Human Body Model Machine Model NOTES:
3. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 4. Transmitter propagation delays are measured at the transmitter output 0V crossing points.
Test Circuits and Waveforms
SHDN OR FORCEOFF TIN TOUT TOUT SIGNAL GENERATOR RL CL 0V 0V -VO SKEW = |tPHL - tPLH| VL TIN 1.5V 1.5V 0V
VL
D
tPHL
tPLH +VO
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. MEASUREMENT POINTS
FIGURE 1. DRIVER PROPAGATION DELAY AND SKEW
EN = GND OR FORCEOFF = VL RIN R ROUT +3V RIN 1.5V 1.5V -3V tPHL tPLH VOH SIGNAL GENERATOR CL ROUT 50% 50% VOL SKEW = |tPHL - tPLH|
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RECEIVER PROPAGATION DELAY AND SKEW
7
FN6768.0 September 17, 2008
ISL3241E, ISL3243E Test Circuits and Waveforms (Continued)
EN OR FORCEOFF VCC OR GND RIN ROUT 1k SW CL VL GND EN tPZH OUTPUT HIGH VOH - 0.3V ROUT 50% 0V 50% 50% 0V tPHZ VOH FORCEOFF VL 50% 50% 0V R VL
SIGNAL GENERATOR
FORCEON OR SHDN VL
PARAMETER tPHZ and tPZH tPLZ and tPZL
RIN GND VCC
SW GND VL
ROUT tPZL tPLZ VL 50% OUTPUT LOW VOL + 0.3V V OL
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RECEIVER ENABLE AND DISABLE TIMES
Detailed Description
The ISL324xE operate from a single +2.7V to +3.6V supply, guarantee a 250kbps minimum data rate, require only four small external 0.1F capacitors, feature low power consumption, and meet all ElA RS-232 and V.28 specifications even with VCC = 3.0V. The circuit is divided into three sections: The charge pump, the transmitters, and the receivers.
transmitter operating at full speed. Under more typical conditions of VCC 3.3V, RL = 3k, and CL = 200pF, one transmitter easily operates at greater than 1Mbps. The transmitter input switching threshold is set by the voltage applied to the VL pin, so tying VL to a voltage lower than VCC reduces the Tx input VIH and VIL to values compatible with logic ICs (e.g., UARTs and controllers) powered by the VL voltage (see Figure 9 and Table 3). Transmitter inputs float if left unconnected (there are no pull-up resistors), and may cause supply current increases. Connect unused inputs to GND for the best performance.
Charge-Pump
Intersil's new ISL324xE devices utilize regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to generate 5.5V transmitter supplies from a VCC supply as low as 3.0V. This allows them to maintain RS-232 compliant output levels over the 10% tolerance range of 3.3V powered systems. The efficient on-chip power supplies require only four small, external 0.1F capacitors for the voltage doubler and inverter functions. The charge pumps operate discontinuously (i.e., they turn off as soon as the V+ and V- supplies are pumped up to the nominal values), resulting in significant power savings.
Receivers
All the ISL324xE devices contain standard inverting receivers that three-state via the EN or FORCEOFF control lines. Additionally, these products include noninverting "monitor" receivers (denoted by the ROUTB label) that are always active, regardless of the state of any control lines. All the receivers convert RS-232 signals to CMOS output levels, swinging between GND and VL, and accept inputs up to 25V while presenting the required 3k to 7k input impedance (see Figure 4) even if the power is off (VCC = 0V). The receivers' Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions.
VL RXIN -25V VRIN +25V GND 5k RXOUT GND VROUT VL
Transmitters
The transmitters are proprietary, low dropout, inverting drivers that translate logic input levels to EIA/TIA-232 output levels. Coupled with the on-chip 5.5V supplies, these transmitters deliver true RS-232 levels over a wide range of single supply system voltages. All transmitter outputs disable and assume a high impedance state when the device enters the power-down mode (see Table 2). These outputs may be driven to 12V when disabled. The devices guarantee a 250kbps data rate for full load conditions (3k and 1000pF), VCC 3.0V, with one
FIGURE 4. INVERTING RECEIVER CONNECTIONS
The ISL3241E inverting receivers disable only when EN is driven high. ISL3243E receivers disable during forced (manual) powerdown, but not during automatic powerdown (see Table 2).
FN6768.0 September 17, 2008
8
ISL3241E, ISL3243E
ISL324xE monitor receivers remain active even during manual powerdown, making them extremely useful for Ring Indicator monitoring. Standard receivers driving powered down peripherals must be disabled to prevent current flow through the peripheral's protection diodes (see Figures 5 and 6). This renders them useless for wake up functions, but the corresponding monitor receiver can be dedicated to this task as shown in Figure 6.
RS-232 SIGNAL PRESENT AT RECEIVER INPUT? ISL3241E N/A N/A N/A N/A ISL3243E NO YES NO YES NO H H H L L
VCC
Low Power Operation
These 3V devices require a nominal supply current of 0.3mA, even at VCC = 3.6V, during normal operation (not in power-down mode). This is considerably less than the 5mA to 11mA current required by comparable 5V RS-232 devices, allowing users to reduce system power simply by switching to this new family.
TABLE 2. POWER-DOWN AND ENABLE LOGIC TRUTH TABLE (NOTE: "H" = VL)
SHDN OR FORCEOFF FORCEON EN TRANSMITTER RECEIVER ROUTB INVALID INPUT INPUT INPUT OUTPUTS OUTPUTS OUTPUTS OUTPUT
MODE OF OPERATION
L L H H
N/A N/A N/A N/A
L H L H
High-Z High-Z Active Active
Active High-Z Active High-Z
Active Active Active Active
N/A N/A N/A N/A
Manual Power-down Manual Power-down w/Rcvr. Disabled Normal Operation Normal Operation w/Rcvr. Disabled
H L L X X
N.A. N.A. N.A. N.A. N.A.
Active Active High-Z High-Z High-Z
Active Active Active High-Z High-Z
Active Active Active Active Active
L H L H L
Normal Operation (Auto Powerdown Disabled) Normal Operation (Auto Power-down Enabled) Power-down Due to Auto Power-down Logic Manual Power-down Manual Power-down
VCC
VCC VOUT = VCC Rx POWERED DOWN UART Tx GND SHDN = GND
CURRENT FLOW
receiver outputs disable only in manual powerdown (ISL3243E) or when EN = VL (ISL3241E); refer to Table 2 for details. This micro-power mode makes the ISL324xE ideal for battery powered and portable applications.
VCCL TRANSITION DETECTOR TO WAKE-UP LOGIC VCC R2OUTB RX VCCI VL VCC
OLD RS-232 CHIP
ISL324XE
FIGURE 5. POWER DRAIN THROUGH POWERED DOWN PERIPHERAL
VOUT = HI-Z R2OUT R2IN
Power-down Functionality
The already low current requirement drops significantly when the device enters powerdown mode. In powerdown, supply current drops to less than 1A, because the on-chip charge pump turns off (V+ collapses to VCC, V- collapses to GND), and the transmitter outputs three-state. Inverting 9
POWERED DOWN UART
TX
T1IN T1OUT
FORCEOFF = GND OR SHDN = GND, EN = VL
FIGURE 6. DISABLED RECEIVERS PREVENT POWER DRAIN
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
Software Controlled (Manual) Powerdown
The devices in this family provide pins that allow the user to force the IC into the low power, standby state. On the ISL3241E, the powerdown control is via a simple shutdown (SHDN) pin. Driving this pin high enables normal operation, while driving it low forces the IC into it's powerdown state. Connect SHDN to VL if the powerdown function isn't needed. Note that all the receiver outputs remain controlled by EN during shutdown (see Table 2). For the lowest power consumption during powerdown, the receivers should also be disabled by driving the EN input high (see next section, and Figures 5 and 6). The ISL3243E utilizes a two pin approach where the FORCEON and FORCEOFF inputs determine the IC's mode. For always enabled operation, FORCEON and FORCEOFF are both strapped high. To switch between active and powerdown modes, under logic or software control, only the FORCEOFF input need be driven. The FORCEON state isn't critical, as FORCEOFF dominates over FORCEON. Nevertheless, if strictly manual control over powerdown is desired, the user must strap FORCEON high to disable the automatic powerdown circuitry. ISL3243E inverting (standard) receiver outputs also disable when the device is in manual powerdown, thereby eliminating the possible current path through a shutdown peripheral's input protection diode (see Figures 5 and 6). Connecting FORCEOFF and FORCEON together disables the automatic powerdown feature, enabling them to function as a manual SHUTDOWN input (see Figure 7).
FORCEOFF PWR MGT LOGIC VCCL VCC ISL3243E I/O UART CPU FORCEON VCCI INVALID VL VCC
levels aren't reestablished within 20s of the ISL3243E powering up. Figure 8 illustrates a circuit that keeps the ISL3243E from initiating automatic power-down for 100ms after powering up. This gives the slow-to-wake peripheral circuit time to reestablish valid RS-232 output levels.
POWER MANAGEMENT UNIT
MASTER POWERDOWN LINE 0.1F 1M
FORCEOFF
FORCEON
ISL3243E
FIGURE 8. CIRCUIT TO PREVENT AUTO POWERDOWN FOR 100ms AFTER FORCED POWERUP
VL Logic Supply Input
Note: Power-up VCC before powering up the VL supply. The ISL324xE feature a VL pin that powers the logic input and output pins. These pins interface with "logic" devices such as UARTs, ASICs, and controllers, and today most of these devices use power supplies significantly lower than 3.3V. Thus, the logic device's low VOH might not exceed the VIH of a 3.3V powered ISL324xE logic input, or a 3.3V receiver output high level might overdrive and damage the input diodes on an input of a 1.8V powered logic device, as shown in Figure 9. Connecting the VL pin to the power supply of the logic device (see Figure 9) reduces the ISL324xE's logic input switching points, and limits the receiver output high voltage, to values compatible with the logic device's I/O levels. Tailoring the ISL324XE's logic pin input switching points and output levels to the supply voltage of the UART, ASIC, or controller eliminates the need for a level shifter/translator between the two ICs.
TABLE 3. VIH AND VIL vs VL FOR VCC = 3.3V VL (V) 1.6 1.8 2.5 VIH (V) 0.85 0.95 1.25 VIL (V) 0.8 0.9 1.2
FIGURE 7. CONNECTIONS FOR MANUAL POWERDOWN WHEN NO VALID RECEIVER SIGNALS ARE PRESENT
VL may range from 1.6V to VCC, and Table 3 indicates the ISL324xE's typical VIH and VIL levels for several VL values. Note that the VL supply current increases significantly when VL exceeds VCC (see Figure 20). If logic translation isn't required, connect VL to VCC.
With any of the above control schemes, the time required to exit powerdown, and resume transmission is only 20s. A mouse, or other application, may need more time to wake up from shutdown. If automatic power-down is being utilized, the RS-232 device will reenter power-down if valid receiver 10
INVALID Output (ISL3243E Only)
The INVALID output always indicates whether or not a valid RS-232 signal (see Figure 10) is present at any of the receiver inputs (see Table 2), giving the user an easy way to
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
VCCI = +3.3V VCCL = +1.8V
VIH 2V TIN VOH 1.8V VOH 3V
TXD INPUT DIODE RXD GND
INVALID switches low after invalid levels have persisted on all of the receiver inputs for more than 20s (see Figure 11). INVALID switches back high 1s after detecting a valid RS-232 level on a receiver input. INVALID operates in all modes (forced or automatic power-down, or forced on), so it is also useful for systems employing manual power-down circuitry. When automatic powerdown is utilized, INVALID = 0 indicates that the ISL3243E is in powerdown mode.
ROUT GND
RS-232 IC WITH NO VL PIN UART/PROCESSOR VCCI = +3.3V VCCL = +1.8V
RECEIVER INPUTS TRANSMITTER OUTPUTS VL 0 V+ INPUT DIODE RXD GND VCC 0 V-
INVALID } REGION
VL TIN VIH 1V VOH 1.8V VOH 1.8V TXD
INVALID OUTPUT
tINVL AUTOPWDN
tINVH PWR UP
ROUT GND
ISL324xE
UART/PROCESSOR
FIGURE 9. USING VL PIN TO ADJUST LOGIC LEVELS
FIGURE 11. AUTOMATIC POWERDOWN AND INVALID TIMING DIAGRAMS
determine when the interface block should power down. Invalid receiver levels occur whenever the driving peripheral's outputs are shut off (powered down) or when the RS-232 interface cable is disconnected. In the case of a disconnected interface cable where all the receiver inputs are floating (but pulled to GND by the internal receiver pull down resistors), the INVALID logic detects the invalid levels and drives the output low. The power management logic then uses this indicator to power-down the interface block. Reconnecting the cable restores valid levels at the receiver inputs, INVALID switches high, and the power management logic wakes up the interface block. INVALID can also be used to indicate the DTR or RING INDICATOR signal, as long as the other receiver inputs are floating, or driven to GND (as in the case of a powered down driver).
VALID RS-232 LEVEL - ISL3243E IS ACTIVE INDETERMINATE - POWERDOWN MAY OR MAY NOT OCCUR 0.3V INVALID LEVEL - POWER-DOWN OCCURS AFTER 20s -0.3V INDETERMINATE - POWERDOWN MAY OR MAY NOT OCCUR -2.7V VALID RS-232 LEVEL - ISL3243E IS ACTIVE
Automatic Power-down (ISL3243E Only)
Even greater power savings is available by using the ISL3243E which features an automatic power-down function. When no valid RS-232 voltages (see Figure 11) are sensed on any receiver input for 20s, the charge pump and transmitters power-down, thereby reducing supply current to less than 1A. Invalid receiver levels occur whenever the driving peripheral's outputs are shut off (powered down) or when the RS-232 interface cable is disconnected. The ISL3243E powers back up whenever it detects a valid RS-232 voltage level on any receiver input. This automatic power-down feature provides additional system power savings without changes to the existing operating system. Automatic power-down operates when the FORCEON input is low, and the FORCEOFF input is high. Tying FORCEON high disables automatic power-down, but manual power-down is always available via the overriding FORCEOFF input. Table 2 summarizes the automatic power-down functionality. The time to recover from automatic power-down mode is typically 20s.
2.7V
Capacitor Selection
The charge pumps require 0.1F, or greater, capacitors for proper operation. Increasing the capacitor values (by a factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption.
FIGURE 10. DEFINITION OF VALID RS-232 RECEIVER LEVELS
11
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with temperature. If in doubt, use capacitors with a larger nominal value. The capacitor's equivalent series resistance (ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-.
VCC 0.1F + VL
+
0.1F
+ C1
C1+ C1-
VCC
VL
V+
+ C3
Power Supply Decoupling
In most circumstances a 0.1F bypass capacitor is adequate. In applications that are particularly sensitive to power supply noise, decouple VCC and VL to ground with a capacitor of the same value as the charge-pump capacitor C1. Connect the bypass capacitor as close as possible to the IC.
C2
+
ISL324xE C2+ C2TIN ROUT FORCEON 5k
VEN
C4 +
TOUT RIN 1000pF
Transmitter Outputs when Exiting Power-down
Figure 12 shows the response of two transmitter outputs when exiting powerdown mode. As they activate, the two transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients. Each transmitter is loaded with 3k in parallel with 1000pF. Note that the transmitters enable only when the magnitude of V+ and V- exceeds approximately 3V.
VL
FORCEOFF OR SHDN
FIGURE 13. TRANSMITTER LOOPBACK TEST CIRCUIT
3V/DIV. T1IN
5V/DIV.
FORCEOFF T1
5V/DIV. T1OUT
3V/DIV. R1OUT 2V/DIV. VCC = +3.3V, VL = 1.8V C1 TO C4 = 0.1F 4s/DIV. T2 VCC = +3.3V, VL = 1.8V C1 TO C4 = 0.1F TIME (20s/DIV.) 3V/DIV. T1IN
FIGURE 14. LOOPBACK TEST AT 120kbps
FIGURE 12. TRANSMITTER OUTPUTS WHEN EXITING POWERDOWN
Operation Down to 2.7V
ISL324xE transmitter outputs meet RS-562 levels (3.7V), at the full data rate, with VCC as low as 2.7V. RS-562 levels typically ensure inter operability with RS-232 devices.
5V/DIV. T1OUT
High Data Rates
The ISL324xE maintain the RS-232 5V minimum transmitter output voltages even at high data rates. Figure 13 details a transmitter loopback test circuit, and Figure 14 illustrates the loopback test result at 120kbps. For this test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF, at 120kbps. Figure 15 shows the loopback results for a single transmitter driving 1000pF and an RS-232 load at 250kbps. The static transmitters were also loaded with an RS-232 receiver. 12
3V/DIV. R1OUT VCC = +3.3V, VL = 1.8V C1 TO C4 = 0.1F 2s/DIV.
FIGURE 15. LOOPBACK TEST AT 250kbps
FN6768.0 September 17, 2008
ISL3241E, ISL3243E Interconnection to 1.8V, and 2.5V Logic
Standard 3.3V powered RS-232 devices interface well with 3V powered TTL compatible logic families (e.g., ACT and HCT). The ISL324xE VL supply pin allows interconnection to 1.8V or 2.5V logic. By connecting VL to the same supply (1.8V or 2.5V) powering the logic device, the ISL324XE logic outputs will swing from GND to the logic VCC. respect to all other pins. The RS-232 pins on "E" family devices can withstand HBM ESD events to 15kV.
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment, rather than to an individual IC. Therefore, the pins most likely to suffer an ESD event are those that are exposed to the outside world (the RS-232 pins in this case), and the IC is tested in its typical application configuration (power applied) rather than testing each pin-to-pin combination. The lower current limiting resistor coupled with the larger charge storage capacitor yields a test that is much more severe than the HBM test. The extra ESD protection built into this device's RS-232 pins allows the design of equipment meeting level 4 criteria without the need for additional board level protection on the RS-232 port. AIR-GAP DISCHARGE TEST METHOD For this test method, a charged probe tip moves toward the IC pin until the voltage arcs to it. The current waveform delivered to the IC pin depends on approach speed, humidity, temperature, etc., so it is difficult to obtain repeatable results. The "E" device RS-232 pins withstand 15kV air-gap discharges. CONTACT DISCHARGE TEST METHOD During the contact discharge test, the probe contacts the tested pin before the probe tip is energized, thereby eliminating the variables associated with the air-gap discharge. The result is a more repeatable and predictable test, but equipment limits prevent testing devices at voltages higher than 8kV. All "E" family devices survive 8kV contact discharges on the RS-232 pins.
15kV ESD Protection
All pins on ISL324xE devices include ESD protection structures, but the RS-232 pins (transmitter outputs and receiver inputs) incorporate advanced structures which allow them to survive ESD events up to 15kV. The RS-232 pins are particularly vulnerable to ESD damage because they typically connect to an exposed port on the exterior of the finished product. Simply touching the port pins, or connecting a cable, can cause an ESD event that might destroy unprotected ICs. These new ESD structures protect the device whether or not it is powered up, protect without allowing any latchup mechanism to activate, and don't interfere with RS-232 signals as large as 25V.
Human Body Model (HBM) Testing
As the name implies, this test method emulates the ESD event delivered to an IC during human handling. The tester delivers the charge through a 1.5k current limiting resistor, making the test less severe than the IEC61000 test which utilizes a 330 limiting resistor. The HBM method determines an ICs ability to withstand the ESD transients typically present during handling and manufacturing. Due to the random nature of these events, each pin is tested with
Typical Performance Curves
6 TRANSMITTER OUTPUT VOLTAGE (V) 4 2 0 -2 -4 -6
VCC = 3.3V, VL = 1.8V, TA = +25C
25 +VOUT 20 SLEW RATE (V/s)
RL = 3k
1 TRANSMITTER AT 250kbps OTHER TRANSMITTERS AT 30kbps RL = 3k ON ALL TOUTS
15 +SLEW -SLEW 10
-VOUT 5
0
1000
2000
3000
4000
5000
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
LOAD CAPACITANCE (pF)
FIGURE 16. TRANSMITTER OUTPUT VOLTAGE vs LOAD CAPACITANCE
FIGURE 17. SLEW RATE vs LOAD CAPACITANCE
13
FN6768.0 September 17, 2008
ISL3241E, ISL3243E Typical Performance Curves
45 40 SUPPLY CURRENT (mA) 35 30 120kbps 25 20 20kbps 15 10 0 1 TRANSMITTER SWITCHING OTHER TRANSMITTERS STATIC RL = 3k ON ALL TOUTS
VCC = 3.3V, VL = 1.8V, TA = +25C (Continued)
7 6 SUPPLY CURRENT (mA) NO LOAD, VL = VCC ALL OUTPUTS STATIC
250kbps
5 4 3 2 1
1000
2000
3000
4000
5000
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 SUPPLY VOLTAGE (V)
LOAD CAPACITANCE (pF)
FIGURE 18. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
FIGURE 19. SUPPLY CURRENT vs SUPPLY VOLTAGE
50 RECEIVER OUTPUT CURRENT (mA) NO LOAD ALL OUTPUTS STATIC VCC = 3.3V
10 9 8 7 6 5 4 3 2 1 VOH, VL = 1.6V 0 0.5 1.0 1.5 2.0 2.5 3.0 3.3 VOL, VL = 1.8V VOL, VL = 1.6V VOH, VL = 1.8V VOH, VL = 2.5V VOL, VL = 3.3V VOL, VL = 2.5V VOH, VL = 3.3V
40
IL (nA)
30 VL VCC VL > VCC 10
20
0
0
0.5
1.0
1.5
2.0 VL (V)
2.5
3.0
3.5
4.0
0
RECEIVER OUTPUT VOLTAGE (V)
FIGURE 20. VL SUPPLY CURRENT vs VL VOLTAGE
FIGURE 21. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT VOLTAGE
Die Characteristics
SUBSTRATE AND QFN EXPOSED PAD POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: 464 PROCESS: Si Gate BiCMOS
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 14
FN6768.0 September 17, 2008
ISL3241E, ISL3243E
Package Outline Drawing
L32.5x5B
32 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 2, 11/07
4X 3.5 5.00 A B 6 PIN 1 INDEX AREA 28X 0.50 6 PIN #1 INDEX AREA
25 24
32 1
5.00
3 .30 0 . 15
17
(4X) 0.15 16 9
8
0.10 M C A B 4 32X 0.23 - 0.05
+ 0.07
32X 0.40 0.10
TOP VIEW
BOTTOM VIEW
SEE DETAIL "X"
0.10 C
0 . 90 0.1
C
BASE PLANE
SEATING PLANE 0.08 C
( 4. 80 TYP ) ( 3. 30 )
( 28X 0 . 5 )
SIDE VIEW
(32X 0 . 23 )
C ( 32X 0 . 60)
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
15
FN6768.0 September 17, 2008


▲Up To Search▲   

 
Price & Availability of ISL3241E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X