Part Number Hot Search : 
000MH MAX12 DT74ALV JV011 R47NJ SSD20 28F320S3 TIONA
Product Description
Full Text Search
 

To Download HMC876LC3C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Typical Applications
Features
Propagation Delay Clock to Output: 120 ps Overdrive & Slew Rate Dispersion: 10 ps Minimum Pulse Width: 60 ps Resistor Programmable Hysteresis Differential Clock Control Input Bandwidth: 10 GHz Power Dissipation: 150 mW RSCML and RSPECL Versions Available 16 Lead 3x3mm SMT Package: 9mm 2
6
COMPARATORS - SMT
The HMC876LC3C is ideal for: * ATE Applications * High Speed Instrumentation * Digital Receiver Systems * Pulse Spectroscopy * High Speed Trigger Circuits * Clock & Data Restoration
Functional Diagram
General Description
The HMC876LC3C is a SiGe monolithic, ultra fast comparator which features reduced swing ECL output drivers and clock inputs. The comparator supports 20 Gbps operation while providing 120 ps clock to data output delay and 60 ps minimum pulse width with 0.2 ps rms random jitter (RJ). 25 Gbps operation can be achieved with reduced output voltage swing. Overdrive and slew rate dispersion are typically 10 ps, making the device ideal for a wide range of applications from ATE to broadband communications. The reduced swing ECL output stage is designed to directly drive 400 mV into 50 Ohms terminated to -2V. The HMC876LC3C features high speed latches with programmable hysteresis, and is configured to operate as a clocked comparator.
Electrical Specifi cations
TA = +25C[1], Vcci = +3.3V, Vcco = 0V, CLK/ CLK = 1.6 to 2.4V, Vee = -3V, V TERM = -2V
Parameter Input Voltage Range Input Differential Voltage Input Offset Voltage Input Offset Voltage, Temperature Coefficient Input Bias Current Input Bias Current Temperature Coefficient Input Offset Current Input Impedance Common Mode Input Impedance Differential Input Impedance Hysteresis Rhys = Conditions Min. -2 -1.75 5 15 15 50 4 50 350 15 1 Typ. Max 2 1.75 Units V V mV V / C uA nA / C A K K mV
6 - 66
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Latch Enable Characteristics
Parameter Clock Enable Input Impedance Clock to Data Output Delay, tpd Clock Enable Input Range Clock Max Frequency, fmax 1.6 25 Conditions Each Pin Min. Typ. 50 120 2.4 Max Units ps
6
COMPARATORS - SMT
6 - 67
V GHz
DC Output Characteristics, Vcco = 0V, VTERM = -2V
Parameter Output Voltage High Level, Voh Output Voltage Low Level, Vol Output Voltage Differential Swing Conditions Min. -0.96 -1.30 320 Typ. Max -0.89 -1.21 340 Units V V mV
AC Performance
Parameter VOD Dispersion Tpd vs. Common Mode Dispersion, -1.75V Power Supply Requirements
Parameter Input Supply Current, Icci Output Supply Current, Icco Vee Current, lee Power Dissipation, Pd PSRR, Vcci PSRR, Vee Conditions Min. Typ. 13 44 20 152 38 38 (TRCOMP2 -TRIN 2) Max Units mA mA mA mW dB dB
Note 1: Equivalent Input Bandwidth is calculated with the following formula: Bweq=0.22/ where TRIN is the 20%/80% transition time of a quasi-Gaussian signal applied to the comparator input, and TRCOMP is the effective transition time digitized by the comparator.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Propagation Delay vs. Input Common Mode Voltage[1]
15 12.5 10
Dispersion vs. Overdrive Voltage
6
DISPERSION (ps)
11 9 7 5 3 1 -1 0 10 20 30 40 50 60 70 80 90 100 OVERDRIVE VOLTAGE (mV)
Rising Edge Falling Edge
COMPARATORS - SMT
tPD (ps)
7.5 5 2.5 0
Rising Edge Falling Edge
-2.5 -5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 COMMON MODE VOLTAGE (mV)
Output Voltage vs. Temperature
-0.9
Voltage Swing vs. Temperature
0.5
0.45 -1 VOLTAGE (V) VOLTAGE (V) 55 70 85 100 0.4
-1.1
VOH VOL
0.35
-1.2 0.3
-1.3 -50
-35
-20
-5
10
25
40
0.25 -50
-35
-20
-5
10
25
40
55
70
85
100
TEMPERATURE (C)
TEMPERATURE (C)
Delay vs. Temperature
40 35 30 25 20 15 10 -50
tr tf
Power Dissipation vs. Temperature
200
180 POWER (mW)
DELAY (ps)
160
140
120
-35
-20
-5
10
25
40
55
70
85
100
100 -50
-35
-20
-5
10
25
40
55
70
85
100
TEMPERATURE (C)
TEMPERATURE (C)
[1] Vcci = +3.3V, Vcco = 0V, Vee = -3V, V TERM = -2V
6 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Comparator Hysteresis vs. Rhys Control Resistor
25
Currents vs. Temperature
50 45
I_Vcco I_Vee I_Vcci I_Vterm
6
COMPARATORS - SMT
6 - 69
20 HYSTERESIS (mV) 40 CURRENT (mA) 1 10 100 1000 15 35 30 25 20 5 15 0 RESISTANCE (Ohm) 10 -50
10
-35
-20
-5
10
25
40
55
70
85
100
TEMPERATURE (C)
Comparator Hysteresis vs. Clock Frequency (Rhys = )
10
Eye Diagram
8 HYSTERESIS (mV)
6
4
2
0 1 10 FREQUENCY (MHz) 100
TJ(1E-12): 6.71 ps RJ(-): PJ(rms) 310 fs 0.0 s
DJ(-): DDJ(p-p):
3.08 ps 3.24 ps
RJ(rms): DCD: ISI J(p-p)
265 fs -----3.24 ps
Absolute Maximum Ratings
Input Supply Voltage (Vcci to GND) Output Supply Voltage (Vcco to GND) Positive Supply Differential (Vcci - Vcco) Input Voltage Differential Input Voltage Input Voltage, Latch Enable Applied Voltage (HYS) Maximum Input Current Output Current Junction Temperature Continuous Pdiss (T = 85C) (Derate 20.4 mW/C above 85C) Thermal Resistance (Rth) (Junction to Lead) Storage Temperature Operating Temperature -0.5V to +4V -0.5V to +4V -0.5V to +3.5V -2V to +2V -2V to +2V -0.5V to Vcci +0.5V Vee to GND 1 mA 40 mA 125C 0.816 W 49 C/W -65C to +150C -40C to +85C Bit Rate Pat Length Div. Ratio 5.00000 Gb/s 127 Bits 1:8
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Timing Diagram
6
COMPARATORS - SMT
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA 2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL. 3. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C6. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND. 7. PADDLE MUST NOT BE DC GND. THERMAL DISSIPATION PATH ONLY.
6 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Pin Descriptions
Pin Number 1 2 3 4 Function VTP INP INN VTN Description Termination resistor return pin for INP Input. Non-Inverting analog input Inverting analog input Termination resistor return pin for INN input Interface Schematic
6
COMPARATORS - SMT
6 - 71
5, 16
Vcci
Positive supply voltage input stage.
6
CLK
Clock input pin, inverting side.
7
CLK
Clock input pin, non-inverting side.
8
CLKRTN
Clock RTN pin, connect to GND.
9, 12
Vcco
Positive supply voltage for the output stage. Inverting output. Q bar is at logic low if the analog voltage at the non-inverting input, INP, is greater than the analog voltage at the inverting input, INN, after a positive transition on CLK and negative transition on CLK. Non-inverting output. Q is at logic high if the analog voltage at the non-inverting input, INP, is greater than the analog voltage at the inverting input, INN, after a positive transition on CLK and negative transition on CLK. Hysteresis Control pin. This pin should be left disconnected to minimize hysteresis. Connect to Vee with a resistor to add the desired amount of hysteresis.
10
Q
11
Q
14
HYS
13
Vee
Negative power supply, -3V.
15
RTN
Return for ESD protection, connect to GND.
Package Base
Do not DC GND. Thermal dissipation path only.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Evaluation PCB
6
COMPARATORS - SMT
List of Materials for Evaluation PCB 125932 [1]
Item J1 J2 - J7 J8 JP1, JP2 C1 - C3, C5, C6, C8 - C10 C4, C7, C11 C11 - C13 TP1 - TP4 U1 PCB Description 8 Pos. Vertical TIN 2.92 mm 40 GHz Jack Terminal Strip, Single Row 3 Pin SMT 2 Pos. Vertical TIN 100 pF Capacitor, 0402 Pkg. 330 pF Capacitor, 0402 Pkg. 4.7 uF Tantalum DC Pin, Swage Mount HMC876LC3C Comparator 125929 Evaluation PCB
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. The exposed paddle should not be electronically connected to DC GND, thermal dissipation path only. A sufficient number of via holes should be used to connect the top and bottom ground planes in order to provide good RF grounding to 25 GHz. The evaluation circuit board shown is available from Hittite upon request.
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350 or Arlon 25FR
6 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC876LC3C
v01.1009
20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Application Circuit
6
COMPARATORS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
6 - 73


▲Up To Search▲   

 
Price & Availability of HMC876LC3C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X