Part Number Hot Search : 
30001 B82792 HD64F D1640 13007 2SA1784 RXB12 GD75189A
Product Description
Full Text Search
 

To Download HMC-C077 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
1
AMPLIFIERS
Features
Ultra Low Phase Noise: -163 dBc/Hz @ 1 kHz Gain: 14 dB Output Power: +22 dBm Single Supply Voltage: +7V @ 170mA Hermetically Sealed Module -55C to +85C Operating Temperature
Typical Applications
The HMC-C077 is ideal for: * Microwave Radio * Military & Space * Test Instrumentation * VSAT
General Description
The HMC-C077 is a GaAs HBT Ultra Low Noise Amplifier in a miniature, hermetic module designed to operate between 1.5 and 5 GHz. This high dynamic range amplifier module provides 14 dB of gain, 4.5 dB noise figure and up to +22 dBm of output power with a single supply of +7V. The ultra low phase noise contribution of -163 dBc/Hz at 1 kHz offset, enables superior modulation accuracy within transceiver architectures. The wideband distributed amplifier I/O's are internally matched to 50 Ohms and DC blocked for robust performance. The module features removable SMA connectors which can be detached to allow direct connection of the I/O pins to a microstrip or coplanar circuit.
Functional Diagram
Electrical Specifi cations, TA = +25 C, Vdc = +7V
Parameter Frequency Range Gain Gain Flatness Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Output Power Output Third Order Intercept (IP3) Phase Noise @ 1 kHz, Pout = +22 dBm Phase Noise @ 10 kHz, Pout = +22 dBm Phase Noise @ 100 kHz, Pout = +22 dBm Supply Current (all conditions) 27 -163 -171 -175 170 240 15 9 Min. Typ. 1.5 - 5 14 3.5 0.01 4.5 19 15 17 22 27 -163 -171 -175 170 240 15 11 Max. Min. Typ. 2-4 14 1.5 0.01 4 19 15 17 22 Max. Units GHz dB dB dB/ C dB dB dB dBm dBm dBm dBc/Hz dBc/Hz dBc/Hz mA
1 - 160
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
Gain & Return Loss
30 20 S21 S11 S22
Gain vs. Temperature
25
1
AMPLIFIERS
5 6 5 6
20
RESPONSE (dB)
10
GAIN (dB)
0 -10 -20
15
10
5 -30 -40 0 1 2 3 4 5 6 7 8 0 1 2 3
+25C +85C -55C
4
FREQUENCY (GHz)
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0 +25C +85C -55C
Output Return Loss vs. Temperature
0
RETURN LOSS (dB)
-20
RETURN LOSS(dB)
-10
-10
-20
-30
-30
+25C +85C -55C
-40 1 2 3 4 5 6
-40 1 2 3 4
FREQUENCY (GHz)
FREQUENCY (GHz)
Noise Figure vs. Temperature
10 +25C +85C -55C
8
NOISE FIGURE(dB)
6
4
2
0 1 2 3 4 5 6
FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 161
HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
1
AMPLIFIERS
Output P1dB vs. Temperature
30 +25C +85C -55C
Output IP3 vs. Temperature
35
25
30
P1dB (dBm)
IP3 (dBm)
20
25
15
20
+25C +85C -55C
10
15
5 1 2 3 4 5 6
10 1 2 3 4 5 6
FREQUENCY (GHz)
FREQUENCY (GHz)
Phase Noise at Pout = +10 dBm @ 3 GHz
-120 -130
Phase Noise at Pout = P1dB @ 3 GHz
-120 -130
PHASE NOISE (dBc/Hz)
-140
PHASE NOISE (dBc/Hz)
-140
-150
-150
-160
-160
-170
-170
-180 10
2
10
3
10
4
10
5
-180 2 10
10
3
10
4
10
5
OFFSET FREQUENCY (Hz)
OFFSET FREQUENCY (Hz)
Pout & Icc vs. Temperature
25 +25 C +85 C -40 C 20 250 300
Phase Noise at Pout = +22 dBm @ 3 GHz
-120 -130
PHASE NOISE (dBc/Hz)
-140
Pout (dBm)
Icc (mA)
200
-150
15
-160
-170
10 0 2 4 6 8 10 12
150
-180 10
2
10
3
10
4
10
5
Pin (dBm)
OFFSET FREQUENCY (Hz)
1 - 162
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
Absolute Maximum Ratings
Bias Supply Voltage (Vdc) RF Output Power (RFOUT) RF Input Power (RFIN) Continuous Pdiss (T = 85 C) Storage Temperature Operating Temperature ESD Sensitivity (HBM) +9V +22 dBm +15 dBm 1.6W -65 to +150 C -55 to +85 C Class 1A
1
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Pin Descriptions
Pin Number Function Description Interface Schematic
1
RFIN & RF Ground
RF input connector, coaxial female, field replaceable. This pin is AC coupled and matched to 50 Ohms.
2
RFOUT & RF Ground
RF output connector, coaxial female, field replaceable. This pin is AC coupled and matched to 50 Ohms.
3
Vdc
Power supply voltage for the amplifier. (+7V to +9V)
4
GND
Power supply ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 163
AMPLIFIERS
HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
1
AMPLIFIERS
Outline Drawing
Package Information
Package Type Package Weight [1] 1 gms Tolerance C-16 107 gms [1]
NOTES: 1. PACKAGE, LEADS, COVER MATERIAL: KOVARTM 2. FINISH: GOLD PLATE OVER NICKEL PLATE. 3. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 4. TOLERANCES: 4.1 .XX = .02 4.2 .XXX = .010 5. MARK LOT NUMBER ON 0.080 X 0.250 LABEL WHERE SHOWN, WITH 0.030" MIN TEXT HEIGHT.
1 - 164
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C077
v00.1109
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 1.5 - 5 GHz
Notes:
1
AMPLIFIERS
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 165


▲Up To Search▲   

 
Price & Availability of HMC-C077

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X