|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HM62V16100I Series Wide Temperature Range Version 16 M SRAM (1-Mword x 16-bit) REJ03C0060-0200Z Rev. 2.00 Oct.06.2003 Description The HM62V16100I Series is 16-Mbit static RAM organized 1-Mword x 16-bit. HM62V16100I Series has realized higher density, higher performance and low power consumption by employing CMOS process technology (6-transistor memory cell). It offers low power standby power dissipation; therefore, it is suitable for battery backup systems. It has the package variations of 48-bump chip size package with 0.75 mm bump pitch and 48-pin plastic TSOPI for high density surface mounting. Features * Single 3.0 V supply: 2.7 V to 3.6 V * Fast access time: 45/55 ns (max) * Power dissipation: Active: 9 mW/MHz (typ) Standby: 1.5 W (typ) * Completely static memory. No clock or timing strobe required * Equal access and cycle times * Common data input and output. Three state output * Battery backup operation. 2 chip selection for battery backup * Temperature range: -40 to +85C Rev.2.00, Oct.06.2003, page 1 of 23 HM62V16100I Series Ordering Information Type No. HM62V16100LTI-4 HM62V16100LTI-4SL HM62V16100LTI-5SL HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI-5SL Access time 45 ns 45 ns 55 ns 45 ns 45 ns 55 ns 48-bump CSP with 0.75 mm bump pitch (TBP-48F) Package 48-pin plastic TSOPI (normal-bend type) (TFP-48DA) Rev.2.00, Oct.06.2003, page 2 of 23 HM62V16100I Series Pin Arrangement 48-pin TSOP A15 A14 A13 A12 A11 A10 A9 A8 A19 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 (Top view) 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE VSS I/O15/A-1 I/O7 I/O14 I/O6 I/O13 I/O5 I/O12 I/O4 VCC I/O11 I/O3 I/O10 I/O2 I/O9 I/O1 I/O8 I/O0 WE CS2 NU UB LB A18 A17 A7 A6 A5 A4 A3 A2 A1 OE VSS CS1 A0 Rev.2.00, Oct.06.2003, page 3 of 23 HM62V16100I Series Pin Description (TSOP) Pin name A0 to A19 A-1 to A19 I/O0 to I/O15 CS1 CS2 WE OE LB UB BYTE VCC VSS NC NU* 1 Function Address input (word mode) Address input (byte mode) Data input/output Chip select 1 Chip select 2 Write enable Output enable Lower byte select Upper byte select Byte enable Power supply Ground No connection Not used (test mode pin) Note: 1. This pin should be connected to a ground (VSS), or not be connected (open). Rev.2.00, Oct.06.2003, page 4 of 23 HM62V16100I Series 48-bumps CSP 1 A 2 3 A0 4 A1 5 A2 6 CS2 LB I/O8 OE UB I/O10 B A3 A4 CS1 I/O1 I/O0 C I/O9 A5 A6 I/O2 D VSS I/O11 A17 A7 I/O3 VCC E VCC I/O12 VSS A16 I/O4 VSS F I/O14 I/O13 A14 A15 I/O5 I/O6 G I/O15 A19 A12 A13 WE A11 I/O7 H A18 A8 A9 A10 NU (Top view) Pin Description (CSP) Pin name A0 to A19 I/O0 to I/O15 CS1 CS2 WE OE LB UB VCC VSS NU* 1 Function Address input Data input/output Chip select 1 Chip select 2 Write enable Output enable Lower byte select Upper byte select Power supply Ground Not used (test mode pin) Note: 1. This pin should be connected to a ground (VSS), or not be connected (open). Rev.2.00, Oct.06.2003, page 5 of 23 HM62V16100I Series Block Diagram (TSOP) LSB A15 A14 A13 A12 A11 A10 A9 A8 A18 A16 A19 A4 A5 V CC V SS Row decoder * * * * * Memory matrix 8,192 x 128 x 16 8,192 x 256 x 8 MSB I/O0 Input data control I/O15 * * Column I/O Column decoder * * MSBA17 A7A6 A3 A2 A1A0 A-1 LSB * * BYTE CS1 LB UB WE OE CS2 Control logic Rev.2.00, Oct.06.2003, page 6 of 23 HM62V16100I Series Block Diagram (CSP) LSB A19 A8 A9 A10 A11 A12 A13 A14 A16 A18 A15 A3 MSB A6 V CC V SS Row decoder * * * * * Memory matrix 8,192 x 128 x 16 I/O0 Input data control I/O15 * * Column I/O Column decoder * * MSB A17 A7 A5 A4 A2 A1 A0 LSB * * CS1 LB UB WE OE CS2 Control logic Rev.2.00, Oct.06.2003, page 7 of 23 HM62V16100I Series Operation Table (TSOP) Byte mode CS1 CS2 WE H x L L L x L H H H x x H L H OE x x L x H UB x x x x x LB x x x x x BYTE L L L L L I/O0 to I/O7 High-Z High-Z Dout Din High-Z I/O8 to I/O14 I/O15 High-Z High-Z High-Z High-Z High-Z High-Z High-Z A-1 A-1 High-Z Operation Standby Standby Read Write Output disable Note: H: VIH, L: VIL, x: VIH or VIL Word mode CS1 CS2 WE H x x L L L L L L L x L x H H H H H H H x x x H H H L L L H OE x x x L L L x x x H UB x x H L H L L H L x LB x x H L L H L L H x BYTE H H H H H H H H H H I/O0 to I/O7 High-Z High-Z High-Z Dout Dout High-Z Din Din High-Z High-Z I/O8 to I/O14 I/O15 High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din High-Z High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din High-Z Operation Standby Standby Standby Read Lower byte read Upper byte read Write Lower byte write Upper byte write Output disable Note: H: VIH, L: VIL, x: VIH or VIL Rev.2.00, Oct.06.2003, page 8 of 23 HM62V16100I Series Operation Table (CSP) CS1 H x x L L L L L L L CS2 x L x H H H H H H H WE x x x H H H L L L H OE x x x L L L x x x H UB x x H L H L L H L x LB x x H L L H L L H x I/O0 to I/O7 High-Z High-Z High-Z Dout Dout High-Z Din Din High-Z High-Z I/O8 to I/O15 High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din High-Z Operation Standby Standby Standby Read Lower byte read Upper byte read Write Lower byte write Upper byte write Output disable Note: H: VIH, L: VIL, x: VIH or VIL Absolute Maximum Ratings Parameter Power supply voltage relative to VSS Terminal voltage on any pin relative to VSS Power dissipation Storage temperature range Storage temperature range under bias Symbol VCC VT PT Tstg Tbias Value -0.5 to +4.6 -0.5* to VCC + 0.3* 1 2 Unit V V W C C 1.0 -55 to +125 -40 to +85 Notes: 1. VT min: -2.0 V for pulse half-width 10 ns. 2. Maximum voltage is +4.6 V. DC Operating Conditions Parameter Supply voltage Symbol VCC VSS Input high voltage Input low voltage Ambient temperature range Note: VIH VIL Ta Min 2.7 0 2.2 -0.3 -40 Typ 3.0 0 Max 3.6 0 VCC + 0.3 0.6 +85 Unit V V V V C 1 Note 1. VIL min: -2.0 V for pulse half-width 10 ns. Rev.2.00, Oct.06.2003, page 9 of 23 HM62V16100I Series DC Characteristics Parameter Input leakage current Output leakage current Symbol Min |ILI| |ILO| Typ* 1 Max 1 1 Unit A A Test conditions* Vin = VSS to VCC 2 CS1 = VIH or CS2 = VIL or OE = VIH or WE = VIL or LB = UB = VIH, VI/O = VSS to VCC CS1 = VIL, CS2 = VIH, Others = VIH/ VIL, II/O = 0 mA Min. cycle, duty = 100%, II/O = 0 mA, CS1 = VIL, CS2 = VIH, WE = VIH, Others = VIH/VIL Min. cycle, duty = 100%, II/O = 0 mA, CS1 = VIL, CS2 = VIH, Others = VIH/VIL Cycle time = 70 ns, duty = 100%, II/O = 0 mA, CS1 = VIL, CS2 = VIH, WE = VIH, Others = VIH/VIL Address increment scan or decrement scan Cycle time = 70 ns, duty = 100%, II/O = 0 mA, CS1 = VIL, CS2 = VIH, Others = VIH/VIL Address increment scan or decrement scan Cycle time = 1 s, duty = 100%, II/O = 0 mA, CS1 0.2 V, CS2 VCC - 0.2 V VIH VCC - 0.2 V, VIL 0.2 V CS2 = VIL 0 V Vin (1) 0 V CS2 0.2 V or (2) CS1 VCC - 0.2 V, CS2 VCC - 0.2 V or (3) LB = UB VCC - 0.2 V, CS2 VCC - 0.2 V, CS1 0.2 V Average value IOH = -1 mA IOH = -100 A IOL = 2 mA IOL = 100 A Operating current Average operating current ICC ICC1 (READ) ICC1 22 20 35 mA mA 30 50 mA ICC2* (READ) 5 3 8 mA ICC2 *5 20 30 mA ICC3 3 8 mA Standby current Standby current ISB ISB1* 3 0.1 0.5 0.5 25 mA A ISB1* Output high voltage VOH VOH Output low voltage VOL VOL 4 2.4 0.5 8 0.4 0.2 A V V V V VCC - 0.2 Rev.2.00, Oct.06.2003, page 10 of 23 HM62V16100I Series Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25C and not guaranteed. 2. BYTE pin supported by only TSOP type. BYTE VCC - 0.2 V or BYTE 0.2 V 3. This characteristic is guaranteed only for L-version. 4. This characteristic is guaranteed only for L-SL version. 5. ICC2 is the value measured while the valid address is increasing or decreasing by one bit. Word mode: LSB (least significant bit) is A0. Byte mode: LSB (least significant bit) is A-1. Capacitance (Ta = +25C, f = 1.0 MHz) Parameter Input capacitance Input/output capacitance Note: Symbol Cin CI/O Min Typ Max 8 10 Unit pF pF Test conditions Vin = 0 V VI/O = 0 V Note 1 1 1. This parameter is sampled and not 100% tested. Rev.2.00, Oct.06.2003, page 11 of 23 HM62V16100I Series AC Characteristics (Ta = -40 to +85C, VCC = 2.7 V to 3.6 V, unless otherwise noted.) Test Conditions * Input pulse levels: VIL = 0.4 V, VIH = 2.4 V * Input rise and fall time: 5 ns * Input and output timing reference levels: 1.4 V * Output load: See figures (Including scope and jig) 1.4 V RL=500 Dout 50pF Rev.2.00, Oct.06.2003, page 12 of 23 HM62V16100I Series Read Cycle HM62V16100I -4 Parameter Read cycle time Address access time Chip select access time Symbol tRC tAA tACS1 tACS2 Output enable to output valid Output hold from address change LB, UB access time Chip select to output in low-Z LB, UB enable to low-Z Output enable to output in low-Z Chip deselect to output in high-Z LB, UB disable to high-Z Output disable to output in high-Z tOE tOH tBA tCLZ1 tCLZ2 tBLZ tOLZ tCHZ1 tCHZ2 tBHZ tOHZ Min 45 10 10 10 5 5 0 0 0 0 Max 45 45 45 30 45 20 20 15 15 -5 Min 55 10 10 10 5 5 0 0 0 0 Max 55 55 55 35 55 20 20 20 20 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 2, 3 2, 3 2, 3 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Notes Write Cycle HM62V16100I -4 Parameter Write cycle time Address valid to end of write Chip selection to end of write Write pulse width LB, UB valid to end of write Address setup time Write recovery time Data to write time overlap Data hold from write time Output active from end of write Output disable to output in high-Z Write to output in high-Z Symbol tWC tAW tCW tWP tBW tAS tWR tDW tDH tOW tOHZ tWHZ Min 45 45 45 35 45 0 0 25 0 5 0 0 Max 15 15 -5 Min 55 50 50 40 50 0 0 25 0 5 0 0 Max 20 20 Unit ns ns ns ns ns ns ns ns ns ns ns ns 2 1, 2 1, 2 6 7 5 4 Notes Rev.2.00, Oct.06.2003, page 13 of 23 HM62V16100I Series Byte Control HM62V16100I -4 Parameter BYTE setup time BYTE recovery time Symbol tBS tBR Min 5 5 Max -5 Min 5 5 Max Unit ms ms Notes 8 8 Notes: 1. tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referred to output voltage levels. 2. This parameter is sampled and not 100% tested. 3. At any given temperature and voltage condition, tHZ max is less than tLZ min both for a given device and from device to device. 4. A write occurs during the overlap of a low CS1, a high CS2, a low WE and a low LB or a low UB. A write begins at the latest transition among CS1 going low, CS2 going high, WE going low and LB going low or UB going low. A write ends at the earliest transition among CS1 going high, CS2 going low, WE going high and LB going high or UB going high. tWP is measured from the beginning of write to the end of write. 5. tCW is measured from the later of CS1 going low or CS2 going high to the end of write. 6. tAS is measured from the address valid to the beginning of write. 7. tWR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write cycle. 8. Byte control supported by only TSOP type. Rev.2.00, Oct.06.2003, page 14 of 23 HM62V16100I Series Timing Waveform Read Cycle* 1 t RC Address*2 tAA tACS1 Valid address CS1 tCLZ1 tCHZ1 CS2 tACS2 tCLZ2 tCHZ2 tBHZ tBA LB, UB tBLZ tOE tOHZ OE tOLZ Dout*3 High impedance Valid data tOH Notes: 1. Only for TSOP type. BYTE > VCC - 0.2 V or BYTE < 0.2 V 2. Word mode: A0 to A19 Byte mode: A-1 to A19 3. Word mode: I/O0 to I/O15 Byte mode: I/O0 to I/O7 Rev.2.00, Oct.06.2003, page 15 of 23 HM62V16100I Series Write Cycle (1)* (WE Clock) tWC Address*2 Valid address tWR 1 tCW CS1 tCW CS2 tBW LB, UB tAW tWP WE tAS tDW tDH Din*3 tWHZ Valid data tOW High impedance Dout*3 Notes: 1. Only for TSOP type. BYTE > VCC - 0.2 V or BYTE < 0.2 V 2. Word mode: A0 to A19 Byte mode: A-1 to A19 3. Word mode: I/O0 to I/O15 Byte mode: I/O0 to I/O7 Rev.2.00, Oct.06.2003, page 16 of 23 HM62V16100I Series Write Cycle (2)* (CS1, CS2 Clock, OE = VIH) 1 tWC Address*2 tAS Valid address tAW tCW tWR CS1 tAS CS2 tBW tCW LB, UB tWP WE tDW Din*3 Valid data tDH Dout*3 High impedance Notes: 1. Only for TSOP type. BYTE > VCC - 0.2 V or BYTE < 0.2 V 2. Word mode: A0 to A19 Byte mode: A-1 to A19 3. Word mode: I/O0 to I/O15 Byte mode: I/O0 to I/O7 Rev.2.00, Oct.06.2003, page 17 of 23 HM62V16100I Series Write Cycle (3)* (LB, UB Clock, OE = VIH) 1 tWC Address Valid address tAW tCW CS1 tWR tCW CS2 tAS UB tBW (LB) tBW LB (UB) tWP WE tDW Din-UB (Din-LB) Valid data tDW tDH tDH Din-LB (Din-UB) Dout Note: 1. Only for TSOP type. BYTE > V CC - 0.2 V Valid data High impedance Rev.2.00, Oct.06.2003, page 18 of 23 HM62V16100I Series Byte Control (TSOP) CS2 +5 *;6- tBS tBR Rev.2.00, Oct.06.2003, page 19 of 23 HM62V16100I Series Low VCC Data Retention Characteristics (Ta = -40 to +85C) Parameter VCC for data retention Symbol VDR Min 1.5 Typ* 5 Max 3.6 Unit V Test conditions* 3, 4 Vin 0 V (1) 0 V CS2 0.2 V or (2) CS2 VCC - 0.2 V, CS1 VCC - 0.2 V or (3) LB = UB VCC - 0.2 V, CS2 VCC - 0.2 V, CS1 0.2 V VCC = 3.0 V, Vin 0 V (1) 0 V CS2 0.2 V or (2) CS2 VCC - 0.2 V, CS1 VCC - 0.2 V or (3) LB = UB VCC - 0.2 V, CS2 VCC - 0.2 V, CS1 0.2 V Average value Data retention current ICCDR* 1 0.5 25 A ICCDR* Chip deselect to data retention time Operation recovery time tCDR tR 2 0 5 0.5 8 A ns ms See retention waveforms Notes: 1. This characteristic is guaranteed only for L-version. 2. This characteristic is guaranteed only for L-SL version. 3. BYTE pin supported by only TSOP type. BYTE VCC - 0.2 V or BYTE 0.2 V 4. CS2 controls address buffer, WE buffer, CS1 buffer, OE buffer, LB, UB buffer and Din buffer. If CS2 controls data retention mode, Vin levels (address, WE, OE, CS1, LB, UB, I/O) can be in the high impedance state. If CS1 controls data retention mode, CS2 must be CS2 VCC - 0.2 V or 0 V CS2 0.2 V. The other input levels (address, WE, OE, LB, UB, I/O) can be in the high impedance state. 5. Typical values are at VCC = 3.0 V, Ta = +25C and not guaranteed. Rev.2.00, Oct.06.2003, page 20 of 23 HM62V16100I Series Low VCC Data Retention Timing Waveform (1) (CS1 Controlled) t CDR V CC 2.7 V Data retention mode tR 2.2 V V DR +5 0V CS1 VCC - 0.2 V Low VCC Data Retention Timing Waveform (2) (CS2 Controlled) t CDR V CC 2.7 V CS2 V DR 0.6 V 0V 0 V < CS2 < 0.2 V Data retention mode tR Low VCC Data Retention Timing Waveform (3) (LB, UB Controlled) t CDR V CC 2.7 V Data retention mode tR 2.2 V V DR LB, UB 0V LB, UB VCC - 0.2 V Rev.2.00, Oct.06.2003, page 21 of 23 HM62V16100I Series Package Dimensions HM62V16100LTI Series (TFP-48DA) 12.00 12.40 Max 48 As of January, 2003 Unit: mm 25 1 0.50 *0.22 0.08 0.08 M 0.20 0.06 0.45 Max 1.20 Max 24 *0.17 0.05 0.125 0.04 18.40 0.80 20.00 0.20 0 - 8 0.05 0.05 0.50 0.10 Package Code JEDEC JEITA Mass (reference value) TFP-48DA Conforms Conforms 0.52 g 0.10 *Dimension including the plating thickness Base material dimension Rev.2.00, Oct.06.2003, page 22 of 23 HM62V16100I Series HM62V16100LBPI Series (TBP-48F) As of January, 2003 Unit: mm 0.20 S B 0.20 S A 2.125 8.00 A 6 5 4 3 A 2 1 INDEX MARK Pin#1 INDEX A B C B 9.50 D E F G 0.75 H 4x 0.15 0.75 2.125 0.2 S S 48 x 0.35 0.05 0.08 M S A B 0.25 0.05 0.10 S 1.2 Max Details of the part A Package Code JEDEC JEITA Mass (reference value) TBP-48F - - 0.15 g Rev.2.00, Oct.06.2003, page 23 of 23 Revision History Rev. Date HM62V16100I Series Data Sheet Contents of Modification Page Description Initial issue Deletion of Preliminary Deletion of HM62V16100LTI-5, HM62V16100LBPI-5 0.0 1.00 2.00 Sep. 21, 2001 Jun.19, 2003 Oct.06, 2003 Sales Strategic Planning Div. Keep safety first in your circuit designs! Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan 1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein. RENESAS SALES OFFICES Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 http://www.renesas.com (c) 2003. Renesas Technology Corp., All rights reserved. Printed in Japan. Colophon 1.0 |
Price & Availability of HM62V16100LBPI-4 |