Part Number Hot Search : 
273ML C1202 UT54AC BG24064A SI9200EY 23C6422 79C43 V131MC01
Product Description
Full Text Search
 

To Download ER102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SUPER FAST RECTIFIER
FEATURES
Low cost Low leakage Low forward voltage drop High current capability Easily cleaned with alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
ER101 --- ER106
VOLTAGE RANGE: 100 --- 600 V CURRENT: 1.0 A
DO - 41
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ER101
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
ER102
200 140 200
ER103
300 210 300 1.0
ER104
400 280 400
ER106
600 420 600
UNITS
V V V A
VRRM VRMS VDC IF(AV)
100 70 100
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ=125 Maximum instantaneous forw ard voltage @ 1.0A Maximum reverse current @TA=25 at rated DC blocking voltage @TA=100 Maximum reverse recovery time (Note 1) Typical junction capacitance Typical thermal resistance (Note 2) (Note 3)
IFSM VF IR trr CJ RJA TJ TSTG
0.95
30.0
A
1.25 5.0 150.0 35 22 50 - 55 ----- + 150 - 55 ----- + 150
1.7
V A ns pF
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F=0.5A, I R=1A, Irr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient.
Document Number 0264008
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
50 N 1. 10 N 1.
trr
ER101 --- ER106
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
+0.5A 0 -0.25A
D.U.T. (+) 25VDC (approx) (-) PULSE GENERATOR (NOTE2)
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF. JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
2.0
FIG.3 -- FORWARD DERATING CURVE AVERAGE FORWARD CURRENT AMPERES
1.0
z
INSTANTANEOUS FORWARD
CURRENT, AMPERES
ER103 ER104
1.0
ER101 - ER102
ER106
0.5
Single Phase Half Wave 60H Z Resistive or Inductive Load 0.375"(9.5mm)Lead length
0.1
TJ= 2 5 P uls e W idth= 3 0 0 s
0.01 0
0.4
0.8
1.2
1.6
2.0
2.4
0
0
25
50
75
100
125
150
175
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.4 -- TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE, FIG.5 -- PEAK FORWARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
PEAK FORWARD SURGE CURRENT, AMPERES
100 60 40 20 10 6 4 2 1
TJ=25 f=1.0MHz
30 25 20 15 10 5 0 1 5 10 20 50 100
8.3ms Single Half Sine-Wave
0.1 0.2 0.4
1
2
4
10 20 40
100
REVERSE VOLTAGE,VOLTS FIG.6 -- TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS REVERSE
CURRENT, MICROAMPERES
1000
TJ=100
100
10
TJ=75
1.0
TJ=25
0.1
0
20 40
60
80
100 120
PERCENT OF RATED PEAK REVERSE VOLTAGE.
www.galaxycn.com
Document Number 0264008
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of ER102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X