Part Number Hot Search : 
TC9203 AP432IA TSL256 00BZX D2089 M66311P 141X1L MGF1302
Product Description
Full Text Search
 

To Download EEVMC0G101R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitor/MC Surface Mount Type Type : V Series: MC
n Features
Endurance : 85C 1000 h Height: 4.6mm max.
Low profile MC S
n Specifications
Category temp. range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current tan Characteristics at Low Temperature
-40 to +85C 4 to 50 V .DC 0.1 to 220 F 20 % (120Hz/+20C) I < 0.01 CV or 3( A) after 2 minutes (Whichever is greater) Please see the attached standard production list
W.V. (V) -25 / +20 C -40 / +20 C 4 7 15 6.3 4 8 10 3 8 16 2 4 25 2 4 35 2 3 50 2 3
(Impedance ratio at 120Hz)
Endurance
After applying rated working voltage for 1000 hours at +852C and then being stabilized at +20C, capacitors shall meet the following limits. Capacitance change 20% of initial measured value(4W.V.:30%) < 300 % of initial specified value tan < initial specified value DC leakage current After storage for 1000 hours at +852C with no voltage applied and then being stabilized at +20C, capacitors shall meet the limits specified in Endurance.(With voltage treatment) After reflow soldering (Refer to page 20 for recommended temperature profile) and then being stabilized at +20C, capacitor shall meet the following limits. Capacitance change tan DC leakage current 10% of initial measured value < initial specified value < initial specified value
Shelf Life
Resistance to Soldering Heat
n Marking
Example: 50V 1 F (polarized) W.V. code Negative polarity marking 1 H MC Capacitance (F) Series identification
n Dimensions in mm (not to scale)
0.3 max
D0.5
A0.2
K B 0.2 H
( )reference size
(I) (I) (P)
L +0.1 -0.2
w
(mm) Lot number
W.V. code
V Code 4 g 6.3 10 16 25 35 50 j ACEVH
Size D L A,B H I W P K code 4.0 4.5 4.3 5.5 MAX 1.8 0.65 0.1 1.0 0.35 -0.20 to +0.15 B C 5.0 4.5 5.3 6.5MAX 2.2 0.650.1 1.5 0.35 -0.20 to +0.15 D 6.3 4.5 6.6 7.8MAX 2.6 0.650.1 1.8 0.35 -0.20 to +0.15
n Case size
W.V.(V) Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 4 (0G) 6.3 (0J) 10 (1A) 16 (1C) 25 (1E) 35 (1V) 50 (1H) B B B B B B B C D
B B C D
B C D
C
B C D
B C D D
B C D
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar. 2005
EE81
Aluminum Electrolytic Capacitor/MC
n
Standard Products
W.V. (V) Cap.
(20%)
Dia. (mm) 4 4 5 6.3 4 5 6.3 5 4 5 6.3 4 5 6.3 6.3 4 5 6.3 4 4 4 4 4 4 4 5 6.3
Case size Length (mm) 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5
Size code
(F) 33 47 100 220 22
Specification Ripple Tan current (120Hz) (120Hz) (+20C) (+85C)
(m A )
Part No.
Min. Packaging Q'ty Taping
(pcs) EEVMC0G330R EEVMC0G470R EEVMC0G101R EEVMC0G221P EEVMC0J220R EEVMC0J470R EEVMC0J101P EEVMC1A330R EEVMC1C100R EEVMC1C220R EEVMC1C470P EEVMC1E4R7R EEVMC1E100R EEVMC1E220P EEVMC1E330P EEVMC1V4R7R EEVMC1V100R EEVMC1V220P EEVMC1HR10R EEVMC1HR22R EEVMC1HR33R EEVMC1HR47R EEVMC1H1R0R EEVMC1H2R2R EEVMC1H3R3R EEVMC1H4R7R EEVMC1H100P 2000 2000 2000 1000 2000 2000 1000 2000 2000 2000 1000 2000 2000 1000 1000 2000 2000 1000 2000 2000 2000 2000 2000 2000 2000 2000 1000
B B C D B C D C B C D B C D D B C D B B B B B B B C D
26 34 61 82 29 46 71 43 28 39 70 22 28 55 65 22 30 60 1 2 3 5 10 16 16 23 35
0.50 0.50 0.50 0.50 0.30 0.30 0.30 0.24 0.19 0.19 0.19 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14
4
6.3 10 16
47 100 33 10 22 47 4.7 10 22 33 4.7
25
35
10 22 0.1 0.22 0.33 0.47
50
1 2.2 3.3 4.7 10
The taping dimensions are explained on p.42 of our Catalog. Please use it as a reference guide. Endurance : 85C 1000h
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. Mar. 2005
EE82


▲Up To Search▲   

 
Price & Availability of EEVMC0G101R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X