Part Number Hot Search : 
TINY1 RF541 SI9183 P300006 0M100 0603X SCDAR1 00144
Product Description
Full Text Search
 

To Download ECWF4243MLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Metallized Polypropylene Film Capacitor
Type:
ECWF(L)
Designed for high frequency and current applications.
IFeatures
* Small size * Excellent frequency characteristics * Low loss * 85 C, 85 % RH, W.V.1.0 for 500 hours * RoHS directive compliant
IRecommended Applications
* Lighting * High frequency and high current circuits
(TVs, Monitors, Power Supplies, etc.)
IExplanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11
E
C
W
F
Rated voltage Capacitance
L
Cap. Tol. Suffix Suffix
Products code
Dielectric & construction
4 2W 6
400 VDC 450 VDC 630 VDC
H 3 % J 5 %
Suffix Blank B
Lead Form Straight Crimped lead
G Explanation of Part Numbers for Odd Size Taping
E
C
W
F
Rated voltage Capacitance
R
L
Products code
Dielectric & construction
Suffix Cap. Tol. Suffix
ISpecifications
Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Withstand voltage Dissipation factor (tan ) Insulation resistance (IR) -40 C to +105 C (450 VDC, 1.1 uF or more -40 C to +85 C) 400 VDC, 450 VDC, 630 VDC 400 VDC 450 VDC 0.022 uF to 2.4 uF 0.022 uF to 2.4 uF
0.010 uF to 1.3 uF 630 VDC 3 %(H), 5 %(J) Between terminals : Rated voltage(VDC)150 % 60 s tan < =0.05% (20C,1kHz) tan < =0.20% (20C,10kHz) > C< =0.33 uF : IR=9000 M > C>0.33 uF : IR=3000 M (20 C, 100 VDC, 60 s for 400 VDC, 450 VDC) uF (20 C, 500 VDC, 60 s for 630 VDC)
In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of "Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage".
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
IPackaging Specification for Bulk Package
Packing quantity: 100 pcs./bag
GTaping style
ITaping Specifications for Automatic Insertion
Refer to the page of taping specifications. GPackaging Specifications
Type Rated volt. 400 VDC 450 VDC 630 VDC Cap. range (F) 0.022 to 0.091 0.10 to 1.0 0.010 to 0.043 0.047 to 0.43 Taping style AD AS B C D E Packing Ammo Ammo Ammo Ammo suffix R( R( R( R( )L )L )L )L
GLead Spacing Style D E Lead Spacing 7.5 mm 7.5 mm
ECWF(L)
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions& Quantity/Ammo Box
G Type ECWF(L) Rated voltage : 400 VDC Part No. ECWF4223ML( ECWF4243ML( ECWF4273ML( ECWF4303ML( ECWF4333ML( ECWF4363ML( ECWF4393ML( ECWF4433ML( ECWF4473ML( ECWF4513ML( ECWF4563ML( ECWF4623ML( ECWF4683ML( ECWF4753ML( ECWF4823ML( ECWF4913ML( ECWF4104ML( ECWF4114ML( ECWF4124ML( ECWF4134ML( ECWF4154ML( ECWF4164ML( ECWF4184ML( ECWF4204ML( ECWF4224ML( ECWF4244ML( ECWF4274ML( ECWF4304ML( ECWF4334ML( ECWF4364ML( ECWF4394ML( ECWF4434ML( ECWF4474ML( ECWF4514ML( ECWF4564ML( ECWF4624ML( ECWF4684ML( ECWF4754ML( ECWF4824ML( ECWF4914ML( ECWF4105ML( ECWF4115ML( ECWF4125ML( ECWF4135ML( ECWF4155ML( ECWF4165ML( ECWF4185ML( ECWF4205ML( ECWF4225ML( ECWF4245ML(
L L
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) 0.022 0.024 0.027 0.030 0.033 0.036 0.039 0.043 0.047 0.051 0.056 0.062 0.068 0.075 0.082 0.091 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4
L max 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 13.0 13.0 13.0 13.0 13.0 15.5 15.5 15.5 15.5 15.5 15.5 15.5 15.5 15.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 20.5 20.5 20.5 20.5 20.5 23.0 23.0 23.0 23.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0
T max 5.8 6.0 6.2 6.4 6.7 5.7 5.8 6.0 6.2 6.4 6.6 6.8 7.0 7.3 7.5 7.8 6.5 6.8 7.0 7.2 7.6 7.8 8.2 8.6 9.0 8.3 8.8 9.2 9.6 9.9 10.3 10.7 11.2 10.3 10.7 11.3 11.8 12.3 11.8 12.4 13.0 13.6 12.3 12.8 13.7 14.2 15.2 16.0 16.8 17.5
Dimensions (mm) H max F S Straight Crimped lead Straight Crimped lead 8.6 13.6 10.0 7.5 8.8 13.8 10.0 7.5 9.0 14.0 10.0 7.5 9.3 14.3 10.0 7.5 9.5 14.5 10.0 7.5 8.4 13.4 10.0 7.5 8.6 13.6 10.0 7.5 8.8 13.8 10.0 7.5 9.0 14.0 10.0 7.5 9.2 14.2 10.0 7.5 9.4 14.4 10.0 7.5 9.6 14.6 10.0 7.5 9.9 14.9 10.0 7.5 10.1 15.1 10.0 7.5 10.4 15.4 10.0 7.5 10.7 15.7 10.0 7.5 11.0 16.0 12.5 7.5 11.3 16.3 12.5 7.5 11.5 16.5 12.5 7.5 11.8 16.8 12.5 7.5 12.2 17.2 12.5 7.5 12.4 17.4 12.5 7.5 12.8 17.8 12.5 7.5 13.3 18.3 12.5 7.5 13.6 18.6 12.5 7.5 13.0 18.0 15.0 10.0 13.4 18.4 15.0 10.0 13.9 18.9 15.0 10.0 14.3 19.3 15.0 10.0 14.7 19.7 15.0 10.0 15.1 20.1 15.0 10.0 15.6 20.6 15.0 10.0 16.1 21.1 15.0 10.0 16.8 21.8 17.5 12.5 17.3 22.3 17.5 12.5 17.9 22.9 17.5 12.5 18.5 23.5 17.5 12.5 19.1 24.1 17.5 12.5 18.5 23.5 20.0 12.5 19.2 24.2 20.0 12.5 19.8 24.8 20.0 12.5 20.5 25.5 20.0 12.5 19.1 24.1 25.0 17.5 19.6 24.6 25.0 17.5 20.7 25.7 25.0 17.5 21.2 26.2 25.0 17.5 22.2 27.2 25.0 17.5 23.1 28.1 25.0 17.5 24.0 29.0 25.0 17.5 24.8 29.8 25.0 17.5
Quantity od 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Ammo 7.5 mm 1100 1000 900 1100
1000
900 800 500
400
300
200 300
200
---
Suffix for lead crimped Capacitance tolerance code
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions& Quantity/Ammo Box
G Type ECWF(L) Rated voltage : 450 VDC Part No. ECWF2W223ML( ECWF2W243ML( ECWF2W273ML( ECWF2W303ML( ECWF2W333ML( ECWF2W363ML( ECWF2W393ML( ECWF2W433ML( ECWF2W473ML( ECWF2W513ML( ECWF2W563ML( ECWF2W623ML( ECWF2W683ML( ECWF2W753ML( ECWF2W823ML( ECWF2W913ML( ECWF2W104ML( ECWF2W114ML( ECWF2W124ML( ECWF2W134ML( ECWF2W154ML( ECWF2W164ML( ECWF2W184ML( ECWF2W204ML( ECWF2W224ML( ECWF2W244ML( ECWF2W274ML( ECWF2W304ML( ECWF2W334ML( ECWF2W364ML( ECWF2W394ML( ECWF2W434ML( ECWF2W474ML( ECWF2W514ML( ECWF2W564ML( ECWF2W624ML( ECWF2W684ML( ECWF2W754ML( ECWF2W824ML( ECWF2W914ML( ECWF2W105ML( ECWF2W115ML( ECWF2W125ML( ECWF2W135ML( ECWF2W155ML( ECWF2W165ML( ECWF2W185ML( ECWF2W205ML( ECWF2W225ML( ECWF2W245ML(
L L
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) 0.022 0.024 0.027 0.030 0.033 0.036 0.039 0.043 0.047 0.051 0.056 0.062 0.068 0.075 0.082 0.091 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4
L max 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 13.0 13.0 13.0 13.0 13.0 15.5 15.5 15.5 15.5 15.5 15.5 15.5 15.5 15.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 20.5 20.5 20.5 20.5 20.5 23.0 23.0 23.0 23.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0
T max 5.8 6.0 6.2 6.4 6.7 5.7 5.8 6.0 6.2 6.4 6.6 6.8 7.0 7.3 7.5 7.8 6.5 6.8 7.0 7.2 7.6 7.8 8.2 8.6 9.0 8.3 8.8 9.2 9.6 9.9 10.3 10.7 11.2 10.3 10.7 11.3 11.8 12.3 11.8 12.4 13.0 13.6 12.3 12.8 13.7 14.2 15.2 16.0 16.8 17.5
Dimensions (mm) H max F S Straight Crimped lead Straight Crimped lead 8.6 13.6 10.0 7.5 8.8 13.8 10.0 7.5 9.0 14.0 10.0 7.5 9.3 14.3 10.0 7.5 9.5 14.5 10.0 7.5 8.4 13.4 10.0 7.5 8.6 13.6 10.0 7.5 8.8 13.8 10.0 7.5 9.0 14.0 10.0 7.5 9.2 14.2 10.0 7.5 9.4 14.4 10.0 7.5 9.6 14.6 10.0 7.5 9.9 14.9 10.0 7.5 10.1 15.1 10.0 7.5 10.4 15.4 10.0 7.5 10.7 15.7 10.0 7.5 11.0 16.0 12.5 7.5 11.3 16.3 12.5 7.5 11.5 16.5 12.5 7.5 11.8 16.8 12.5 7.5 12.2 17.2 12.5 7.5 12.4 17.4 12.5 7.5 12.8 17.8 12.5 7.5 13.3 18.3 12.5 7.5 13.6 18.6 12.5 7.5 13.0 18.0 15.0 10.0 13.4 18.4 15.0 10.0 13.9 18.9 15.0 10.0 14.3 19.3 15.0 10.0 14.7 19.7 15.0 10.0 15.1 20.1 15.0 10.0 15.6 20.6 15.0 10.0 16.1 21.1 15.0 10.0 16.8 21.8 17.5 12.5 17.3 22.3 17.5 12.5 17.9 22.9 17.5 12.5 18.5 23.5 17.5 12.5 19.1 24.1 17.5 12.5 18.5 23.5 20.0 12.5 19.2 24.2 20.0 12.5 19.8 24.8 20.0 12.5 20.5 25.5 20.0 12.5 19.1 24.1 25.0 17.5 19.6 24.6 25.0 17.5 20.7 25.7 25.0 17.5 21.2 26.2 25.0 17.5 22.2 27.2 25.0 17.5 23.1 28.1 25.0 17.5 24.0 29.0 25.0 17.5 24.8 29.8 25.0 17.5
Quantity od 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Ammo 7.5 mm 1100 1000 900 1100
1000
900 800 500
400
300
200 300
200
Suffix for lead crimped Capacitance tolerance code
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions& Quantity/Ammo Box
G Type ECWF(L) Rated voltage : 630 VDC Part No. ECWF6103ML( ECWF6113ML( ECWF6123ML( ECWF6133ML( ECWF6153ML( ECWF6163ML( ECWF6183ML( ECWF6203ML( ECWF6223ML( ECWF6243ML( ECWF6273ML( ECWF6303ML( ECWF6333ML( ECWF6363ML( ECWF6393ML( ECWF6433ML( ECWF6473ML( ECWF6513ML( ECWF6563ML( ECWF6623ML( ECWF6683ML( ECWF6753ML( ECWF6823ML( ECWF6913ML( ECWF6104ML( ECWF6114ML( ECWF6124ML( ECWF6134ML( ECWF6154ML( ECWF6164ML( ECWF6184ML( ECWF6204ML( ECWF6224ML( ECWF6244ML( ECWF6274ML( ECWF6304ML( ECWF6334ML( ECWF6364ML( ECWF6394ML( ECWF6434ML( ECWF6474ML( ECWF6514ML( ECWF6564ML( ECWF6624ML( ECWF6684ML( ECWF6754ML( ECWF6824ML( ECWF6914ML( ECWF6105ML( ECWF6115ML( ECWF6125ML( ECWF6135ML(
L
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) 0.010 0.011 0.012 0.013 0.015 0.016 0.018 0.020 0.022 0.024 0.027 0.030 0.033 0.036 0.039 0.043 0.047 0.051 0.056 0.062 0.068 0.075 0.082 0.091 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 1.0 1.1 1.2 1.3
L max 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 12.5 13.0 13.0 13.0 13.0 13.0 13.0 15.5 15.5 15.5 15.5 15.5 15.5 15.5 15.5 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 20.5 20.5 20.5 20.5 20.5 20.5 20.5 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0 28.0
T max 5.2 5.4 5.5 5.6 5.9 6.0 6.2 6.5 6.2 6.4 6.6 6.9 7.1 7.3 7.6 7.9 6.4 6.6 6.8 7.1 7.4 7.7 8.0 8.3 7.7 8.0 8.3 8.5 9.1 9.3 9.8 10.3 10.8 11.2 10.4 10.9 11.4 11.9 12.4 13.0 13.5 11.1 11.6 12.1 12.7 13.3 13.9 14.6 15.5 16.3 17.0 17.6
L
Dimensions (mm) H max F S Straight Crimped lead Straight Crimped lead 8.0 13.0 10.0 7.5 8.2 13.2 10.0 7.5 8.3 13.3 10.0 7.5 8.5 13.5 10.0 7.5 8.7 13.7 10.0 7.5 8.9 13.9 10.0 7.5 9.1 14.1 10.0 7.5 9.3 14.3 10.0 7.5 9.0 14.0 10.0 7.5 9.2 14.2 10.0 7.5 9.5 14.5 10.0 7.5 9.7 14.7 10.0 7.5 10.0 15.0 10.0 7.5 10.2 15.2 10.0 7.5 10.4 15.4 10.0 7.5 10.7 15.7 10.0 7.5 10.8 15.8 12.5 7.5 11.0 16.0 12.5 7.5 11.2 16.2 12.5 7.5 11.5 16.5 12.5 7.5 11.8 16.8 12.5 7.5 12.1 17.1 12.5 7.5 12.4 17.4 12.5 7.5 12.7 17.7 12.5 7.5 12.1 17.1 15.0 10.0 12.4 17.4 15.0 10.0 12.7 17.7 15.0 10.0 13.0 18.0 15.0 10.0 13.5 18.5 15.0 10.0 13.8 18.8 15.0 10.0 14.2 19.1 15.0 10.0 14.7 19.7 15.0 10.0 15.5 20.5 15.0 10.0 15.9 20.9 15.0 10.0 16.7 21.7 17.5 12.5 17.2 22.2 17.5 12.5 17.7 22.7 17.5 12.5 18.5 23.5 17.5 12.5 19.0 24.0 17.5 12.5 19.5 24.5 17.5 12.5 20.1 25.1 17.5 12.5 17.3 22.3 25.0 17.5 17.8 22.8 25.0 17.5 18.7 23.7 25.0 17.5 19.3 24.3 25.0 17.5 19.9 24.9 25.0 17.5 20.5 25.5 25.0 17.5 21.2 26.2 25.0 17.5 22.3 27.3 25.0 17.5 23.0 28.0 25.0 17.5 23.7 28.7 25.0 17.5 24.4 29.4 25.0 17.5
Quantity od 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 Ammo 7.5 mm 1200
1100
1000
900 800 500
400
300
200 300
200
---
Suffix for lead crimped Capacitance tolerance code
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


▲Up To Search▲   

 
Price & Availability of ECWF4243MLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X