Part Number Hot Search : 
8HC05 FTSO3638 224K100 5501A NTXV1 0444048 MHW9267 034N03L
Product Description
Full Text Search
 

To Download EC3SA-48S33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
Input Voltage Range........................ 5V..............................................4.5-9V 12V..............................................9-18V
Output Load(%)
120% 100% 80% 60% 40% 20% 0%
-40 -20 0 20 40 60 80
100 -40 71
24V............................................18-36V 48V............................................36-75V Input Filter.....................................................................................Capacitive
Remote on/off control : Module On........................< 1.2VDC or Open Circuit Module Off.............................................5.5...15VDC Module Off (input idle current)...................1mA max.
S
E
R
I
E
S
Natural Convection
3 WATT REGULATED DC-DC CONVERTERS
Features
100
OUTPUT SPECIFICATIONS:
Voltage Accuracy : .................................................................. 1.5% max. Voltage Balance(Dual) .................................................... 1.0% max. Cross regulation(Dual)1.....Asymmetrical load 25%/100%.......5.0% max. Transient Response: 25% Step Load Change Error Band .................................... 6% Vout nominal Recovery Time ................................................< 500us Ripple & Noise, 20MHz BW........................................ 75mV pk-pk, max. Temperature Coefficient........................................................... 0.03%/C Line Regulation2 .................................................................... 0.5% max. Load Regulation3.................Single......................................... 0.5% max. Dual....................................... 1.0% max. Output Short Circuit Protection ............................................... Continuous
Ambient Temperature(C)
NOTE:
1. For asymmetric loading, Both channels must be at 25% load or more. 2. Measured From High Line to Low Line 3. Measured From Full Load to 10% Load 4. Maximum case temperature under any operating condition should not exceed 100C.
* * * *
3W Isolated Output SIP-8 Package Efficiency to 86% 2:1 Input Range
INPUT VOLTAGE OUTPUT VOLTAGE 3.3VDC 5VDC 12VDC 4.5-9.0 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 9-18 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 18-36 VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 36-75 VDC 15VDC 5VDC 12VDC 15VDC MIN. 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA 0 mA
* * * *
Regulated Outputs Remote On/Off Control 1500VDC Isolation Continuous Short Circuit Protection
INPUT CURRENT NO LOAD FULL LOAD 632 mA 769 mA 759 mA 60 mA 741 mA 769 mA 741 mA 741 mA 253 mA 309 mA 301 mA 30 mA 298 mA 305 mA 301 mA 298 mA 125 mA 154 mA 149 mA 18 mA 147 mA 156 mA 149 mA 147 mA 63mA 77 mA 73 mA 9 mA 73 mA 77 mA 73 mA 73 mA % EFF. 73 78 81 81 78 81 81 76 81 83 84 82 83 84 77 81 84 85 80 84 85 77 81 86 86 81 86 86 SIP-8 SIP-8 SIP-8 SIP-8 CASE
MODEL NUMBER EC3SA-05S33 EC3SA-05S05 EC3SA-05S12 EC3SA-05S15 EC3SA-05D05 EC3SA-05D12 EC3SA-05D15 EC3SA-12S33 EC3SA-12S05 EC3SA-12S12 EC3SA-12S15 EC3SA-12D05 EC3SA-12D12 EC3SA-12D15 EC3SA-24S33 EC3SA-24S05 EC3SA-24S12 EC3SA-24S15 EC3SA-24D05 EC3SA-24D12 EC3SA-24D15 EC3SA-48S33 EC3SA-48S05 EC3SA-48S12 EC3SA-48S15 EC3SA-48D05 EC3SA-48D12 EC3SA-48D15
OUTPUT CURRENT MAX. 700 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 700 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 700 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 700 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA
GENERAL SPECIFICATIONS:
Efficiency........................................................................................See Table Isolation Voltage ..............................................................1500VDC min. Isolation Resistance .............................................................10^9 ohm min. Switching Frequency ................................................................100KHz min. Operating Ambient Temperature.................................... -40C to +85C De-rating, Above 71C ....................... Linearly to Zero power at 100C Case Temperature4............................................................. 100C max. Cooling................................................................Natural Convection Storage Temperature ................................................... -55C to +125C Dimensions ........................0.86x0.36x0.44 inches(21.80x9.20x11.10 mm) Case Material ...................................... Non-Conductive Black Plastic Weight........................................................................................4.8g
PIN CONNECTION
Pin Single Output Dual Output
1 2 3 5 6 7 8
-V Input +V Input CTRL NC +V Output -V Output NC
-V Input +V Input CTRL NC +V Output Common -V Output
CASE A
All Dimensions In Inches(mm) Tolerance Inches: .xx= .02, .xxx= .002 Millimeters: .x= .5, .xx= .05
0.86 (21.8)
0.02 (0.5)
Bottom View
1 2 3 5 6 7 8
0.10 (2.5) 0.70 (17.8) 0.01 (0.3)
0.08 (2.0) 0.02 (0.5)
NOTE: 1. Nominal Input Voltage 5, 12, 24 or 48 VDC
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
0.13 (3.3)
0.36 (9.1)
0.44 (11.2)
0.16 (4.1)
EC3SA
EC3SA
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
NEW
Specifications
INPUT SPECIFICATIONS:
EC3SA Series Derating Curve


▲Up To Search▲   

 
Price & Availability of EC3SA-48S33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X