Part Number Hot Search : 
C51CC01U AS300DA KIA7727P PC1313HA DDZX9714 ICS8521 MOG2388C TA7280P
Product Description
Full Text Search
 

To Download CA-PLCC84-Z-C-T-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 53.34mm 2.100" 2.54mm typ. 0.100"
Top View
53.34mm 2.100"
40.67mm 1.601" 0.64mm sqr. 0.025"
20.89mm 0.823" 10.48mm 0.413" 39.62mm 1.56" assembled 5.55mm 0.219"
17.02mm [0.670"]
Target PLCC chip Side View
1
Substrate: 1.59mm 0.18mm [0.0625" 0.007"] FR4/G10 or equivalent high temp material. 17m [1/2 oz.] Cu clad. SnPb plating. Pins: material- Brass Alloy 360 1/2 hard; finish0.25m [10"] Au over 1.27m [50"] Ni (min.).
3
Pins: shell material- Brass Alloy 360 1/2 hard; finish- 0.25m [10"] Au over 1.27m [50"] Ni (min.). Contact material- BeCu; finish 0.25m [10"] Au over 2.54m [100"] Ni (min. ).
Test points: material- Phosphor Bronze; plating- Sn over 1.27m [50"] Ni. Gold flash on contact end.
2
5
Description: PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
Tolerances: diameters 0.03mm [0.001"], PCB perimeters 0.13mm [0.005"], PCB thicknesses 0.18mm [0.007"], pitches (from true position) 0.08mm [0.003"], all other tolerances 0.13mm [0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
CA-PLCC84-Z-C-T-01 Dwg
(c) 2001 IRONWOOD ELECTRONICS, INC. PO BOX 21151 ST. PAUL, MN 55121 Tele: (651) 452-8100 www.ironwoodelectronics.com
Status: Released Drawing: M. Tully
File: CA-PLCC084-Z-C-T-01 Dwg.mcd
Scale:
1:0.75
Rev: A
Date: 2/14/01 ECO#


▲Up To Search▲   

 
Price & Availability of CA-PLCC84-Z-C-T-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X