Part Number Hot Search : 
BFA1560R 50207 D334K 1N5240B 4028B Z5250 AV452461 MSP08C
Product Description
Full Text Search
 

To Download CA-PLCC68-D-P-T-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 43.18mm [1.700"]
43.18mm [1.700"]
Top View
1
2.54mm typ. [0.100"]
5
3
25.40mm [1.00"] assembled
2
12.70mm [0.50"] assembled
4
Side View
Substrate: 1.59mm 0.18mm [0.0625" 0.007"] FR4/G10 or equivalent high temp material. 17m [1/2 oz.] Cu clad. SnPb plating. Pins: material- Brass Alloy 360 1/2 hard; finish0.25m [10"] Au over 1.27m [50"] Ni (min.).
4 5
1
3
Pins: shell material- Brass Alloy 360 1/2 hard; finish- 0.25m [10"] Au over 1.27m [50"] Ni (min.). Contact material- BeCu; finish 0.25m [10"] Au over 2.54m [100"] Ni (min. ). Leads: material- BeCu Alloy 194; plating- 60/40 SnPb 3.80-10.16m [150-400"].
Test points: material- Phosphor Bronze; plating- Sn over 1.27m [50"] Ni. Gold flash on contact end.
2
Description: CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
Tolerances: diameters 0.03mm [0.001"], PCB perimeters 0.13mm [0.005"], PCB thicknesses 0.18mm [0.007"], pitches (from true position) 0.08mm [0.003"], all other tolerances 0.13mm [0.005"] unless stated otherwise.
CA-PLCC68-D-P-T-01 Drawing
(c) 1998 IRONWOOD ELECTRONICS, INC. PO BOX 21151 ST. PAUL, MN 55121 Tele: (651) 452-8100 www.ironwoodelectronics.com
Status: Released
Drawing: P. Reed
Scale 2:1
Rev: B
Date: 5/15/98
Modified: 2/28/00
File: CA-PLCC068-D-P-T-01 Dwg


▲Up To Search▲   

 
Price & Availability of CA-PLCC68-D-P-T-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X