Part Number Hot Search : 
124ML UPD72 2SA185 RF430 LEG35162 74F151 2N5638 ON1776
Product Description
Full Text Search
 

To Download BXB50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
BXB50 Series
Single output
Total Power: 33 - 50W Input Voltage: 18 - 36VDC 36 - 75VDC # of Outputs: Single
Rev.03.08.07 BXB50s 1 of 4
Special Features
* Industry standard footprint MTBF >1.4 million hours (Bellcore 332) * Input voltage to ETS300-132-2 * Adjustable output voltage * No minimum load required * Separate case ground pin * 2:1 input range for battery powered applications * Undervoltage lockout (UVLO) * UL, VDE and CSA safety approvals * Available RoHS compliant * 2 year warranty
The BXB50 Series are high power density dc-dc converters packaged in the industry standard footprint (2.40 x 2.28 x 0.50 inches) to give designers optimum choices when specifying for both new and replacement designs. Suitable for a wide range of applications in nearly any industry, the BXB50 was particularly designed with communication and distributed power applications in mind. Using Bellcore 332, the MTBF is greater than 1,400,000 hours. Aluminum baseplate technology with four threaded M3 inserts makes heatsink attachment and optimum thermal management easy. The BXB50 series are approved to IEC950 by UL, CSA and VDE.
Safety
VDE0805/EN60950/IEC950 File No. 10401-3336-0205 Licence No. 40012035 UL60950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
Embedded Power for Business-Critical Continuity
Specifications
All specifications are typical at nominal input, full load at 25C unless otherwise stated.
Rev.03.08.07 BXB50s 2 of 4
OUTPUT SPECIFICATIONS Voltage adjustability Set point accuracy Line regulation Load regulation Minimum load Overshoot Undershoot Ripple and noise (5 Hz to 20 MHz) (See Note 1) Temperature coefficient Transient response (See Note 2) Remote sense INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) (See Note 4) Input reflected ripple 24Vin nominal 48Vin nominal No load Remote OFF 48 V models (See Note 6) 18-36 Vdc 36-75 Vdc 100 mA max. 20 mA max. 3.5 A max. @ Io max. and Vin = 0 to 75 V 5 mA pk-pk Open collector ref to -input 1.2 Vdc max. Open circuit 3.3 V and 5 V 12 V and 15 V At turn-on and turn-off Low line to high line Full load to min. load 60% to 110% 1.0% 0.05% 0.10% 0% None None 75 mV pk-pk, 20 mV rms 100 mV pk-pk, 30 mV rms 0.01%/C 2.0% max. deviation 170 s recovery to within 1.0% 0.5 Vdc transmission line drop compensation
INPUT SPECIFICATIONS CONTINUED Undervoltage lockout 24 Vin: power up 24 Vin: power down 48 Vin: power up 48 Vin: power down Power up Remote ON/OFF 17 V 16 V 34 V 32.5 V 20 ms 20 ms
Start-up time (See Note 8) EMC CHARACTERISTICS Conducted emissions (See Note 3) GENERAL SPECIFICATIONS Efficiency Isolation voltage
Bellcore 1089 FCC part 15 EN55022, CISPR22
Level A Level A Level A
See table Input/case Input/output Output/case Fixed 1500 Vdc 1500 Vdc 1500 Vdc 500 kHz typ. VDE0805, EN60950, IEC950 UL1950, CSA C22.2 No. 950 Aluminum baseplate with plastic case UL94V-0 110 g (3.88 oz) Bellcore 332 MIL-HDBK-217F @ 40 C, 100% load 1,400,000 hours 580,000 hours min.
Switching frequency Approvals and standards (See Note 5) Case material Material flammability Weight MTBF
ENVIRONMENTAL SPECIFICATIONS Thermal performance Altitude Vibration Operating case temp. Non-operating Operating Non-operating 5-500 Hz -40 C to +100 C -55 C to +125 C 10,000 feet max. 40,000 feet max. 2.4 G rms (approx.)
Active low remote ON/OFF (See Note 7) Logic compatibility ON OFF
Embedded Power for Business-Critical Continuity
Specifications Contd.
Rev.03.08.07 BXB50s 3 of 4
OUTPUT POWER (MAX.) 33 W 50 W 50 W 33 W 50 W 50 W
INPUT VOLTAGE 18-36 Vdc 18-36 Vdc 18-36 Vdc 36-75 Vdc 36-75 Vdc 36-75 Vdc
OVP 4.3 Vdc 14.5 Vdc 17.5 Vdc 4.3 Vdc 6.5 Vdc 14.5 Vdc
OUTPUT VOLTAGE 3.3 V 12 V 15 V 3.3 V 5V 12 V
OUTPUT CURRENT (MIN.) 0A 0A 0A 0A 0A 0A
OUTPUT CURRENT (MAX.) 10 A 4.16 A 3.33 A 10 A 10 A 4.16 A
EFFICIENCY (TYP.) 76% 83% 83% 77% 82% 84%
REGULATION LINE 0.05% 0.05% 0.05% 0.05% 0.05% 0.05% LOAD 0.10% 0.10% 0.10% 0.10% 0.10% 0.10%
MODEL NUMBER (7,9,10) BXB50-24S3V3FLTJ BXB50-24S12FLTJ BXB50-24S15FLTJ BXB50-48S3V3FLTJ BXB50-48S05FLTJ BXB50-48S12FLTJ
Notes
Measured with 10 F tantalum capacitor and 1 F ceramic capacitor across output. 2 di/dt = 0.1 A/1 s, Vin = 48 Vdc, Tc = 25 C, load change = 0.5 lo max. to 0.75 lo max. and 0.75 lo max. to 0.5 lo max. 3 Units should be characterised within systems. External components required. 4 Input fusing is recommended based on surge current and maximum input current. 5 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 6 Simulated source impedance of 12 H. 12 H inductor in series with +Vin. 7 Active high remote on/off option is available (standard product is active low), designate with the suffix `FHT' e.g. BXB50-48S05FHTJ. Consult factory for further details and options. 8 Start-up into resistive load. 9 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative 1
PROTECTION Short circuit Overvoltage Undervoltage Thermal TELECOM SPECIFICATION Central office interface A ETS300-132-2 Continuous, automatic recovery Non-latching Non-latching 110 C baseplate, automatic recovery
EXTERNAL OUTPUT TRIMMING
8
Output can be externally trimmed by using the method shown.
7
TRIM UP RT1 OR RT2 TRIM DOWN 6
Embedded Power for Business-Critical Continuity
Rev.03.08.07 BXB50s 4 of 4
VIEW SHOWN PIN SIDE UP
1.90 (48.26) 0.500 (12.69) 0.010 (0.25)
VI (-) Vo (-) CASE
Americas
0.200 (5.08) Min. Length for all Input and Output Pins
0.190 (4.83) 0.010 (0.25)
5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698
+SEN TRIM -SEN
1.000 (25.40) 0.400 (10.16) 1.400 (35.56)
0.700 (17.77) 0.400 (10.16) 1.000 (25.40)
2.000 (50.80)
2.40 (60.96) Max.
Europe (UK)
Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355
ON/OFF
1.400 (35.56)
7 x O.040 (1.02) 0.002 (0.05) 0.190 (4.83) 0.010 (0.25) 2.28 (57.91) Max. 2 x O.080 (2.03) 0.002 (0.05) 4 x M3 x 0.5 Through 0.500 (12.70)
Vo(+)
VI(+)
ALL DIMENSIONS IN INCHES (mm)
Tolerance : x.xx 0.02in. (0.51mm) x.xxx 0.010in. (0.254mm)
Asia (HK)
16th - 17th Floors, Lu Plaza 2 Wing Yip Street, Kwun Tong Kowloon, Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 FUNCTION + Vin Remote ON/OFF Case - Vin - Vout - Sense Trim + Sense + Vout
For global contact, visit:
www.powerconversion.com technicalsupport@powerconversion.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
Emerson Network Power. The global leader in enabling business-critical continuity. AC Power Connectivity DC Power Embedded Power Inbound Power Integrated Cabinet Solutions Outside Plant Precision Cooling Site Monitoring and Services EmersonNetworkPower. com
Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2007 Emerson Electric Co.


▲Up To Search▲   

 
Price & Availability of BXB50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X