Part Number Hot Search : 
2N6786 ICL8068 1SS400G 85Z1K 1N966B 2SD180 PT6961 SC162
Product Description
Full Text Search
 

To Download BVZ-925GN4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bright View Electronics
BVZ-925GN4
Description This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This is possible through the efficient optical package design and high current capabilities. The low profile package can be easily coupled with reflectors or lenses to efficiently distribute light and provide the desired lit appearance. This product family employs the world's brightest red, red orange, amber, blue, cyan, and green LED materials, which allow designers to match the color of many lighting applications like vehicle signal lamps, specialty lighting, and electronic signs.
* Dice Material GaN Green * Light Color Green Color * Lens Color Water Transparent
Features
* * * * * * *
High Luminance Uniform Color Low Power Consumption Low Thermal Resistance Low Profile Packaged in tubes for use with automatic insertion equipment Pb -free/ RoHS compliant
Applications
* * * * * *
Sign and channel letter Cove lighting IR-free decoration lighting Automotive exterior ( stop-tail-turn, CHMSL, mirror side repeat ) Edge-lit signs ( exit, point of sale ) Advertisement and entertainment
Bright View Electronics
BVZ-925GN4
Outline Dimensions ( mm )
Tolerance : 0.25 mm
CATHODE
7.620.5
ANODE
7.620.5
R9.4
3.500.5 5.4
2.5
5.0
0.4 5.080.3
1.55 0.76 5.08
Part Numbering System
BVZ-925GN4
Colloid Code Dice Code / Color Code Outline Package Code Product Code Sub Part Numbering : Please also refer to the label on product bags and cartons.
Bright View Electronics
BVZ-925GN4
Absolute Maximum Ratings at Ta = 25 symbol UNIT MAX. PD Power Dissipation 120 mW IF Continuous Forward Current 30 mA Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width IFP 100 mA VR Reverse Voltage 5 V Derating Linear From 25 0.4 mA/ o 30 to 80 Operating Temperature Range C Topr o 40 to 100 Storage Temperature Range C Tstg o C Tj LED Junction Temperature 125 100 oC for 30 sec. Soldering Preheat Temperature Lead Solder Temperature ( 1.5mm Below Seating Plane ) 260 oC for 5 sec. 1 time. Tsld PARAMETER
Electro-Optical Characteristicsat at Ta = 25 PARAMETER---Forward Voltage Reverse Current Peak Emission Wavelength Dominant Wavelength Viewing Angle Luminous Intensity / Total Flux Thermal Resistance SYMBOL VF IR p d 2 1/2 IV/ V R j-pin TEST CONDITION IF=30mA VR= 5V IF=30mA IF=30mA IF=30mA 520 525 100 0.3 125 VALUES TYP. 3.4 UNIT V A nm nm Deg. cd/lm /W
MIN.
MAX. 4 10
Bright View Electronics
BVZ-925GN4
Bin Grade Limits ( I F = 30 mA* ) Luminous Intensity / lm
Bin Min.
3.6 4.7
4.7 6.0
6.0 7.8
J 7.8 10.0
10.0 13.0
L 13.0 16.8
Tolerance
15%
Bin Grade Limits ( I F = 30 mA* ) Dominant Wavelength / nm
Bin Min. Max.
PG 518 521
PH 521 524
PI 524 527
PJ 527 530
PK 530 533
PL 533 536
Please contact our sales department for more information
Bin Grade Limits ( I F = 30 mA* ) Forward Voltage
Bin Min. Max.
28 2.8 3.0
30 3.0 3.2
32 3.2 3.4
34 3.4 3.6
36 3.6 3.8
38 3.8 4.0
40 4.0 4.2
Please contact our sales department for more information
Bright View Electronics
BVZ-925GN4
Characteristics Data
GaN Green LED TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES
FIG. 1 Forward Current vs. Forward Voltage ( Ta = 25 C ) 100 90 80 70 60 50 40 30 20 10 0 3.0 2.5 Relative Intensity 2.0 1.5 1.0 0.5 0 2.2 2.8 3.4 4.0 Forward Voltage Vf ( V ) 4.6 0 10 20 30 40 50 60 Forward Current If ( mA ) 70 Forward Current ( mA ) FIG. 2 Relative Total Flux vs. Forward Current ( Ta = 25 C )
FIG. 3 Relative Voltage vs. Temperature 1.2 Relative Total Flux @ 30mA Forward Voltage @ 30mA 1.1 1.0 0.9 0.8 -50 3.0 2.5 2.0 1.5 1.0 0.5
FIG. 4 Relative Intensity vs. Temperature
-25
0
25
50
75
100 125
0 -50
-25
0
25
50
75
100 125
Ambient Temperature Ta ( C ) FIG. 5 Relative Intensity vs. Wavelength ( p ) ( Ta = 25 C ) IF-DC Forward Current ( mA ) 1.0 Forward Intensity @ 30mA 40 30 20 10 0 0
Ambient Temperature Ta ( C ) FIG. 6 Maximum Forward Current vs. Temperature
0.5
0 450
500 550 Wavelength ( nm )
600
20 40 60 80 100 Ambient Temperature Ta ( C )
120
Bright View Electronics
BVZ-925GN4
Radiation Characteristic
40
30
20
10
0 1.0
Ta=25
50
0.8 0.6 0.4
60
70 80 90 100 1.0 0.2 0
0.8
0.6
0.4
0
20
40
60
80
100
120
Bright View Electronics
BVZ-925GN4
Packaging : Package Carrier Tape Dimensions :
48.5
Front Gap Side
Tube Dimension(cm): 1.27* 0.97* 48.5 60PCS / Tube L/N BV P/N :___________:______:________ BIN :______ Q'ty QA :
0.97
1.27
Package Reel Dimensions :
13.5
BOX Dimension(cm): 10.5 * 13.5 * 50.5 100 Tubes / Box 50.5 Box : 6,000PCS
3
Bright View
PART NO.: LOT NO.: GRADE: Q'ty Xpcs
Electronics Co.,Ltd.
BVZ-9XXXXX
QA
TYPE Q'TY N,W G,W C.NO PCS KGS KGS
X: Bin grade : Wavelength : Vf
10.5
30
52
RE Y
CARTON Dimension(cm): 23*30*52
23
ITEM NO. DEVICE: Q'TY N. W.: G. W.: 4 Boxes / Carton Total : 24,000PCS
PCS. KGS. KGS.
Bright View Electronics
BVZ-925GN4
Reliability Test Items and Conditions
(1)TEST ITEMS AND RESULTS TEST ITEM Resistance to Soldering Heat Solderability Thermal Shock Temperature Cycle Moisture Resistance Cyclic Terminal Strength (bending test) Terminal Strength (pull test) High Temperature Storage Temperature Humidity Storage Low Temperature Storage Steady State Operating Life Steady State Operating Life of High Humidity Heat Steady State Operating Life of Low Temperature (2)CRITERIA FOR JUDGING DAMAGE Item Symbol Test Conditions IF=30mA VR=5V IF=30mA Criteria for Judgement Min Max U.S.L.*) x 1.1 U.S.L.*) x 2.0 Standard Test Conditions Test Method JEITA ED-4701 Tsld=260 , 5sec. 300 302 1.6mm from the base of the stopper (Pre-treatment 30 ,70%,168hrs.) JEITA ED-4701 Tsld=235 5 , 5sec. 300 303 (using flux) 0 ~ 100 30min. 30min. JEITA ED-4701 -40 ~ 25 ~ 100 ~ 25 100 105 30min. 5min. 30min. 5min. JEITA ED-4701 25 ~ 65 ~ -10 200 203 90%RH 24hrs./1cycle JEITA ED-4701 Load 5N (0.5kgf) 400 401 0 ~ 90 ~ 0 bend 2 times JEITA ED-4701 Load 10N (1kgf) 400 401 10 1 sec. JEITA ED-4701 Ta=100 200 201 JEITA ED-4701 Ta=60 , RH=90% 100 103 JEITA ED-4701 Ta=-40 200 202 Ta=25 , IF=30mA 60 ,RH=90%, IF=15mA , IF=30mA Note 1 times Number of Damaged 0/50
1 time over 95% 100 cycles 100 cycles 10 cycles
No noticeable No noticeable
0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50
damage
damage 1000hrs. 1000hrs. 1000hrs. 1000hrs. 500hrs. 1000hrs.
Ta=-30
Forward Voltage VF Reverse Current IR Luminous Flux V *)U.S.L.:Upper Standard Level
L.S.L.**) x 0.7 **)L.S.L.:Lower Standard Level
Bright View Electronics
BVZ-925GN4
Cautions : (1) Storage Conditions The LEDs should be kept at 30 or less and 60% RH or less and should be used within a year and should be soldered within 168 hours (7days) after opening the package.
(2) Heat Generation The thermal design of the end product is very important. It is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. The operating current should be decided after considering the ambient maximum temperature of LEDs.
(3) Cleaning Isopropyl alcohol is recommended to be used as a solvent for cleaning the LEDs. Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
Bright View Electronics
BVZ-925GN4
(4) Soldering Bright View LEDs use a copper alloy lead frame which provides a high thermal conductivity. Thermal stress such as soldering heat may reduce the reliability of the product; particular caution should be used to avoid damage prior to and during soldering. The recommended soldering conditions are listed in the following table. Although the recommended soldering conditions are specified in the below table, dip or soldering at the lowest possible temperature is desirable. When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. Solder the LED no closer than 1.6mm from the base of the stopper. Dip soldering and hand solding should not be done more than one time. A rapid-rate process is not recommended for cooling the LEDs down from the peak temperatur Cut the LED leadframes at room temperature. Cutting the leadframes at high temperature may cause failure of the LEDs. Recommended soldering conditions Dip Soldering Hand Soldering 350 Max. 120 Max. Pre-Heat Temperature Pre-Heat Time Soldering Time 3 seconds Max. 60 seconds Max. No closer than 1.6 mmSolder Bath Temperatu260 Max. Position from the base of the Dipping Time 5 seconds Max. stopper. No lower than 1.6 mm from the Dipping Position base of the stopper.
Bright View Electronics
BVZ-925GN4
(5) Other Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating when using the LEDs with matrix drive. The LED light output is strong enough to injure human eyes. Precaution must be taken to prevent looking directly at the LEDs with unaided eyes for more than a few seconds The LEDs described here are intended to be used for ordinary electronic equipment, please consult Bright View's sales department in advance for information on applications. The appearance and specifications of the product may be modified for improvement without notice.


▲Up To Search▲   

 
Price & Availability of BVZ-925GN4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X