|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED PACKAGE CONFIGURATION 2 X R 0.69 0.20 BVZ-916EA4 DESCRIPTION Dice Material : AlGaInP Orange Red Light Color : Orange Red Color Lens Color : Water Transparent 1.25 X 1.25 CATHODE 7.62 0.5 3.0 ANODE RADIATION PATTERN 1.5 7.62 0.5 5.0 2.5 4.4 100 75 0.5 5.0 50 1.55 0.4 25 5.08 0.3 0.76 5.08 0 -80 -60 -40 -20 0 20 40 Viewlng Angle 60 80 ABSOLUTE MAXIMUM RATINGS AT Ta = 25 PARAMETER Power Dissipation Continuous Forward Current Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width ) Reverse Voltage Derating Linear From 50 Operating Temperature Range Storage Temperature Range LED Junction Temperature Soldering Preheat Temperature Lead Solder Temperature ( 1.5mm Below Seating Plane ) Tolerance 0.25 MAX. 140 50 100 5 0.9 40 to 100 55 to 100 125 100 C for 30 seconds 250 C for 5 seconds UNIT mW mA mA V mA/oC o C o C o C ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25 SYMBOL VF IR p d 2 1/2 V/ V R j-pin PARAMETER Forward Voltage Reverse Current Peak Emission Wavelength Dominant Wavelength Viewing Angle Luminous Intensity / Total Flux Thermal Resistance TEST COND. I F = 50mA V R = 5V I F = 50mA I F = 50mA I F = 50mA MIN. TYP. 2.3 623 617 90 0.7 125 MAX. 2.8 100 UNIT V A nm nm Deg cd/lm o C/W BIN GRADE LIMITS ( I F = 50 mA ) Total Flux / lm Bin Min. Max. E 2.2 2.8 F 2.8 3.6 G 3.6 4.7 H 4.7 6.0 I J 6.0 7.8 7.8 10.0 Tolerance 15%lm *Bright View reserves the rights to alter specifications and remove availability of products at any time without notice. *Dominant Wavelength, d is according to CIE Chromaticity Diagram base on color of the device. * 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 2006/2/17 - B BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX LED BVZ-916EA4 g TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES FIG. 1 Forward Current vs. Forward Voltage ( Ta = 25 C ) 100 90 80 70 60 50 40 30 20 10 0 3.0 2.5 Relative Intensity 2.0 1.5 1.0 0.5 0 1.7 2.0 2.3 2.6 Forward Voltage Vf ( V ) 2.9 0 20 40 60 80 100 120 140 Forward Current If ( mA ) Forward Current ( mA ) FIG. 2 Relative Total Flux vs. Forward Current ( Ta = 25 C ) FIG. 3 Forward Voltage vs. Temperature 1.2 Relative Total Flux @ 50mA Forward Voltage @ 50mA 1.1 1.0 0.9 0.8 -50 3.0 2.5 2.0 1.5 1.0 0.5 FIG. 4 Relative Intensity vs. Temperature -25 0 25 50 75 100 125 0 -50 -25 0 25 50 75 100 125 Ambient Temperature Ta ( C ) FIG. 5 Relative Intensity vs. Wavelength ( p ) ( Ta = 25 C ) IF-DC Forward Current ( mA ) 1.0 Forward Intensity @ 50mA 80 60 40 20 0 0 Ambient Temperature Ta ( C ) FIG. 6 Maximum Forward Current vs. Temperature 0.5 0 550 600 650 Wavelength ( nm ) 700 20 40 60 80 100 Ambient Temperature Ta ( C ) 120 2006/2/17 - B BRIGHT VIEW ELECTRONICS CO.,LTD SUPER FLUX PACKING 48.5 Front Gap Side Tube Dimension(cm): 1.27* 0.97* 48.5 60PCS / Tube L/N BV P/N :___________:______:________ BIN :______ Q'ty QA : 0.97 1.27 13.5 BOX Dimension(cm): 10.5 * 13.5 * 50.5 100 Tubes / Box 50.5 Box : 6,000PCS 3 Bright View PART NO.: LOT NO.: GRADE: Q'ty Xpcs Electronics Co.,Ltd. BVZ-91XXXX QA TYPE Q'TY N,W G,W C.NO PCS KGS KGS X: Bin grade : Wavelength : Vf 10.5 30 52 RE Y CARTON Dimension(cm): 23*30*52 23 ITEM NO. DEVICE: Q'TY N. W.: G. W.: 4 Boxes / Carton Total : 24,000PCS PCS. KGS. KGS. 2004 / 3 / 4 - B |
Price & Availability of BVZ-916EA4 |