Part Number Hot Search : 
GL2504 300AT CLLZ39 WH1602A AN79N15 BAS32L0 LM2574 PFW5008
Product Description
Full Text Search
 

To Download BVZ-915EA4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT VIEW ELECTRONICS CO.,LTD
SUPER FLUX LED
PACKAGE CONFIGURATION
2 X R 0.69 0.20
BVZ-915EA4
DESCRIPTION
Dice Material : AlGaInP Orange Red Light Color : Orange Red Color Lens Color : Water Transparent
1.25 X 1.25
CATHODE
7.62 0.5
ANODE
RADIATION PATTERN
100 75
2.50 0.5
7.62 0.5
5.0 2.5 4.7
5.3
50
0.4 1.55 0.76 0.1 5.08
25
5.08 0.3
0
-80 -60 -40 -20
0
20
40
60
80
Viewlng Angle
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
PARAMETER Power Dissipation Continuous Forward Current Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width ) Reverse Voltage Derating Linear From 50 Operating Temperature Range Storage Temperature Range LED Junction Temperature Soldering Preheat Temperature Lead Solder Temperature ( 1.5mm Below Seating Plane )
Tolerance 0.25
MAX. 140 50 100 5 0.9 40 to 100 55 to 100 125 100 C for 30 seconds 250 C for 5 seconds
UNIT mW mA mA V mA/oC o C o C o C
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL VF IR p d 2 1/2 V/ V R j-pin PARAMETER Forward Voltage Reverse Current Peak Emission Wavelength Dominant Wavelength Viewing Angle Luminous Intensity / Total Flux Thermal Resistance TEST COND. I F = 50mA V R = 5V I F = 50mA I F = 50mA I F = 50mA MIN. TYP. 2.3 623 617 120 0.3 125 MAX. 2.8 100 UNIT V A nm nm Deg cd/lm o C/W
BIN GRADE LIMITS ( I F = 50 mA ) Total Flux / lm
Bin Min. Max. D 1.7 2.2 E 2.2 2.8 F 2.8 3.6 G 3.6 4.7 H I 4.7 6.0 6.0 7.8 Tolerance 15%lm
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice. *Dominant Wavelength, d is according to CIE Chromaticity Diagram base on color of the device. * 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 2006/2/17 - B
BRIGHT VIEW ELECTRONICS CO.,LTD
SUPER FLUX LED
BVZ-915EA4
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES
FIG. 1 Forward Current vs. Forward Voltage ( Ta = 25 C ) 100 90 80 70 60 50 40 30 20 10 0 3.0 2.5 Relative Intensity 2.0 1.5 1.0 0.5 0 1.7 2.0 2.3 2.6 Forward Voltage Vf ( V ) 2.9 0 20 40 60 80 100 120 140 Forward Current If ( mA ) Forward Current ( mA ) FIG. 2 Relative Total Flux vs. Forward Current ( Ta = 25 C )
FIG. 3 Forward Voltage vs. Temperature 1.2 Relative Total Flux @ 50mA Forward Voltage @ 50mA 1.1 1.0 0.9 0.8 -50 3.0 2.5 2.0 1.5 1.0 0.5
FIG. 4 Relative Intensity vs. Temperature
-25
0
25
50
75
100 125
0 -50 -25
0
25
50
75
100 125
Ambient Temperature Ta ( C ) FIG. 5 Relative Intensity vs. Wavelength ( p ) ( Ta = 25 C ) IF-DC Forward Current ( mA ) 1.0 Forward Intensity @ 50mA 80 60 40 20 0 0
Ambient Temperature Ta ( C ) FIG. 6 Maximum Forward Current vs. Temperature
0.5
0 550
600 650 Wavelength ( nm )
700
20 40 60 80 100 Ambient Temperature Ta ( C )
120
2006/2/17 - B
BRIGHT VIEW ELECTRONICS CO.,LTD
SUPER FLUX PACKING
48.5
Front Gap Side
Tube Dimension(cm): 1.27* 0.97* 48.5 60PCS / Tube L/N BV P/N :___________:______:________ BIN :______ Q'ty QA :
0.97
1.27
13.5
BOX Dimension(cm): 10.5 * 13.5 * 50.5 100 Tubes / Box 50.5 Box : 6,000PCS
3
Bright View
PART NO.: LOT NO.: GRADE: Q'ty Xpcs
Electronics Co.,Ltd.
BVZ-91XXXX
QA TYPE Q'TY N,W G,W C.NO PCS KGS KGS
X: Bin grade : Wavelength : Vf
10.5
30
52
RE Y
CARTON Dimension(cm): 23*30*52
23
ITEM NO. DEVICE: Q'TY N. W.: G. W.: 4 Boxes / Carton Total : 24,000PCS
PCS. KGS. KGS.
2004 / 3 / 4 - B


▲Up To Search▲   

 
Price & Availability of BVZ-915EA4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X