|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Film Capacitors - AC Capacitors Motor run capacitors Series/Type: Ordering code: Date: Version: B32335 - Dual MotorCapTM, 450 V B32335 January 2010 4 entered in headers and footers! Please fill in the Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: FC PC AC PM January 2010 4 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V Construction Metallized polypropylene film Aluminum can with plastic top Soft polyurethane resin Applications For general sine wave applications, mainly as motor run capacitor for air condition application Features Self-healing properties Low dissipation factor Highest safety level P2 to IEC 60252-1 2001-02 Overpressure disconnection device High insulation resistance EN 60335 compliance on request Terminals Single fast on 6.3 x 0.8 mm for FAN (F) Double fast on 6.3 x 0.8 mm for HERM (H) Quadruple fast on 6.3 x 0.8 Common (C) Other terminations on request Mounting parts Threaded stud at bottom of can (M8, max. torque = 5 Nm) as option Technical data and specifications Reference standards IEC 60252-1 2001-02 EN 60252 2001 UL 810 Life expectance to IEC 60252 2001 Safety class according to IEC 60252-1 2001-02 UL 810 file E 106388 Rated capacitance CR Tolerance Permitted capacitance C/C Rated voltage VR Rated frequency fR 450 V: 10,000 h (class B) P2 Approved Component 10000 AFC protected up to 450 V 10+1 to 60+10F 5% 3 % 450 V AC 50 / 60 Hz FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 8 January 2010 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V Maximum ratings Maximum permissible voltage Vmax Maximum permissible current Imax Test data AC test voltage terminal to terminal VTT AC test voltage terminals to can VTC Insulation resistance Rins or time constant at 20 C, Rel. humidity max. value 85%, annual means 65% Dissipation factor tan at 20 C Maximum rate of voltage rise dV/dtmax Climatic data Climatic category Lower category Tmin Upper category Tmax Damp heat test ttest Mechanical and thermal properties Ball pressure test to IEC 60309-1 sec. 27.3 Plastic can and top disk material Option A: UL 94 V2 compatible Glow wire test to IEC 60695-2-1/1 Test temperature 550 C for IR 0.5 A Test temperature 850 C for IR > 0.5 A UL 94 V2/V0 compatible Glow wire test to IEC 60335-1 / IEC 60695-2-1/1 Test temperature 550 C / 750 C Part is compatible to EN 60335-1 >250 V Self-extinguish within 2 seconds of withdrawing glow wire Self extinguish within 30 seconds of withdrawing the glow At 125 C UL 94 V2 minimum 25/085/21 to IEC 60068-1 -25 C +85 C 21 days 2 * VR, 2 s (routine test) 2 * VR, 60 s (type test) 2 kV AC, 2 s (routine test) 2 kV AC, 60 s (type test) 3,000 s 1.0 *10-3 (120 Hz) 10 V/s 1.1 * VR 1.3 * IR (VR= Rated voltage) (IR= Rated current) Option B: Tracking test to IEC 60112 solution A Compatibility to RoHS Compliance to directive 2002/95/EC FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 8 January 2010 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V Approvals TUV 450 V / 85 C: UL 810 E106388 C US EU palett as standard Cardboard tape on palett Pack unit, see dimension table 10,000 h (class B) Approved Approved Component 10000 AFC, protected up to 450 V Logistics Delivery mode Dimensional drawing FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 8 January 2010 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V Ordering codes VR V AC CR F 10+1 10+1.5 10+2 12+1.5 12+2 12+5 13+1.5 13+1.8 13+2 13+5 15+1.5 15+2 15+2.5 15+3 15+4 15+5 17+1.8 20+1.5 20+2 20+4 20+5 25+1.5 25+2 25+2.5 25+3 25+4 25+5 25+7.5 25+8 25+10 30+1.5 30+1.8 30+2 35+1.5 35+2 Dimensions DxH mm 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 70 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 80 40 x 94 40 x 94 40 x 94 40 x 94 40 x 94 40 x 94 40 x 105 40 x 105 Ordering code Packing unit 450 B32335I6116J0*0 B32335I6116J5*0 B32335I6126J0*0 B32335I6136J5*0 B32335I6146J0*0 B32335I6176J0*0 B32335I6146J5*0 B32335I6146J8*0 B32335I6156J0*0 B32335I6186J0*0 B32335I6166J5*0 B32335I6176J0*1 B32335I6176J5*0 B32335I6186J0*1 B32335I6196J0*0 B32335I6206J0*0 B32335I6186J8*0 B32335I6216J5*0 B32335I6226J0*0 B32335I6246J0*0 B32335I6256J0*0 B32335I6266J5*0 B32335I6276J0*0 B32335I6276J5*0 B32335I6286J0*0 B32335I6296J0*0 B32335I6306J0*0 B32335I6326J5*0 B32335I6336J0*0 B32335I6356J0*0 B32335I6316J5*0 B32335I6316J8*0 B32335I6326J0*0 B32335I6366J5*0 B32335I6376J0*0 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 36 FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 8 January 2010 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V VR V AC CR F 35+3 35+5 35+6 35+8 35+10 40+5 45+4 45+5 46+6 45+10 50+4 50+5 55+5 60+10 450 Dimensions DxH mm 40 x 105 40 x 105 40 x 105 40 x 105 40 x 105 40 x 105 45 x 105 45 x 105 45 x 105 45 x 105 45 x 105 45 x 105 53 x 105 53 x 105 Ordering code Packing unit B32335I6386J0*0 B32335I6406J0*0 B32335I6416J0*0 B32335I6436J0*0 B32335I6456J0*0 B32335I6456J0*1 B32335I6496J0*0 B32335I6506J0*0 B32335I6526J0*0 B32335I6556J0*0 B32335I6546J0*0 B32335I6556J0*1 B32335I6606J0*0 B32335I6706J0*0 36 36 36 36 36 36 25 25 25 25 25 25 25 25 Composition of ordering code: * : construction of can and plastic top 5 aluminum can, without mounting, V2 Top disc 6 aluminum can, without mounting, V0 Top disc, IEC60335 compliance 7 aluminum can, with M 8 bolt, UL 94 V2 top disc 8 aluminum can, with M 8 bolt, UL 94 V2/V0 top disc / IEC 60335-1 FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 6 of 8 January 2010 Film Capacitors - AC Capacitors Motor run capacitors B32335 B32335 - Dual MotorCapTM, 450 V Ordering code structure: B32335 I6 ### J 0 * 0 0 - Standard 1 to 9 - Optional Dual Cap series Rated voltage 6 = 450 V AC Top construction 5 - Without mounting, V2 Top disc 6 - Without mounting, V0 Top disc, IEC 60335 compliance 7 - With Mounting Stud V2 Top Disc 8 - With mounting, V0 Top disc, IEC 60335 compliance Rated capacitance First two digits = significant figures Third digit = exponent E.g. 705 = 70 pF x 105 = 7 F Capacitance in decimal Capacitance tolerance J = 5% FC PC AC PM Please read Cautions and warnings and Important notes at the end of this document. Page 7 of 8 January 2010 Important notes The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DigiSiMic, DSSP, MiniBlue, MiniCell, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. Page 8 of 8 |
Price & Availability of B32335I6306J050 |