Part Number Hot Search : 
DZ2J150 477M00 MA2YD21 TMG25C60 S3U7805 DB104G SI8409DB SMDA15C
Product Description
Full Text Search
 

To Download APL08145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 plerowTM APL0814.5
PLL Module Features
* 4 dBm Output Level at 814.5 MHz * Channel Step Size : 10 kHz *2
nd
Description
The plerowTM PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB's PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.
Harmonic : < -20 dBc
* Spurious Level : < -65 dBc * Lock Time : < 10 ms * Current Consumption : < 35 mA
Specifications
Parameter Frequency Range Output Power Supply Voltage Current Consumption Channel Step Size 2 Harmonics Spurious Level Lock Time Reference Frequency Reference Input Level Phase Noise (C / N) @ 1 kHz @ 10 kHz @ 100 kHz Output Impedance Operating Temp. Range Package Type & Size C mm -40 dBc/Hz -74 -104 -120 50 25 SMT, 19.0Wx19.0Lx5.8H 80 -68 -100 -115
nd
Unit MHz dBm V mA kHz dBc dBc ms MHz dBm
Min. 789 2 4.75
Typical
Max. 840
4 5 20 10 -25 -70 5 10 0
6 5.25 35
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
-20 -65 10
1) Measurement conditions are as follows: T = 25C, VCC = 5 V, Freq. = 814.5 MHz, 50 ohm system.
Outline Drawing
1/1
www.asb.co.kr
June 2008


▲Up To Search▲   

 
Price & Availability of APL08145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X