Part Number Hot Search : 
OPF480 CS485XX VNP28N04 MA3180 00051 HIROSE 1410517 ST150A13
Product Description
Full Text Search
 

To Download AEN-0103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CADDOCK
Applications Engineering Note: AEN-0103
Release Date: 03/12/03, Rev. A, Rev. Date: 03/12/03 Page 1 of 1
Application of the Type CHR High Resistance Precision Chip Resistors
When using the Type CHR resistor three factors are key to optimizing the performance of this high resistance precision chip resistor: Temperature, Circuit Board Layout, and Solder Attachment. These high resistance precision chip resistors are designed for use in extremely low signal detection / amplification circuits. The designer can choose from a number of available standard resistance values to optimize the circuit design. Applications include Photodiode signal amplification, photomultipliers, ionization detection, etc. These precision high resistance chip resistors can also be ideal for use as the input resistor for high impedance voltage division and gain setting. Operating Temperature vs. optimized performance: The Type CHR High Resistance Precision Chip has a very low temperature coefficient relative to the operating temperature. For resistance of 10 Meg up to 25 Meg the low 25ppm/C applies over the temperature range of -40C to +85C, referenced to +25C. For resistance values above 25 Meg the temperature coefficient is defined in two temperature ranges to help in optimizing performance. A temperature Coefficient of 35 ppm/C applies from +10C to +40C, referenced to +25C and 70ppm/C applies over the temperature range of -40C to +85C, referenced to +25C. For maximum stability, the product should be operated in an ambient temperature below +85C. Operating Stability, TC performance vs. circuit board layout: The Type CHR High Resistance Precision Chip Resisor has excellent Temperature Coefficient and stability specifications. To achieve the best performance it is important to minimize the contribution of circuit board issues relative to high resistance leakage. To optimize the layout for this chip resistor the circuit board should have a slot designed in the board directly under the resistor element to provide for enhanced cleaning under this high resistance chip. Additionally, the slot will provide high insulation resistance, provided by the "slot", the air gap. The slot will also reduce capacitive coupling to the circuit board from the chip resistor element (the Flip Chip "FC Style" chip resistor's element faces toward the board surface in the soldering of this resistor to the circuit board). There should not be any copper trace in the layout directly under the resistor (the slot helps to prevent this design error as well). (See Fig.#1 for circuit board layout sketch). Style FC - Flip Chip Version for surface mount applications. This version has solderable metallized termination pads on one side of the substrate, the same side as the resistive element. The backside of the substrate is bare ceramic Solder attachment note: The recommended solders for flip chip solder attachment are 62Sn/36Pb/2Ag, 96.5Sn/3.5Ag or standard Sn/Ag/Cu solder alloys.
FLIP CHIP SOLDERED ON CIRCUIT BOARD
CHIP RESISTOR
SOLDER PASTE (REFLOWED)
CIRCUIT BOARD
CIRCUIT BOARD
Slot through circuit board
CIRCUIT BOARD
Typical slot width is a minimum of 1.5 times the chip resistor width.
CADDOCK
(c) Caddock Electronics, 2003
Fig. 1
A copy of this Application Note can be obtained at www.caddock.com


▲Up To Search▲   

 
Price & Availability of AEN-0103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X