Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download 70208010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC
Special Fuse, 14 x 50 mm
NON RESETTABLE FUSES
380 VDC * Quick-Acting F
Description
- High Breaking Capacity
References
General Product Information Time-Current Curves see last page Corresponding Fuseholder 231756R
Weblinks
Approvals: http://www.schurter.com/approvals RoHS: http://www.schurter.com/rohs
Technical Data
Rated Voltage Rated Current Breaking Capacity Characteristic Admissible Ambient Air Temp. Climatic Category Material: Tube Unit Weight Storage Conditions Product Marking 380 VDC 0.5 - 50 A 85 kA Quick-Acting F -5 C to 70 C 5/070/21 acc. to IEC 60068-1 Ceramic 30 g 0 C to 60 C, max. 70% r.h. Type, Current Rating, Voltage Rating Length Resistance to Vibration Shocks Salt Mist Dump Heat Climatic Composite acc. to NF C 20-706 / IEC 60068-2-6, test Fc acc. to NF C 20-706 / IEC 60068-2-27 acc. to NF C 20-711 / IEC 60068-2-11 acc. to NF C 20-604 acc. to NF C 20-610 Phase 1-2-3-5
Dimensions
50 mm
o 140.2
13 50 +1.5
13
3
Pre-Arcing Time
Rated Current In 0.5 A - 50 A 1.25 x In min. 60 min 1.8 x In max. 60 min 3.0 x In max. 25 s
1
www.schurter.com
MC
NON RESETTABLE FUSES
Variants
Order Number Rated Cur rent [A] 0.5 1 2 4 6 10 15 20 30 40 50 Rated Vol- Breaking Voltage Drop tage [VDC] Capacity 1.0 In typ [mV] 380 380 380 380 380 380 380 380 380 380 380 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 2500 1500 500 350 250 100 100 220 165 120 100 Melting It 10.0 In typ [As] 0.38 0.2 1.6 16 36 200 400 500 160 6500 13000
7020.8010 7020.8020 7020.8030 7020.8040 7020.8050 7020.8060 7020.8070 7020.8080 7020.8090 7020.8100 7020.8110
1) 85 kA @ 456 VDC , L/R = 15 - 20 ms
Packaging Unit
Small Box Pack (10 pcs.)
2
www.schurter.com
TIME-CURRENT CURVES
NON RESETTABLE FUSES
MC
100000
10000
1000
100
10
1
0.1
0.01
0.001 1 10
3
www.schurter.com


▲Up To Search▲   

 
Price & Availability of 70208010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X