Part Number Hot Search : 
KA8304 SR5903 RC8650L DLZ33A RM13TR ST2SC 48M05F TS414
Product Description
Full Text Search
 

To Download 5023961010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5023961010 Active
slimstack_mm016_pitch 0.40mm (.016") Pitch SlimStackTM Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 2.50mm (.098") Stacking Height, With Solder Tabs, 100 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-501635-002 (PDF) RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 502396 Board-to-Board slimstack_mm016_pitch SlimStackTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 100 100 Black 30 No No No None Yes 0.098 In 2.50 mm Brass, Phosphor Bronze Gold Gold High Temperature Thermoplastic 2 Vertical No Yes Embossed Tape on Reel 0.016 In 0.40 mm 0.016 In 0.40 mm 10.000 0.25 2.000 0.05 No No Closed Ends No Yes -30C to +85C Surface Mount Search Parts in this Series 502396Series Mates With 501635 SlimStackTM Board-to-Board Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum
0.3A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-501635-002, RPS-501635-004 SD-502396-001, SD-502396-002
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5023961010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X