Part Number Hot Search : 
CM906 49H313 LTM8045 CD214B 5333V1 AS431AR 00211 MC33493
Product Description
Full Text Search
 

To Download 380FM109B08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-109 EMI/RFI Non-Environmental Backshell
with Strain Relief Type E - Self-Locking - Rotatable Coupling - Full Radius
38
CONNECTOR DESIGNATORS
380 F S 109 M 24 12 D A 6 Product Series Connector Designator Angle and Profile M = 45 N = 90 S = Straight Basic Part No. Cable Entry (Tables X, XI) Finish (Table II) Shell Size (Table I) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Termination (Note 5) D = 2 Rings T = 3 Rings
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING TYPE E INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
A Thread (Table I)
Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
E Typ. (Table I) STYLE 2 (STRAIGHT See Note 1) 1.00 (25.4) Max
F (Table III)
Anti-Rotation Device (Typ.)
H (Table III)
G (Table III)
STYLE 2 (45 & 90 See Note 1) STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X
J (Table III)
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 98
with Strain Relief Type E - Self-Locking - Rotatable Coupling - Full Radius See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 F Max .963 (24.5) 1.017 (25.8) 1.067 (27.1) 1.121 (28.5) 1.170 (29.7) 1.220 (31.0) 1.274 (32.4) 1.328 (33.7) 1.377 (35.0) G Max .867 (22.0) .921 (23.4) .971 (24.7) 1.025 (26.0) 1.074 (27.3) 1.124 (28.5) 1.178 (29.9) 1.262 (32.1) 1.281 (32.5) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.906 (48.4) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) J Max 1.185 (30.1) 1.310 (33.3) 1.435 (36.4) 1.560 (39.6) 1.685 (42.8) 1.810 (46.0) 1.935 (49.1) 2.060 (52.3) 2.185 (55.5) TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY V Cable Range T Max Max Min Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Designate Symbol T for 3 ring termination of individual and overall braid. Designate D for standard 2 ring termination of individual or overall braid.
TABLE XI: CABLE ENTRY Dash W Z Y X Cable Range No. Max Max Max Max Min ** Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) .156 (4.0) .250 (6.4) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) .188 (4.8) .312 (7.9) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) .281 (7.1) .438 (11.1) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) .344 (8.7) .562 (14.3) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) .781 (19.8) 1.375 (34.9) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) .969 (24.6) 1.625 (41.3) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 1.125 (28.6) 1.875 (47.6) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) 1.469 (37.3) 2.375 (60.3) * Not available in Style M clamp. ** Not Applicable Style D
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 99
38
380-109 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380FM109B08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X