|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0015977083 Active minifit_tpa 4.20mm (.165") Pitch Mini-Fit TPATM Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, Tin (Sn) Plating, without Drain Holes Documents: 3D Model Drawing (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Application Comments PCB Headers 30069 Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information.. Square Pin, Solder Type, High Vibration Application minifit_tpa Mini-Fit TPATM Overview Product Name Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) No 8 8 Black 30 No 94V-0 No No None Yes Brass Tin Tin Polyester 2 Vertical Yes Yes 0.070 In 1.80 mm Tray 0.165 In 4.20 mm 0.165 In 4.20 mm 35 Search Parts in this Series 30069Series Mates With 30067 Mini-Fit TPATM Receptacle Housing Use With Mini-Fit TPATM Receptacle Housing 30071 , 30072 Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 0.90 35 0.90 Yes Yes Partial No No -40C to +105C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 13A 600V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number 30069-08C1 Reference - Drawing Numbers Product Specification Sales Drawing PS-5556-003 SDA-30069-**** This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 30069-08C1 |