Part Number Hot Search : 
03C22 SB104 IT310 C5343 05E21 16400C1 PM2104 MJ12021
Product Description
Full Text Search
 

To Download 2SB794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package DARLINGTON High DC current gain Low collector saturation voltage Complement to type 2SD985 2SD986 APPLICATIONS For use in operating from IC without predriver ,such as hammer driver
PINNING(See Fig.2) PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB794 2SB795
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2SB794 VCBO Collector-base voltage 2SB795 2SB794 VCEO Collector-emitter voltage 2SB795 VEBO IC ICM Emitter-base voltage Collector current (DC) Collector current-peak Ta=25ae PD Total power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 10 150 -55~150 ae ae Open collector Open base -80 -8 -1.5 -3.0 1.0 W V A A Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB794 V(BR)CEO Collector-emitter breakdown voltage 2SB795 VCEsat VBEsat Collector-emitter saturation voltage Base-emitter saturation voltage 2SB794 ICBO Collector cut-off current 2SB795 IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-2V IC=-1A ; VCE=-2V 1000 2000 IC=-1A ;IB=-1mA IC=-1A ;IB=-1mA VCB=-60V; IE=0 IC=-10mA ;IB=0 -80 CONDITIONS MIN -60
2SB794 2SB795
SYMBOL
TYP.
MAX
UNIT
V
-1.5 -2.0
V V
-1.0
|I
A
-2.0
mA
30000
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1.0A ; IB1=-IB2=-1.0mA VCC=-50V;RL=50| 0.5 1.0 1.0 |I |I |I s s s
hFE-2 Classifications M 2000-5000 L 4000-10000 K 8000-30000
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB794 2SB795
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X