Part Number Hot Search : 
TC4308I 21131 40MHZ B5117 HFP5N50S IRFP3 AA92193 L3705
Product Description
Full Text Search
 

To Download 2FCS22SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Adam Technologies, Inc.
INTRODUCTION: Adam Tech 2FCS Series 2.00mm IDC Sockets are low profile, precision designed flat cable sockets that feature 2.00mm pin to pin and row to row centerlines. These sockets quickly and easily mass terminate flat cable in one simple step. Their versatility allows them to mate with a multitude of 2.00mm pin headers. Our superior selectively gold plated contact design provides a smooth high pressure wiping action to ensure excellent continuity. They are used with a single layer of 1.00mm flat cable. Their small size, light weight and high density make them ideal for compact and limited space applications. FEATURES: Low Profile and High Density Uses Single layer 1.00mm Flat Cable Quickly and easily mass terminates standard Flat Cable MATING CONNECTORS: Adam Tech 2.0mm 2BHR series box headers and 2PH series pin headers SPECIFICATIONS: Material: Insulator: PBT, glass reinforced, rated UL94V-0 Insulator Color: Black Contacts: Phosphor Bronze Contact Plating: Gold flash (30 in optional) over nickel underplate on contact area, tin over copper underplate on IDC area Electrical: Operating voltage: 250V AC max. Current rating: 1 Amp max. Contact resistance: 20 m max. initial Insulation resistance: 3000 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 0.661 lbs per contact max. Withdrawal force: 0.044 lbs per contact min. Recommended wire size: 30 - 28 Awg stranded Cable retention: 24 lbs. min axial force per inch. Mating durability: 500 cycles min. Temperature Rating: Operating temperature: -40C to +105C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
2.00mm IDC SOCKET & TRANSITION PLUG
.079" [2.00 X 2.00] CENTERLINE
2FCS & 2FTR SERIES
ORDERING INFORMATION 2FCS 40 SG
SERIES INDICATOR 2FCS = 2.00mm Flat Cable IDC Socket 2FTR = 2.00mm Flat Cable Transition Plug
PLATING OPTIONS SG = Selectively Gold-Plated
POSITIONS 2FCS: 06, 08, 10, 12, 24, 26, 34, 36, 2FTR: 08, 10, 12, 14, 30, 34, 40, 44,
14, 16, 18, 20, 22, 40, 44, 50, 60, 68 16, 20, 22, 24, 26, 50, 68
NOTE: Mating Box Headers for this series located on page 264
Pb
UL
(R)
(R)
(R)
DE
V
RoHS
COMPLIANT 2002 / 95 / EC
OPTIONS: Add designator(s) to end of part number 30 = 30 in gold plating in contact area PB = Polarizing bump
318
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of 2FCS22SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X