Part Number Hot Search : 
FS4000 ST72F 12101 TA78M20S B5923B RF200 C101MP 68HC90
Product Description
Full Text Search
 

To Download 0945100203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0945100203 Active
Fork Terminal for 0.75-1.00mm (18 AWG) wire
Documents: Drawing (PDF) Product Specification PS-94509-002 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Crimp Quality Equipment Product Name Crimp Terminals 94510 Yes Fork Terminal
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 20 Receptacle Phosphor Bronze Tin Tin Reel 120.00 3.000 120.00 3.00 Crimp or Compression 2.10mm 18 0.75 - 1.00
Search Parts in this Series 94510Series
Electrical
Current - Maximum per Contact Voltage - Maximum 6A 50V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-94509-002 SD-94510-0X03
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0945100203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X