Part Number Hot Search : 
KIA7727P 87C51F NTE5536 EM61400 2SC3927 FR157G 33HCB EC5575
Product Description
Full Text Search
 

To Download 0919990511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0919990511 Active
rast_5_connector_system 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Reference K05, Tin (Sn) Plating, Glow Wire Compatible
Documents: Drawing (PDF) Product Specification PS-99020-0037 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 91999 Wire-to-Board rast_5_connector_system RAST 5
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to PCB Robotic Placement Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 3 3 Natural 10 No 94V-0 Yes No Yes No Brass Tin Nylon 1 Vertical 0.154 In 3.90 mm Yes None 0.055 In 1.40 mm Bag 0.197 In 5.00 mm 200 5 Yes None Fully No No -20C TO +120C Through Hole
Search Parts in this Series 91999Series
Electrical
Current - Maximum per Contact Voltage - Maximum 16A 250V AC
Material Info
Old Part Number WITH ZYTEL RM
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-90858-001 PS-99020-0037 SD-91999-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0919990511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X