Part Number Hot Search : 
ET72110 C1300 DS1012 5ETTTS PA1220 AM15003 5AA04 LTC624
Product Description
Full Text Search
 

To Download 0850010036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850010036 Active
IEC 603-2 / DIN 41612 2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6m (24") Selective Gold (Au), 64 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-85003-0001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 85001 Daughtercard No Mounting Clips. No Flux Proof PCB Header IEC 603-2 / DIN 41612 IEC 603-2/DIN 41612 B
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Temperature Range - Operating Termination Interface: Style 64 64 Contact Positions: A:a1-a32 and B:b1-b32 400 No 94V-0 No Yes 16 Open Pin Field 2 Right Angle 0.118 In 3.00 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm -55C to +125C Through Hole
Search Parts in this Series 85001Series Mates With DIN 41612 Receptacle 85040 , 85050
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1.5A 622.0 Mbps 250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-85003-0001 SDA-85001-0001, SDA-85001-0036
This document was generated on 03/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850010036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X