Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download 0783960001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0783960001 Active
0.80mm(.031"), 1.27mm(.050") Micro SAS Receptacle, Vertical, SMT, 0.76m(30") Gold (Au) Plating, 25 Circuits, for 1.00mm (.039") PCB Thickness,Halogen free, Lead free
Documents: Drawing (PDF) Product Specification PS-78396-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type I/O Connectors 78396 Board-to-Board Receptacle Micro SAS N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style N/A 25 25 Signal 14, Power 9, Sideband 2 Black 500 94V-0 Female Yes None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.039 In 1.00 mm Embossed Tape on Reel Yes 0.031 In, 0.050 In 0.80 mm, 1.27 mm 30 0.76 100 2.54 Yes Yes 2 0C to +55C Surface Mount
Search Parts in this Series 78396Series Mates With 78394 , 78528 Micro SAS Plugs
Waterproof / Dustproof Wire Size AWG
No N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 30V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-78396-001 PS-78396-001 SD-78396-001
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0783960001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X