Part Number Hot Search : 
31E12 HMC33709 10002 FS7M0680 AT3102S TLRE53TF 20000 C330M
Product Description
Full Text Search
 

To Download 0754921025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0754921025 Active
gbx_backplane_connector_system 1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX(R) Backplane Connector System, Power Module, 4 Circuits, 1.27m (50") Gold (Au), Lead Free
Documents: Drawing (PDF) Product Specification PS-75221-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
UL E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75492 Backplane Tooling Manual Blade Length A 4.50mm, B 7.50mm Power Header gbx_backplane_connector_system GbX(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) 4 4 Rows A & B Gray (Dark) 200 Yes 94V-0 No None High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic N/A 2 2 Vertical 0.090 In 2.28 mm Yes Yes 0.063 In 1.60 mm Tube 0.730 In 1.85 mm 0.102 In 2.60 mm 50 1.25
Search Parts in this Series 75492Series Mates With 75292 GbX(R) Daughtercard
Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
30 0.75 Yes No Yes 105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Shielded Voltage - Maximum 6A 8.0 Gbps No 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-578 Product Specification PS-75221-999 Sales Drawing SD-75492-001 GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0754921025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X