|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0746961011 Active vhdm__hsd 2.00mm (.079") Pitch 5-Row VHDM-HSDTM Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series LR19880 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA General Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74696 Backplane Tooling Manual Keying Position A PCB Header vhdm__hsd VHDM-HSDTM N/A Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 40 40 Black 200 No 94V-0 Yes Yes High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 5 Vertical None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 30 0.75 30 0.75 Yes Yes Yes -55C to +105C Through Hole - Compliant Pin Search Parts in this Series 74696Series Mates With 74670 HSD Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) 5 Row Pin 0622015810 and Shield Repair Tool VHDM(R) 5 Row 0622016010 Shield Extraction Tool VHDM-HSDTM Signal 0622020201 Header, 5 Row by Electrical Current - Maximum per Contact Data Rate Real Signals (per 25mm) Voltage - Maximum 1A 5.0 Gbps 48 120V AC (RMS)/DC 10 Wide, 20.00mm (.787") Material Info Reference - Drawing Numbers Packaging Specification Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation PK-74696-003 SD-74696-002 This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0746961011 |